Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC121C021 Datasheet (PDF) - Texas Instruments

ADC121C021 Datasheet PDF - Texas Instruments
Part # ADC121C021
Download  ADC121C021 Download
File Size   1025.2 Kbytes
Page   46 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC101C021/ADC101C027 I2C-Compatible, 10-Bit Analog-to-Digital Converter (ADC) with Alert Function

ADC121C021 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC121C021 Datasheet PDF - Texas Instruments

Part # ADC121C021
Download  ADC121C021 Click to download

File Size   1025.2 Kbytes
Page   46 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC101C021/ADC101C027 I2C-Compatible, 10-Bit Analog-to-Digital Converter (ADC) with Alert Function

ADC121C021 Datasheet (HTML) - Texas Instruments


ADC121C021 Product details

1FEATURES
23• I2C-Compatible 2-wire Interface which
supports standard (100kHz), fast (400kHz), and
high speed (3.4MHz) modes
• Extended power supply range (+2.7V to +5.5V)
• Up to nine pin-selectable chip addresses
(VSSOP-8 only)
• Out-of-range Alert Function
• Automatic Power-down mode while not
converting
• Very small SOT-6 and VSSOP-8 packages
• ±8kV HBM ESD protection (SDA, SCL)

APPLICATIONS
• System Monitoring
• Peak Detection
• Portable Instruments
• Medical Instruments
• Test Equipment

KEY SPECIFICATIONS
• Resolution 10 bits; no missing codes
• Conversion Time 1μs (typ)
• INL & DNL ±0.5 LSB (max)
• Throughput Rate 188.9 kSPS (max)
• Power Consumption (at 22kSPS)
– 3V Supply 0.26 mW (typ)
– 5V Supply 0.78 mW (typ)

DESCRIPTION
The ADC101C021 is a low-power, monolithic, 10-bit,
analog-to-digital converter (ADC) that operates from a
+2.7 to 5.5V supply. The converter is based on a
successive approximation register architecture with
an internal track-and-hold circuit that can handle input
frequencies up to 11MHz. The ADC101C021
operates from a single supply which also serves as
the reference. The device features an I2C-compatible
serial interface that operates in all three speed
modes, including high speed mode (3.4MHz).
The ADC's Alert feature provides an interrupt that is
activated when the analog input violates a
programmable upper or lower limit value. The device
features an automatic conversion mode, which frees
up the controller and I2C interface. In this mode, the
ADC continuously monitors the analog input for an
"out-of-range" condition and provides an interrupt if
the measured voltage goes out-of-range.
The ADC101C021 comes in two packages: a small
SOT-6 package with an alert output, and an VSSOP-
8 package with an alert output and two address
selection inputs. The ADC101C027 comes in a small
SOT-6 package with an address selection input. The ADC101C027 provides three pin-selectable
addresses while the VSSOP-8 version of the
ADC101C021 provides nine pin-selectable
addresses. Pin-compatible alternatives to the SOT-6
options are available with additional address options.
Normal power consumption using a +3V or +5V
supply is 0.26mW or 0.78mW, respectively. The
automatic power-down feature reduces the power
consumption to less than 1μW while not converting.
Operation over the industrial temperature range of
−40°C to +105°C is guaranteed. Their low power
consumption and small packages make this family of
ADCs an excellent choice for use in battery operated
equipment.
The ADC101C021 and ADC101C027 are part of a
family of pin-compatible ADCs that also provide 12
and 8 bit resolution. For 12-bit ADCs see the
ADC121C021 and ADC121C027. For 8-bit ADCs see
the ADC081C021 and ADC081C027.




Similar Part No. - ADC121C021

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC121C021 NSC-ADC121C021 Datasheet
747Kb / 30P
I2C-Compatible, 12-Bit Analog-to-Digital Converter (ADC) with Alert Function
logo
Texas Instruments
ADC121C021 TI-ADC121C021 Datasheet
1Mb / 41P
ADC081C021/ADC081C027 I2C-Compatible, 8-Bit Analog-to-Digital Converter with Alert
ADC121C021 TI1-ADC121C021 Datasheet
1Mb / 44P
I2C-Compatible, 12-Bit Analog-to-Digital Converter with Alert Function
ADC121C021 TI1-ADC121C021 Datasheet
1Mb / 44P
12-Bit Analog-to-Digital Converter with Alert Function
ADC121C021 TI2-ADC121C021 Datasheet
993Kb / 44P
ADC081C021/ADC081C027 I2C-Compatible, 8-Bit Analog-to-Digital Converter with Alert Function
REVISED MARCH 2013
More results


Similar Description - ADC121C021

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC121C021 NSC-ADC121C021 Datasheet
747Kb / 30P
I2C-Compatible, 12-Bit Analog-to-Digital Converter (ADC) with Alert Function
ADC081C027CIMK NSC-ADC081C027CIMK Datasheet
775Kb / 32P
ADC081C021/ADC081C027 I2C-Compatible, 8-Bit Analog-to-Digital Converter (ADC) with Alert Function
logo
Texas Instruments
ADC081C027CIMK TI-ADC081C027CIMK Datasheet
1Mb / 41P
ADC081C021/ADC081C027 I2C-Compatible, 8-Bit Analog-to-Digital Converter with Alert
logo
National Semiconductor ...
DAC101C081CIMK NSC-DAC101C081CIMK Datasheet
661Kb / 24P
10-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
logo
Texas Instruments
ADC101C021 TI1-ADC101C021_14 Datasheet
1Mb / 44P
I2C-Compatible, 10-Bit Analog-to-Digital Converter (ADC) with Alert Function
ADC121C021 TI1-ADC121C021_14 Datasheet
1Mb / 44P
I2C-Compatible, 12-Bit Analog-to-Digital Converter with Alert Function
ADC081C021 TI1-ADC081C021_14 Datasheet
1Mb / 42P
ADC081C021/ADC081C027 I2C-Compatible, 8-Bit Analog-to-Digital Converter with Alert Function
ADC121C021 TI1-ADC121C021_15 Datasheet
1Mb / 44P
12-Bit Analog-to-Digital Converter with Alert Function
DAC101C081 TI1-DAC101C081_16 Datasheet
1Mb / 40P
DAC101C08xx 10-Bit Micro Power Digital-to-Analog Converter With an I2C-Compatible Interface
logo
Microchip Technology
PIC16F18345 MICROCHIP-PIC16F18345 Datasheet
1Mb / 2P
17 channel 10-bit Analog-to-Digital Converter (ADC)
10/15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com