Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS54T04 Datasheet (PDF) - Texas Instruments

ADS54T04 Datasheet PDF - Texas Instruments
Part # ADS54T04
Download  ADS54T04 Download
File Size   1071.71 Kbytes
Page   47 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual Channel 12-Bit 500Msps Receiver and Feedback IC

ADS54T04 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS54T04 Datasheet PDF - Texas Instruments

Part # ADS54T04
Download  ADS54T04 Click to download

File Size   1071.71 Kbytes
Page   47 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual Channel 12-Bit 500Msps Receiver and Feedback IC

ADS54T04 Datasheet (HTML) - Texas Instruments


ADS54T04 Product details

1FEATURES
• Dual Channel
• 12-Bit Resolution
• Maximum Clock Rate: 500 Msps
• Low Swing Fullscale Input: 1.0 Vpp
• Analog Input Buffer with High Impedance Input
• Input Bandwidth (3dB): >1.2GHz
• Data Output Interface: DDR LVDS
• 196-Pin BGA Package (12x12mm)
• Power Dissipation: 800mW/ch
• Performance at fin = 230 MHz IF
– SNR: 60.6 dBFS
– SFDR: 77 dBc
• Performance at fin = 700 MHz IF
– SNR: 59.4 dBFS
– SFDR: 70 dBc
• Receive Mode: 2x Decimation with Low Pass
or High Pass Filter
• Feedback Mode: Burst Mode Output for Full
Bandwidth DPD Feedback

APPLICATIONS
• Telecommunications Receiver
• Power Amplifier Linearization

DESCRIPTION
The ADS54T04 is a high linearity dual channel 12-bit,
500 MSPS analog-to-digital converter (ADC) easing front end filter design for wide bandwidth receivers.
The analog input buffer isolates the internal switching
of the on-chip track-and-hold from disturbing the
signal source as well as providing a high-impedance input. Two output modes are available for the output
data – it can be decimated by two or the data can be
output in burst mode. The burst mode output is
designed specifically for DPD feedback applications where high resolution output data is available for a
short period of time. Designed for high SFDR, the
ADC has low-noise performance and outstanding
spurious-free dynamic range over a large inputfrequency
range. The device is available in a 196pin
BGA package and is specified over the full industrial
temperature range (–40°C to 85°C).




Similar Part No. - ADS54T04

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS54T04 TI-ADS54T04 Datasheet
1Mb / 43P
Single 12-Bit 750Msps Receiver and Feedback IC
ADS54T04 TI-ADS54T04 Datasheet
1Mb / 44P
Dual Channel 12-Bit 750 Msps Receiver and Feedback IC
ADS54T04 TI-ADS54T04 Datasheet
1Mb / 44P
Dual Channel 12-Bit 500Msps Receiver and Feedback IC
ADS54T04 TI2-ADS54T04 Datasheet
1Mb / 49P
Dual Channel 12-Bit 750 Msps Receiver and Feedback IC
REVISED JANUARY 2014
ADS54T04IZAY TI-ADS54T04IZAY Datasheet
1Mb / 44P
Dual Channel 12-Bit 500Msps Receiver and Feedback IC
More results


Similar Description - ADS54T04

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS62PF49 TI1-ADS62PF49 Datasheet
581Kb / 8P
Dual-Channel, 250-MSPS Feedback Receiver IC
ADS54T01 TI-ADS54T01 Datasheet
1Mb / 43P
Single 12-Bit 750Msps Receiver and Feedback IC
ADS54T02 TI-ADS54T02 Datasheet
1Mb / 44P
Dual Channel 12-Bit 750 Msps Receiver and Feedback IC
ADS54T04 TI-ADS54T04 Datasheet
1Mb / 44P
Dual Channel 12-Bit 500Msps Receiver and Feedback IC
ADS5404 TI-ADS5404 Datasheet
1Mb / 40P
Dual Channel 12-Bit 500Msps Analog-to-Digital Converter
ADS58J89 TI-ADS58J89_15 Datasheet
2Mb / 77P
ADS58J89 Quad Channel 14-Bit 250/500 MSPS Receiver and Feedback IC
ADS54T01 TI-ADS54T01_15 Datasheet
1Mb / 47P
Single 12-Bit 750Msps Receiver and Feedback IC
ADS54T02 TI-ADS54T02_15 Datasheet
1Mb / 49P
Dual Channel 12-Bit 750 Msps Receiver and Feedback IC
ADS54T04 TI-ADS54T04_15 Datasheet
1Mb / 47P
Dual Channel 12-Bit 500Msps Receiver and Feedback IC
logo
Renesas Technology Corp
ISLA212P50 RENESAS-ISLA212P50 Datasheet
1Mb / 38P
12-Bit, 500MSPS ADC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com