Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ27010 Datasheet (PDF) - Texas Instruments

BQ27010 Datasheet PDF - Texas Instruments
Part # BQ27010
Download  BQ27010 Download
File Size   1057.98 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)

BQ27010 Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ27010 Datasheet PDF - Texas Instruments

Part # BQ27010
Download  BQ27010 Click to download

File Size   1057.98 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)

BQ27010 Datasheet (HTML) - Texas Instruments


BQ27010 Product details

FEATURES
· HDQ (bq27010) or I2C (bq27210)
Communication
· Reports Accurate Time-to-Empty At Both
Measured and Host-Requested Load Values
· Reports Available Capacity Compensated for
Discharge Rate, Temperature, and Age
· End-of-Discharge Voltage Compensated for
Discharge Rate and Temperature
· Automatic Capacity Reduction with Age
· Reports Temperature, Voltage, and Current
· High Accuracy Charge and Discharge Current
Integration with Automatic Offset Calibration
· Requires No User Calibration
· Programmable Input/Output Port
· Internal User EEPROM Configuration Memory
· Uploadable Coefficients Allows Host-Side Use
with Multiple Pack Characteristics
· Stable Oscillator Without External
Components
· Dynamic End-of-Discharge Detection Delay to
Allow Use in a High-Dynamic Load
Environment
· Automatic Sleep Mode When Communication
Lines are Low
· Available in a Small 3 mm x 4 mm QFN
Package
· Five Low-Power Operating Modes
– Active: < 90 μA
– Sleep: < 2.5 μA
– Ship: < 2 μA (bq27010 only)
– Hibernate: < 1.5 μA
– Data Retention: < 20 nA

APPLICATIONS
· PDA
· Smart Phones
· MP3 Players
· Digital Cameras
· Internet Appliances
· Handheld Devices

DESCRIPTION
The bqJUNIOR™ series are highly accurate
stand-alone single-cell Li-Ion and Li-Pol battery
capacity monitoring and reporting devices targeted at
space-limited, portable applications. The IC monitors
a voltage drop across a small current sense resistor
connected in series with the battery to determine
charge and discharge activity of the battery.
Compensations for battery age, temperature, self-discharge, and discharge rate are applied to the
capacity measurments to provide available
time-to-empty information across a wide range of
operating conditions. Battery capacity is
automatically recalibrated, or learned, in the course
of a discharge cycle from full to empty. Internal
registers include current, capacity, time-to-empty,
state-of-charge, cell temperature and voltage, status,
and more.
The bqJUNIOR can operate directly from single-cell
Li-Ion and Li-Pol batteries and communicates to the
system over a HDQ one-wire or I2C serial interface.




Similar Part No. - BQ27010

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27010 TI-BQ27010 Datasheet
117Kb / 7P
SINGLE-CELL LHON AND LI-POL BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS
BQ27010 TI-BQ27010 Datasheet
397Kb / 30P
Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27010 TI1-BQ27010 Datasheet
1Mb / 35P
Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS
BQ27010 TI1-BQ27010 Datasheet
1Mb / 35P
Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27010DRKR TI-BQ27010DRKR Datasheet
397Kb / 30P
Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
More results


Similar Description - BQ27010

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ26500 TI-BQ26500 Datasheet
336Kb / 27P
SINGLE-CELL LI-ION AND BATTERY GAS GAUGE IC FOR HANDHELD APPLICATIONS
BQ27000 TI-BQ27000 Datasheet
366Kb / 29P
SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27010 TI-BQ27010 Datasheet
117Kb / 7P
SINGLE-CELL LHON AND LI-POL BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS
BQ27210 TI-BQ27210 Datasheet
397Kb / 30P
Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27000 TI-BQ27000_06 Datasheet
557Kb / 31P
SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27000 TI-BQ27000_07 Datasheet
695Kb / 33P
SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27X00-TESTER TI1-BQ27X00-TESTER Datasheet
807Kb / 33P
SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27210DRKRG4 TI1-BQ27210DRKRG4 Datasheet
977Kb / 35P
Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS
BQ27010 TI1-BQ27010_13 Datasheet
1Mb / 35P
Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS
BQ27010 TI1-BQ27010_17 Datasheet
1Mb / 35P
Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com