Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ33100 Datasheet (PDF) - Texas Instruments

BQ33100 Datasheet PDF - Texas Instruments
Part # BQ33100
Download  BQ33100 Download
File Size   1069.21 Kbytes
Page   68 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description BQ33100 Super Capacitor Manager

BQ33100 Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ33100 Datasheet PDF - Texas Instruments

Part # BQ33100
Download  BQ33100 Click to download

File Size   1069.21 Kbytes
Page   68 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description BQ33100 Super Capacitor Manager

BQ33100 Datasheet (HTML) - Texas Instruments


BQ33100 Product details

1 Features
1• Fully integrated 2-, 3-, 4-, and 5-series Super
Capacitor Manager
• Can be used with up to 9-series capacitors
without individual integrated capacitor monitoring
and balancing
• Active capacitor voltage balancing
– Prevents super capacitor overvoltage during
charging
• Capacitor health monitoring
– Capacitance learning
– ESR measurement
– Operation status
– State-of-charge
– State-of-health
– Charging voltage and current reports
– Safety alerts with optional pin indication
• Integrated protection monitoring and control
– Overvoltage
– Short circuit
– Excessive temperature
– Excessive capacitor leakage
• 2-wire SMBus serial communications
• High-accuracy 16-bit delta-sigma ADC with a 16-
channel multiplexer for measurement
– Used for voltage, current, and temperature
• Low power consumption
– < 660 μA in NORMAL operating mode
– < 1 μA in SHUTDOWN mode
• Wide operating temperature: –40°C to +85°C

2 Applications
• RAID systems
• Server blade cards
• UPS
• Medical and test equipment
• Portable instruments

3 Description
The Texas Instruments BQ33100 Super Capacitor
Manager is a fully integrated, single-chip solution that
provides a rich array of features for charge control,
monitoring, and protection for either 2-, 3-, 4-, or 5-
series super capacitors with individual capacitor
monitoring and balancing or up to 9-series capacitors
with only the stack voltage being measured. With a
small footprint of 7.8 mm × 6.4 mm in a compact 24-
pin TSSOP package, the BQ33100 maximizes
functionality and safety while dramatically increasing
ease of use and cutting the solution cost and size for
super capacitor applications.




Similar Part No. - BQ33100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ33100 TI1-BQ33100 Datasheet
662Kb / 56P
Super Capacitor Manager Capacitance Learning ESR Measurement
MARCH2011
BQ33100PW TI1-BQ33100PW Datasheet
662Kb / 56P
Super Capacitor Manager Capacitance Learning ESR Measurement
MARCH2011
BQ33100PW TI1-BQ33100PW Datasheet
1Mb / 67P
Super Capacitor Manager
BQ33100PWR TI1-BQ33100PWR Datasheet
662Kb / 56P
Super Capacitor Manager Capacitance Learning ESR Measurement
MARCH2011
BQ33100PWR TI1-BQ33100PWR Datasheet
1Mb / 67P
Super Capacitor Manager
More results


Similar Description - BQ33100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IDT77V550 ETC1-IDT77V550 Datasheet
129Kb / 19P
SwitchStarTM Switch Manager
logo
National Semiconductor ...
PC16550DVX NSC-PC16550DVX Datasheet
84Kb / 3P
Engineering Project Manager
logo
Illinois Capacitor, Inc...
405DLR2R5K ILLINOISCAPACITOR-405DLR2R5K Datasheet
83Kb / 4P
Super capacitor
logo
Texas Instruments
BQ33100 TI1-BQ33100 Datasheet
662Kb / 56P
Super Capacitor Manager Capacitance Learning ESR Measurement
MARCH2011
logo
Linear Technology
LTP5903-WHR LINER-LTP5903-WHR_15 Datasheet
842Kb / 20P
SmartMesh WirelessHART Network Manager Wireless Embedded Network Manager
LTC5800-IPR LINER-LTC5800-IPR_15 Datasheet
1Mb / 36P
SmartMesh IP Network Manager 2.4GHz 802.15.4e Wireless Manager
logo
Texas Instruments
BQ33100 TI1-BQ33100_15 Datasheet
1Mb / 67P
Super Capacitor Manager
logo
Xilinx, Inc
DS485 XILINX-DS485 Datasheet
305Kb / 6P
Digital Clock Manager
logo
PANDUIT CORP.
WMPF1E PANDUIT-WMPF1E Datasheet
308Kb / 1P
WMPF1E HORIZONTAL MANAGER
08A
logo
Maxim Integrated Produc...
MAX1259 MAXIM-MAX1259_V01 Datasheet
1,004Kb / 8P
Battery Manager
2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com