Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2530 Datasheet (PDF) - Texas Instruments

CC2530 Datasheet PDF - Texas Instruments
Part # CC2530
Download  CC2530 Download
File Size   1062.79 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications

CC2530 Datasheet (PDF)

Go To PDF Page Download Datasheet
CC2530 Datasheet PDF - Texas Instruments

Part # CC2530
Download  CC2530 Click to download

File Size   1062.79 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications

CC2530 Datasheet (HTML) - Texas Instruments


CC2530 Product details

FEATURES
• RF/Layout
– 2.4-GHz IEEE 802.15.4 Compliant RF
Transceiver
– Excellent Receiver Sensitivity and
Robustness to Interference
– Programmable Output Power Up to 4.5 dBm
– Very Few External Components
– Only a Single Crystal Needed for
Asynchronous Networks
– 6-mm × 6-mm QFN40 Package
– Suitable for Systems Targeting Compliance
With Worldwide Radio-Frequency
Regulations: ETSI EN 300 328 and EN 300
440 (Europe), FCC CFR47 Part 15 (US) and
ARIB STD-T-66 (Japan)
Low Power
– Active-Mode RX (CPU Idle): 24 mA
– Active Mode TX at 1 dBm (CPU Idle): 29 mA
– Power Mode 1 (4 μs Wake-Up): 0.2 mA
– Power Mode 2 (Sleep Timer Running): 1 μA
– Power Mode 3 (External Interrupts): 0.4 μA
– Wide Supply-Voltage Range (2 V–3.6 V)
Microcontroller
– High-Performance and Low-Power 8051
Microcontroller Core With Code Prefetch
– 32-, 64-, 128-, or 256-KB
In-System-Programmable Flash
– 8-KB RAM With Retention in All Power
Modes
– Hardware Debug Support
Peripherals
– Powerful Five-Channel DMA
– Integrated High-Performance Op-Amp and
Ultralow-Power Comparator
– IEEE 802.15.4 MAC Timer, General-Purpose
Timers (One 16-Bit, Two 8-Bit)
– IR Generation Circuitry
– 32-kHz Sleep Timer With Capture
– CSMA/CA Hardware Support
– Accurate Digital RSSI/LQI Support
– Battery Monitor and Temperature Sensor
– 12-Bit ADC With Eight Channels and
Configurable Resolution
– AES Security Coprocessor
– Two Powerful USARTs With Support for
Several Serial Protocols
– 21 General-Purpose I/O Pins
(19 × 4 mA, 2 × 20 mA)
– Watchdog Timer
• Development Tools
– CC2530 Development Kit
– CC2530 ZigBee® Development Kit
– CC2530 RemoTI™ Development Kit for
RF4CE
– SmartRF™ Software
– Packet Sniffer
– IAR Embedded Workbench™ Available

APPLICATIONS
• 2.4-GHz IEEE 802.15.4 Systems
• RF4CE Remote Control Systems (64-KB Flash
and Higher)
• ZigBee Systems (256-KB Flash)
• Home/Building Automation
• Lighting Systems
• Industrial Control and Monitoring
• Low-Power Wireless Sensor Networks
• Consumer Electronics
• Health Care

DESCRIPTION
The CC2530 is a true system-on-chip (SoC) solution for IEEE 802.15.4, Zigbee and RF4CE applications. It
enables robust network nodes to be built with very low total bill-of-material costs. The CC2530 combines the
excellent performance of a leading RF transceiver with an industry-standard enhanced 8051 MCU, in-system
programmable flash memory, 8-KB RAM, and many other powerful features. The CC2530 comes in four different
flash versions: CC2530F32/64/128/256, with 32/64/128/256 KB of flash memory, respectively. The CC2530 has
various operating modes, making it highly suited for systems where ultralow power consumption is required.
Short transition times between operating modes further ensure low energy consumption.
Combined with the industry-leading and golden-unit-status ZigBee protocol stack ( Z-Stack™) from Texas
Instruments, the CC2530F256 provides a robust and complete ZigBee solution.
Combined with the golden-unit-status RemoTI stack from Texas Instruments, the CC2530F64 and higher provide
a robust and complete ZigBee RF4CE remote-control solution.




Similar Part No. - CC2530

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2530 TI1-CC2530 Datasheet
771Kb / 36P
A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530-RF4CE TI1-CC2530-RF4CE Datasheet
980Kb / 36P
A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
logo
Aplus Intergrated Circu...
CC2530F128 APLUS-CC2530F128 Datasheet
890Kb / 31P
A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
logo
Texas Instruments
CC2530F128 TI-CC2530F128 Datasheet
856Kb / 31P
A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F128 TI-CC2530F128 Datasheet
716Kb / 30P
A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
More results


Similar Description - CC2530

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
CC2430 TAOS-CC2430 Datasheet
1Mb / 212P
A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee
logo
Aplus Intergrated Circu...
CC2530F32 APLUS-CC2530F32 Datasheet
890Kb / 31P
A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
logo
Texas Instruments
CC2530F32_0912 TI-CC2530F32_0912 Datasheet
856Kb / 31P
A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32 TI-CC2530F32_1 Datasheet
716Kb / 30P
A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32 TI-CC2530F32_2 Datasheet
740Kb / 31P
A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32 TI-CC2530F32_11 Datasheet
648Kb / 36P
A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F3 TI-CC2530F3_12 Datasheet
771Kb / 36P
A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530 TI1-CC2530 Datasheet
771Kb / 36P
A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530ZDK TI1-CC2530ZDK Datasheet
440Kb / 34P
A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32 TI1-CC2530F32_17 Datasheet
980Kb / 36P
A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com