Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2531 Datasheet (PDF) - Texas Instruments

CC2531 Datasheet PDF - Texas Instruments
Part # CC2531
Download  CC2531 Download
File Size   1050.47 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description A USB-Enabled System-On-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications

CC2531 Datasheet (PDF)

Go To PDF Page Download Datasheet
CC2531 Datasheet PDF - Texas Instruments

Part # CC2531
Download  CC2531 Click to download

File Size   1050.47 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description A USB-Enabled System-On-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications

CC2531 Datasheet (HTML) - Texas Instruments


CC2531 Product details

1FEATURES
2345• RF/Layout
– 2.4-GHz IEEE 802.15.4 Compliant RF
Transceiver
– Excellent Receiver Sensitivity and
Robustness to Interference
– Programmable Output Power Up to 4.5 dBm
– Few External Components
– Only a Single Crystal Needed for
Asynchronous Networks
– 6-mm × 6-mm QFN40 Package
– Suitable for Systems Targeting Compliance
With Worldwide Radio-Frequency
Regulations: ETSI EN 300 328 and EN 300
440 (Europe), FCC CFR47 Part 15 (US), and
ARIB STD-T-66 (Japan)
• USB
– USB 2.0 Certified Full Speed Device (12
Mbps)
– 5 Highly Flexible Endpoints
– 1-KB Dedicated FIFO
– DMA Access to FIFO
– No 48-MHz Crystal Required
• Low Power
– Active Mode RX (CPU Idle): 24 mA
– Active Mode TX at 1 dBm (CPU Idle): 29 mA
– Power Mode 1 (4 ms Wake-Up): 0.2 mA
– Power Mode 2 (Sleep Timer Running): 1 mA
– Power Mode 3 (External Interrupts): 0.4 mA
– Wide Supply-Voltage Range (2 V–3.6 V)
• Microcontroller
– High-Performance and Low-Power 8051
Microcontroller Core With Code Prefetch
– 256-KB or 128-KB In-System-Programmable
Flash
– 8-KB RAM With Retention in All Power
Modes
– Hardware Debug Support
• Peripherals
– Powerful Five-Channel DMA
– IEEE 802.15.4 MAC Timer, General-Purpose
Timers (One 16-Bit, Two 8-Bit)
– IR Generation Circuitry
– 32-kHz Sleep Timer With Capture
– CSMA/CA Hardware Support
– Accurate Digital RSSI/LQI Support
– Battery Monitor and Temperature Sensor
– 12-Bit ADC With Eight Channels and
Configurable Resolution
– AES Security Coprocessor
– Two Powerful USARTs With Support for
Several Serial Protocols
– 21 General-Purpose I/O Pins
(19 × 4 mA, 2 × 20 mA)
– Watchdog Timer
• Development Tools
– CC2531 Development Kit
– Certified CC2531 USB Dongle Reference
Design
– SmartRF™ Software
– Packet Sniffer
– IAR Embedded Workbench® Software
Available

APPLICATIONS
• USB Upgradable 2.4-GHz IEEE 802.15.4
Systems
• RF4CE Remote Control Target for TV or STB
• PC Peripherals
• ZigBee® Systems
• Home/Building Automation
• Lighting Systems
• Industrial Control and Monitoring
• Low-Power Wireless Sensor Networks
• Consumer Electronics
• Health Care

DESCRIPTION
The CC2531 is a USB enabled true system-on-chip (SoC) solution for IEEE 802.15.4, ZigBee and RF4CE
applications. It enables USB dongles or USB upgradable network nodes to be built with low total bill-of-material
costs. The CC2531 combines the performance of a leading RF transceiver with an industry-standard enhanced
8051 MCU, in-system programmable flash memory, 8-KB RAM, and many other powerful features. The CC2531
has various operating modes, making it suited for systems where ultralow power consumption is required. Short
transition times between operating modes further ensure low energy consumption. Source code for USB HID and
CDC libraries and examples are downloadable from the CC2531 product page on www.ti.com.
Combined with the industry-leading and golden-unit-status ZigBee protocol stack ( Z-Stack™) from Texas
Instruments, the CC2531 provides a robust and complete ZigBee USB dongle or firmware upgradable network
node.
Combined with the golden-unit-status RemoTI™ stack from Texas Instruments, the CC2531 provides a robust
ZigBee RF4CE remote-control target for USB dongle or TV/STB implementations.




Similar Part No. - CC2531

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2531 TI-CC2531 Datasheet
850Kb / 32P
A USB Enabled System-On-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2531-RF4CE TI-CC2531-RF4CE Datasheet
893Kb / 36P
A USB-Enabled System-On-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2531F128 TI-CC2531F128 Datasheet
619Kb / 35P
A USB-Enabled System-On-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2531F128 TI-CC2531F128 Datasheet
743Kb / 35P
A USB-Enabled System-On-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee
CC2531F128 TI-CC2531F128 Datasheet
893Kb / 36P
A USB-Enabled System-On-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
More results


Similar Description - CC2531

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
CC2530F32 APLUS-CC2530F32 Datasheet
890Kb / 31P
A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
logo
Texas Instruments
CC2531 TI-CC2531 Datasheet
850Kb / 32P
A USB Enabled System-On-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32 TI-CC2530F32_11 Datasheet
648Kb / 36P
A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2531F128 TI-CC2531F128 Datasheet
619Kb / 35P
A USB-Enabled System-On-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F3 TI-CC2530F3_12 Datasheet
771Kb / 36P
A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2531F128 TI-CC2531F128_12 Datasheet
743Kb / 35P
A USB-Enabled System-On-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee
CC2530 TI1-CC2530 Datasheet
771Kb / 36P
A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530ZDK TI1-CC2530ZDK Datasheet
440Kb / 34P
A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2531F128 TI-CC2531F128_15 Datasheet
893Kb / 36P
A USB-Enabled System-On-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32 TI1-CC2530F32_17 Datasheet
980Kb / 36P
A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com