Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2570RHAR Datasheet (PDF) - Texas Instruments

CC2570RHAR Datasheet PDF - Texas Instruments
Part # CC2570RHAR
Download  CC2570RHAR Download
File Size   1053.81 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 1- and 8-Channel ANT™ RF Network Processors

CC2570RHAR Datasheet (PDF)

Go To PDF Page Download Datasheet
CC2570RHAR Datasheet PDF - Texas Instruments

Part # CC2570RHAR
Download  CC2570RHAR Click to download

File Size   1053.81 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 1- and 8-Channel ANT™ RF Network Processors

CC2570RHAR Datasheet (HTML) - Texas Instruments


CC2570RHAR Product details

1FEATURES
2• RF Section
– Single-Chip 2.4-GHz Radio, Including
Embedded ANT Protocol
– Excellent Link Budget, Enabling Long
Range Without External Front-Ends
– Excellent Output Power (4 dBm)
– Suitable for Systems Targeting Compliance
With Worldwide Radio Frequency
Regulations: ETSI EN 300 328 and EN 300
440 Class 2 (Europe), FCC CFR47 Part 15
(US), and ARIB STD-T66 (Japan)
– Accurate Full-Range RSSI Function,
Especially Suited for Accurate Proximity
Pairing
• Layout
– Few External Components
– Reference Designs Available
– 40-Pin, 6-mm × 6-mm QFN Package
• Low Power
– Powered Down With Low-Power Timer:
1 μA
– Powered Down Without Timer: 0.5 μA
– Wide Supply Voltage Range (2 V–3.6 V)
• ANT Protocol Support
– Fully Compatible With the ANT and ANT+™
Protocols and Existing ANT Devices
– Built-In ANT-FS™ Support
– Easy Connection to Host MCU Through
Asynchronous or Synchronous Serial
Interface
– CC2570 Supports One ANT Channel
– CC2571 Supports Eight ANT Channels
– Support for Both Public, Private and
Managed ANT Networks
– Support for High-Resolution Proximity
Pairing

APPLICATIONS
• Sports and Fitness Equipment
• Health and Medical Equipment
• Consumer Health Devices
• Consumer Electronics

DESCRIPTION
The CC2570 and CC2571 are ANT RF network
processors that implement the easy-to-use,
power-efficient ANT protocol. The CC2570 supports
one ANT channel, whereas the CC2571 supports
eight ANT channels. The CC2570/71 can be
connected to a host MCU (such as an MSP430)
through a UART or SPI serial interface and accessed
through a set of API calls. The majority of the ANT protocol is built into the CC2570/71, including the
ANT-FS file system functionality; only the application
and profile layers must reside on the host MCU, thus
keeping host MCU memory requirements to a
minimum.
The ANT protocol has been designed to be very
power-efficient, yet is flexible enough to support
various network topologies (point-to-point, star,
connected star, 1-to-N, and N-to-1) and data transfer
modes (broadcast, acknowledged, burst data
transfer). Each logical ANT channel can be
independently configured for one-way or two-way
operation, depending on requirements of the
application.




Similar Part No. - CC2570RHAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2570RHAR TI1-CC2570RHAR Datasheet
645Kb / 32P
1- and 8-Channel ANT??RF Network Processors
More results


Similar Description - CC2570RHAR

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
IXP45X INTEL-IXP45X Datasheet
1Mb / 148P
Product Line of Network Processors
logo
Texas Instruments
CC2570 TI1-CC2570_11 Datasheet
645Kb / 32P
1- and 8-Channel ANT??RF Network Processors
CC2570 TI-CC2570 Datasheet
766Kb / 32P
1- and 8-Channel ANT??RF Network Processors
logo
Nexperia B.V. All right...
PEMIXQFN NEXPERIA-PEMIXQFN Datasheet
1Mb / 30P
Integrated 1-, 2-, 4-, 6- and 8-channel passive filter network with ESD protection
logo
List of Unclassifed Man...
NRF24AP2 ETC1-NRF24AP2 Datasheet
698Kb / 44P
Single-chip ANT ultra-low power wireless network solution
logo
Texas Instruments
AM625 TI-AM625_V03 Datasheet
4Mb / 255P
AM62x Sitara™ Processors
REVISED NOVEMBER 2022
AM625 TI-AM625_V04 Datasheet
4Mb / 256P
AM62x Sitara™ Processors
REVISED NOVEMBER 2022
logo
Lanner All Rights Reser...
NCA-2512-DM-V1 LANNER-NCA-2512-DM-V1 Datasheet
710Kb / 2P
1U 19” Rackmount Network Appliance with Intel® Atom™ C3000 8~16 Cores Processors
logo
Texas Instruments
DRA821U-Q1 TI-DRA821U-Q1_V01 Datasheet
4Mb / 254P
DRA821 Jacinto™ Processors
REVISED DECEMBER 2022
DRA821U-Q1 TI-DRA821U-Q1_V02 Datasheet
4Mb / 253P
DRA821 Jacinto™ Processors
REVISED JUNE 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com