Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC2516 Datasheet (PDF) - Texas Instruments

CDC2516 Datasheet PDF - Texas Instruments
Part # CDC2516
Download  CDC2516 Download
File Size   1066.95 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3.3-V PHASE-LOCK LOOP CLOCK DRIVER

CDC2516 Datasheet (PDF)

Go To PDF Page Download Datasheet
CDC2516 Datasheet PDF - Texas Instruments

Part # CDC2516
Download  CDC2516 Click to download

File Size   1066.95 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3.3-V PHASE-LOCK LOOP CLOCK DRIVER

CDC2516 Datasheet (HTML) - Texas Instruments


CDC2516 Product details

Use CDCVF2510A as a Replacement for
this Device
Phase-Lock Loop Clock Distribution for
Synchronous DRAM Applications
Distributes One Clock Input to Four Banks
of Four Outputs
Separate Output Enable for Each Output
Bank
External Feedback Pin (FBIN) Is Used to
Synchronize the Outputs to the Clock Input
On-Chip Series-Damping Resistors
No External RC Network Required
Operates at 3.3-V VCC
Packaged in Plastic 48-Pin Thin Shrink
Small-Outline Package

description
The CDC2516 is a high-performance, low-skew,
low-jitter, phase-lock loop (PLL) clock driver. It
uses a PLL to precisely align, in both frequency
and phase, the feedback output (FBOUT) to the
clock (CLK) input signal. It is specifically designed
for use with synchronous DRAMs. The CDC2516
operates at 3.3-V VCC and provides integrated
series-damping resistors that make it ideal for
driving point-to-point loads.
Four banks of four outputs provide 16 low-skew,
low-jitter copies of the input clock. Output signal
duty cycles are adjusted to 50 percent,
independent of the duty cycle at the input clock.
Each bank of outputs can be enabled or disabled
separately via the 1G, 2G, 3G, and 4G control
inputs. When the G inputs are high, the outputs
switch in phase and frequency with CLK; when the
G inputs are low, the outputs are disabled to the
logic-low state.
Unlike many products containing PLLs, the CDC2516 does not require external RC networks. The loop filter
for the PLL is included on-chip, minimizing component count, board space, and cost.
Because it is based on PLL circuitry, the CDC2516 requires a stabilization time to achieve phase lock of the
feedback signal to the reference signal. This stabilization time is required following power up and application
of a fixed-frequency, fixed-phase signal at CLK, as well as following any changes to the PLL reference or
feedback signals. The PLL may be bypassed for test purposes by strapping AVCC to ground.
The CDC2516 is characterized for operation from 0°C to 70°C.




Similar Part No. - CDC2516

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC2516 TI-CDC2516 Datasheet
160Kb / 11P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2516 TI1-CDC2516 Datasheet
479Kb / 15P
3.3V Phase- Lock Loop Clock Driver
CDC2516DGG TI-CDC2516DGG Datasheet
160Kb / 11P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2516DGGR TI1-CDC2516DGGR Datasheet
479Kb / 15P
3.3V Phase- Lock Loop Clock Driver
CDC2516DGGRG4 TI1-CDC2516DGGRG4 Datasheet
479Kb / 15P
3.3V Phase- Lock Loop Clock Driver
More results


Similar Description - CDC2516

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC2509 TI-CDC2509 Datasheet
132Kb / 9P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2509C TI-CDC2509C Datasheet
180Kb / 12P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510 TI-CDC2510 Datasheet
131Kb / 9P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510B TI-CDC2510B Datasheet
146Kb / 10P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510C TI-CDC2510C Datasheet
180Kb / 12P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2510B HITACHI-HD74CDC2510B Datasheet
45Kb / 11P
3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCVF2505 TI-CDCVF2505 Datasheet
207Kb / 10P
3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDC2510A TI-CDC2510A Datasheet
308Kb / 13P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC509 TI1-CDC509_15 Datasheet
612Kb / 13P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDCF2509 TI1-CDCF2509_17 Datasheet
641Kb / 15P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com