Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD87501L Datasheet (PDF) - Texas Instruments

CSD87501L Datasheet PDF - Texas Instruments
Part # CSD87501L
Download  CSD87501L Download
File Size   1036.68 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CSD87501L 30-V Dual Common Drain N-Channel NexFET™ Power MOSFET

CSD87501L Datasheet (PDF)

Go To PDF Page Download Datasheet
CSD87501L Datasheet PDF - Texas Instruments

Part # CSD87501L
Download  CSD87501L Click to download

File Size   1036.68 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CSD87501L 30-V Dual Common Drain N-Channel NexFET™ Power MOSFET

CSD87501L Datasheet (HTML) - Texas Instruments


CSD87501L Product details

1 Features
1• Low on-resistance
• Small footprint of 3.37 mm × 1.47 mm
• Ultra-low profile – 0.2-mm high
• Lead free
• RoHS compliant
• Halogen free
• Gate ESD protection

2 Applications
• Battery management
• Battery protection
• USB Type-C / PD

3 Description
This 30-V, 6.6-mΩ, 3.37-mm × 1.47-mm LGA Dual
NexFET™ power MOSFET is designed to minimize
resistance and gate charge in a small footprint. Its
small size and common drain configuration make the
device ideal for multi-cell battery pack applications
and small handheld devices.




Similar Part No. - CSD87501L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD87501L TI-CSD87501L Datasheet
896Kb / 12P
CSD87501L 30 V Dual Common Drain N-Channel NexFET Power MOSFET
CSD87501LT TI-CSD87501LT Datasheet
896Kb / 12P
CSD87501L 30 V Dual Common Drain N-Channel NexFET Power MOSFET
CSD87501L TI-CSD87501L_15 Datasheet
896Kb / 12P
CSD87501L 30 V Dual Common Drain N-Channel NexFET Power MOSFET
More results


Similar Description - CSD87501L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7902EDN VISHAY-SI7902EDN Datasheet
54Kb / 5P
Dual N-Channel 30-V (D-S) MOSFET, Common Drain
18-Feb-02
logo
Texas Instruments
CSD17483F4 TI-CSD17483F4 Datasheet
560Kb / 10P
30-V, N-Channel NexFET Power MOSFET
CSD87501L TI-CSD87501L_15 Datasheet
896Kb / 12P
CSD87501L 30 V Dual Common Drain N-Channel NexFET Power MOSFET
CSD17556Q5B TI1-CSD17556Q5B_16 Datasheet
843Kb / 13P
30 V N-Channel NexFET Power MOSFET
CSD17570Q5B TI1-CSD17570Q5B_16 Datasheet
647Kb / 13P
30 V N-Channel NexFET Power MOSFET
CSD87313DMS TI1-CSD87313DMS Datasheet
1Mb / 16P
30-V Dual N-Channel NexFET Power MOSFETs
CSD17318Q2 TI1-CSD17318Q2 Datasheet
344Kb / 13P
30-V N-Channel NexFET Power MOSFET
logo
Vishay Siliconix
SISF00DN VISHAY-SISF00DN Datasheet
270Kb / 9P
Common Drain Dual N-Channel 30 V (S1-S2) MOSFET
09-Nov-2020
SISF04DN VISHAY-SISF04DN Datasheet
192Kb / 9P
Common Drain Dual N-Channel 30 V (S1-S2) MOSFET
02-Sep-2019
SISF06DN VISHAY-SISF06DN Datasheet
225Kb / 9P
Common Drain Dual N-Channel 30 V (S1-S2) MOSFET
13-Jan-2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com