Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1880 Datasheet (PDF) - Adafruit Industries

1880 Datasheet PDF - Adafruit Industries
Part # 1880
Download  1880 Download
File Size   119.77 Kbytes
Page   1 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Silicone Cover Stranded-Core Wire - 2m 26AWG Green

1880 Datasheet (PDF)

Go To PDF Page Download Datasheet
1880 Datasheet PDF - Adafruit Industries

Part # 1880
Download  1880 Click to download

File Size   119.77 Kbytes
Page   1 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Silicone Cover Stranded-Core Wire - 2m 26AWG Green

1880 Datasheet (HTML) - Adafruit Industries




Similar Part No. - 1880

ManufacturerPart #DatasheetDescription
logo
Heyco.
1880 HEYCO-1880 Datasheet
219Kb / 1P
RDD Lockit™ Strain Relief Bushings – Straight-Thru
logo
LEMO Connectors
18800 LEMO-18800 Datasheet
75Kb / 4P
S - Indoor Stepped Insert
18800 LEMO-18800 Datasheet
75Kb / 4P
S - Indoor Stepped Insert
18800 LEMO-18800 Datasheet
75Kb / 4P
S - Indoor Stepped Insert
18800 LEMO-18800 Datasheet
100Kb / 5P
S - Indoor Stepped Insert
More results


Similar Description - 1880

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
114A ETC2-114A Datasheet
56Kb / 2P
Silicone Insulated Equipment Wire
BU-2929-M-10-0 ETC2-BU-2929-M-10-0 Datasheet
56Kb / 1P
Testlead, 4mm Stackable Bananas on Silicone Wire
BU-2929-M-20-0 ETC2-BU-2929-M-20-0 Datasheet
56Kb / 1P
Testlead, 4mm Stackable Bananas on Silicone Wire
BU-2929-M-39-0 ETC2-BU-2929-M-39-0 Datasheet
56Kb / 1P
Testlead, 4mm Stackable Bananas on Silicone Wire
BU-2929-M-72-0 ETC2-BU-2929-M-72-0 Datasheet
56Kb / 1P
Testlead, 4mm Stackable Bananas on Silicone Wire
WI-M-18-0 ETC2-WI-M-18-0 Datasheet
84Kb / 1P
18AWG Silicone Wire Specifications
logo
Assmann Electronics Inc...
AT-K-C-26-8-W-10-R ASSMANN-AT-K-C-26-8-W-10-R Datasheet
273Kb / 1P
NON-UL 26AWG
AT-K-C-26-8-W-25-R ASSMANN-AT-K-C-26-8-W-25-R Datasheet
186Kb / 1P
NON-UL 26AWG
logo
List of Unclassifed Man...
PP001104 ETC2-PP001104 Datasheet
281Kb / 3P
High Temperature Silicone Wire SIAF/GL
logo
Japan Aviation Electron...
IL-Y-C3-A-10000 JAE-IL-Y-C3-A-10000 Datasheet
127Kb / 1P
APPLICABLE WIRE:#26~$30AWG, STRANDED
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com