Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1882 Datasheet (PDF) - Adafruit Industries

1882 Datasheet PDF - Adafruit Industries
Part # 1882
Download  1882 Download
File Size   277.16 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description silicone cover stranded - core wire - 2m 26awg white

1882 Datasheet (PDF)

Go To PDF Page Download Datasheet
1882 Datasheet PDF - Adafruit Industries

Part # 1882
Download  1882 Click to download

File Size   277.16 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description silicone cover stranded - core wire - 2m 26awg white

1882 Datasheet (HTML) - Adafruit Industries




Similar Part No. - 1882

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1882 ETC2-1882 Datasheet
230Kb / 1P
FEMALE THREADED STANDOFFS
1882 ETC2-1882 Datasheet
230Kb / 1P
THREADED STANDOFFS
logo
Heyco.
1882 HEYCO-1882 Datasheet
130Kb / 1P
RDD Lockit™ Strain Relief Bushings – Straight-Thru
logo
Keystone Electronics Co...
1882 KEYSTONE-1882 Datasheet
211Kb / 1P
FEMALE THREADED STANDOFFS
31-07 20th
logo
Festo Corporation.
188200 FESTO-188200 Datasheet
99Kb / 1P
Short-stroke cylinder
More results


Similar Description - 1882

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
114A ETC2-114A Datasheet
56Kb / 2P
Silicone Insulated Equipment Wire
WI-M-18-0 ETC2-WI-M-18-0 Datasheet
84Kb / 1P
18AWG Silicone Wire Specifications
logo
SunLED Corporation
XZMDH160S SUNLED-XZMDH160S Datasheet
370Kb / 9P
White ceramic package with silicone resin
XZMOLA143S SUNLED-XZMOLA143S Datasheet
340Kb / 7P
White SMD package with silicone resin
XZDG10X160S SUNLED-XZDG10X160S Datasheet
376Kb / 9P
White ceramic package with silicone resin
logo
OSRAM GmbH
LRW5AM OSRAM-LRW5AM Datasheet
625Kb / 16P
white SMD package, colorless clear silicone resin, clear silicone lens
LVW5SN OSRAM-LVW5SN Datasheet
382Kb / 18P
white SMD package, colorless clear silicone
LR-W5AM OSRAM-LR-W5AM Datasheet
625Kb / 16P
white SMD package, colorless clear silicone resin, clear silicone lens
LUW-JLSH OSRAM-LUW-JLSH Datasheet
4Mb / 23P
white SMT package, colored silicone resin
logo
SparkFun Electronics
PRT-08866 SPARKFUN-PRT-08866 Datasheet
94Kb / 1P
Hook-up Stranded Wire - White (22 AWG)
3/28/2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com