Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OB3306 Datasheet (PDF) - List of Unclassifed Manufacturers

OB3306 Datasheet PDF - List of Unclassifed Manufacturers
Part # OB3306
Download  OB3306 Download
File Size   146.49 Kbytes
Page   1 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description High Integrated LCD Monitor Backlight Inverter Controller

OB3306 Datasheet (PDF)

Go To PDF Page Download Datasheet
OB3306 Datasheet PDF - List of Unclassifed Manufacturers

Part # OB3306
Download  OB3306 Click to download

File Size   146.49 Kbytes
Page   1 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description High Integrated LCD Monitor Backlight Inverter Controller

OB3306 Datasheet (HTML) - List of Unclassifed Manufacturers


OB3306 Product details

Description
OB3306 is a high integrated and
high performance Cold Cathode
Fluorescent Lamp (CCFL) controller optimized for LCD monitor
backlight application. It integrates
high precision (2%) 4 channels of
current and 1 channel of voltage
feedback control, and thus
provides a low-cost and high
reliability LCD backlight solution
with minimum system BOM count.
OB3306 controls push pull topology and supports various dimming
functions and comprehensive
protections.

Applications
LCD CCFL backlight system in
LCD monitor

Features
Minimal required external components
Push pull topology
High precision reference and frequency control
External programmability of the key parameters
Flexible Dimming mode Control:
Analog dimming control
Internal burst dimming control
External burst (LPWM) dimming control
0-2V DC voltage direct dimming control without
external circuits
Dimming range programmable (Max.: 100%~0%)
Comprehensive Protection Coverage:
Output over voltage protection (OVP)
Output over current proteciton (OCP)
Open lamp protetion and short lamp protection
Arcing protection
Available in SOP16 packages,RoHS compliant




Similar Part No. - OB3306

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OB3302 ETC-OB3302 Datasheet
201Kb / 1P
Cost Effective CCFL Controller -- Push Pull
OB3302CP ETC-OB3302CP Datasheet
201Kb / 1P
Cost Effective CCFL Controller -- Push Pull
More results


Similar Description - OB3306

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7311 FAIRCHILD-FAN7311_07 Datasheet
374Kb / 16P
LCD Backlight Inverter Drive IC
FAN7313 FAIRCHILD-FAN7313 Datasheet
312Kb / 11P
LCD Backlight Inverter Drive IC
FAN7316 FAIRCHILD-FAN7316 Datasheet
1Mb / 21P
LCD Backlight Inverter Drive IC
FAN7314A FAIRCHILD-FAN7314A Datasheet
496Kb / 3P
LCD Backlight Inverter Drive IC
FAN7310 FAIRCHILD-FAN7310_07 Datasheet
99Kb / 3P
LCD Backlight Inverter Drive Integrated Circuit
FAN7314 FAIRCHILD-FAN7314_07 Datasheet
254Kb / 3P
LCD Backlight Inverter Drive IC
FAN7316 FAIRCHILD-FAN7316_08 Datasheet
435Kb / 3P
LCD Backlight Inverter Drive IC
FAN7318 FAIRCHILD-FAN7318 Datasheet
590Kb / 3P
LCD Backlight Inverter Drive IC
FAN7319 FAIRCHILD-FAN7319 Datasheet
1Mb / 23P
LCD Backlight Inverter Drive IC
logo
List of Unclassifed Man...
OZ9936 ETC1-OZ9936 Datasheet
181Kb / 11P
OZ9936 / LCD Monitor CCFL Inverter Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com