Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

79576 Datasheet (PDF) - Molex Electronics Ltd.

79576 Datasheet PDF - Molex Electronics Ltd.
Part # 79576
Download  79576 Download
File Size   29.64 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description iPass Connector System

79576 Datasheet (PDF)

Go To PDF Page Download Datasheet
79576 Datasheet PDF - Molex Electronics Ltd.

Part # 79576
Download  79576 Click to download

File Size   29.64 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description iPass Connector System

79576 Datasheet (HTML) - Molex Electronics Ltd.


79576 Product details

Description: Internal iPass Mini SAS Double-Ended Plug with Sidebands, 36 Circuits, 30 AWG, 0.23m Length, Controller-to-Backplane, Pinout 1




Similar Part No. - 79576

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
79576 MOLEX-79576 Datasheet
29Kb / 1P
iPass Connector System
07/29/2019
79576-2102 MOLEX-79576-2102 Datasheet
29Kb / 1P
iPass Connector System
07/29/2019
79576-2107 MOLEX11-79576-2107 Datasheet
29Kb / 1P
Cable Assemblies
795762012 MOLEX-795762012 Datasheet
321Kb / 4P
IPASS (MINI-SAS) INTERNAL CABLE 36 CKT 4X W/ SIDEBANDS
795762100 MOLEX-795762100 Datasheet
321Kb / 4P
IPASS (MINI-SAS) INTERNAL CABLE 36 CKT 4X W/ SIDEBANDS
More results


Similar Description - 79576

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
106415-2005 MOLEX11-106415-2005 Datasheet
52Kb / 1P
iPASS High Density AOC Assembly (iPass-to-iPass), Multimode, 50/125m, Cable Diameter 3.00mm, Cable Length 5.00m
106415-2007 MOLEX11-106415-2007 Datasheet
52Kb / 1P
iPASS High Density AOC Assembly (iPass-to-iPass), Multimode, 50/125m, Cable Diameter 3.00mm, Cable Length 7.00m
106415-2010 MOLEX11-106415-2010 Datasheet
52Kb / 1P
iPASS High Density AOC Assembly (iPass to-iPass), Multimode, 50/125m, Cable Diameter 3.00mm, Cable Length 10.00m
106415-2015 MOLEX11-106415-2015 Datasheet
52Kb / 1P
iPASS High Density AOC Assembly (iPass-to-iPass), Multimode, 50/125m, Cable Diameter 3.00mm, Cable Length 15.00m
106415-2020 MOLEX11-106415-2020 Datasheet
52Kb / 1P
iPASS High Density AOC Assembly (iPass to-iPass), Multimode, 50/125m, Cable Diameter 3.00mm, Cable Length 20.00m
106415-2025 MOLEX11-106415-2025 Datasheet
52Kb / 1P
iPASS High Density AOC Assembly (iPass to-iPass), Multimode, 50/125m, Cable Diameter 3.00mm, Cable Length 25.00m
106415-2050 MOLEX11-106415-2050 Datasheet
52Kb / 1P
iPASS High Density AOC Assembly (iPass-to-iPass), Multimode, 50/125m, Cable Diameter 3.00mm, Cable Length 50.00m
1064152107 MOLEX1-1064152107 Datasheet
45Kb / 1P
iPASS HD-to-iPASS HD AOC Assembly, Multimode, 50/125m, 3.00mm Cable
ATS-622030420 MOLEX-ATS-622030420 Datasheet
157Kb / 3P
iPass HSC Removal Tool
08-28-10
ATS-622030430 MOLEX-ATS-622030430 Datasheet
318Kb / 3P
iPass HSC Removal Tool
08-28-10
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com