Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0804171 Datasheet (PDF) - PHOENIX CONTACT

0804171 Datasheet PDF - PHOENIX CONTACT
Part # 0804171
Download  0804171 Download
File Size   270.66 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description EO-AB/PT/LED/F - Socket

0804171 Datasheet (PDF)

Go To PDF Page Download Datasheet
0804171 Datasheet PDF - PHOENIX CONTACT

Part # 0804171
Download  0804171 Click to download

File Size   270.66 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description EO-AB/PT/LED/F - Socket

0804171 Datasheet (HTML) - PHOENIX CONTACT


0804171 Product details

Socket, with LED display, fuse 5 x 20 mm, 6.3 A, Pin connector pattern type AB 15A, connection
method: Push-in spring connection, color: gray, nom. voltage: 125 V AC (60 Hz), nominal
current: 6 A, for mounting on a DIN rail in the service interface or direct mounting,
standards/specifications: UL 508, IEC 60884-1, Country marking: USA, Canada




Similar Part No. - 0804171

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804173 PHOENIX-0804173 Datasheet
178Kb / 4P
Socket - EO-AB/PT/S/15
01/21/2022
0804174 PHOENIX-0804174 Datasheet
181Kb / 5P
Socket - EO-AB/PT/LED/S/15
01/21/2022
0804177 PHOENIX-0804177 Datasheet
277Kb / 8P
EO-AB/PT/LED/DUO/15 - Double socket
0804179 PHOENIX-0804179 Datasheet
374Kb / 9P
EO-AB/UT/SH/LED/DUO/V/GFI/15 - Socket
More results


Similar Description - 0804171

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1212495 PHOENIX-1212495 Datasheet
77Kb / 3P
MICROFOX-EO
2904264 PHOENIX-2904264 Datasheet
70Kb / 6P
Interface module - VIP-2/PT/D15SUB/F/LED
1068038 PHOENIX-1068038 Datasheet
90Kb / 5P
Socket - EO-CF/UT/YE
09/12/2020
0804165 PHOENIX-0804165 Datasheet
180Kb / 5P
Socket - EO-AB/PT/15
01/21/2022
0804168 PHOENIX-0804168 Datasheet
171Kb / 5P
Socket - EO-AB/PT/LED/15
01/21/2022
0804173 PHOENIX-0804173 Datasheet
178Kb / 4P
Socket - EO-AB/PT/S/15
01/21/2022
0804174 PHOENIX-0804174 Datasheet
181Kb / 5P
Socket - EO-AB/PT/LED/S/15
01/21/2022
1263626 PHOENIX-1263626 Datasheet
316Kb / 8P
Double socket - EO-AB/PT/LED/DUO/V/GFI/15
Nov 16, 2022
1263627 PHOENIX-1263627 Datasheet
316Kb / 8P
Double socket - EO-AB/UT/LED/DUO/V/GFI/20
Nov 16, 2022
1263628 PHOENIX-1263628 Datasheet
316Kb / 8P
Double socket - EO-AB/UT/LED/DUO/V/GFI/15
Nov 16, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com