Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX330 Datasheet (PDF) - Microchip Technology

PIC32MX330 Datasheet PDF - Microchip Technology
Part # PIC32MX330
Download  PIC32MX330 Download
File Size   16994.01 Kbytes
Page   360 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 32-bit Microcontrollers (up to 512 KB Flash and 128 KB SRAM) with Audio/Graphics/Touch (HMI), USB, and Advanced Analog

PIC32MX330 Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC32MX330 Datasheet PDF - Microchip Technology

Part # PIC32MX330
Download  PIC32MX330 Click to download

File Size   16994.01 Kbytes
Page   360 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 32-bit Microcontrollers (up to 512 KB Flash and 128 KB SRAM) with Audio/Graphics/Touch (HMI), USB, and Advanced Analog

PIC32MX330 Datasheet (HTML) - Microchip Technology


PIC32MX330 Product details

Audio/Graphics/Touch HMI Features
•External graphics interface with up to 34 PMP pins
•Audio data communication: I2S, LJ, RJ, USB
•Audio data control interface: SPI and I2C™
•Audio data master clock:
-Generation of fractional clock frequencies
-Can be synchronized with USB clock
-Can be tuned in run-time
•Charge Time Measurement Unit (CTMU):
-Supports mTouch™ capacitive touch sensing
-Provides high-resolution time measurement (1 ns)
Advanced Analog Features
•ADC Module:
-10-bit 1 Msps rate with one Sample and Hold (S&H)
-Up to 28 analog inputs
-Can operate during Sleep mode
•Flexible and independent ADC trigger sources
•On-chip temperature measurement capability
•Comparators:
-Two dual-input Comparator modules
-Programmable references with 32 voltage points




Similar Part No. - PIC32MX330

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC32MX330 MICROCHIP-PIC32MX330 Datasheet
12Mb / 344P
32-bit Microcontrollers (up to 512 KB Flash and 128 KB SRAM) with Audio/Graphics/Touch (HMI), USB, and Advanced Analog
11/29/12 2012-2013
PIC32MX330F064H MICROCHIP-PIC32MX330F064H Datasheet
12Mb / 344P
32-bit Microcontrollers (up to 512 KB Flash and 128 KB SRAM) with Audio/Graphics/Touch (HMI), USB, and Advanced Analog
11/29/12 2012-2013
PIC32MX330F064L MICROCHIP-PIC32MX330F064L Datasheet
12Mb / 344P
32-bit Microcontrollers (up to 512 KB Flash and 128 KB SRAM) with Audio/Graphics/Touch (HMI), USB, and Advanced Analog
11/29/12 2012-2013
More results


Similar Description - PIC32MX330

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC32MX1XX MICROCHIP-PIC32MX1XX Datasheet
6Mb / 320P
32-bit Microcontrollers (up to 128 KB Flash and 32 KB SRAM) with Audio and Graphics Interfaces, USB, and Advanced Analog
2011-2012
PIC32MX5XX MICROCHIP-PIC32MX5XX_13 Datasheet
8Mb / 448P
32-bit Microcontrollers (up to 512 KB Flash and 128 KB SRAM) with Graphics Interface, USB, CAN, and Ethernet
11/29/12 2009-2013
PIC32MX330 MICROCHIP-PIC32MX330 Datasheet
12Mb / 344P
32-bit Microcontrollers (up to 512 KB Flash and 128 KB SRAM) with Audio/Graphics/Touch (HMI), USB, and Advanced Analog
11/29/12 2012-2013
PIC24HJ32GP202 MICROCHIP-PIC24HJ32GP202_12 Datasheet
4Mb / 290P
16-bit Microcontrollers (up to 32 KB Flash and 2 KB SRAM) with Advanced Analog
11/29/11
PIC24HJXXXGPX06A MICROCHIP-PIC24HJXXXGPX06A_12 Datasheet
5Mb / 326P
16-bit Microcontrollers (up to 256 KB Flash and 16 KB SRAM) with Advanced Analog
11/29/11
PIC32MX1XX MICROCHIP-PIC32MX1XX_12 Datasheet
6Mb / 328P
32-bit Microcontrollers (up to 128 KB Flash and 32 KB SRAM) with Audio and Graphics Interfaces, USB, and Advanced Analog
11/29/11
PIC24HJ32GP302 MICROCHIP-PIC24HJ32GP302_12 Datasheet
5Mb / 390P
16-bit Microcontrollers (up to 128 KB Flash and 8K SRAM) with Advanced Analog
11/29/11
PIC32MX120F032B-I-SS MICROCHIP-PIC32MX120F032B-I-SS Datasheet
6Mb / 328P
32-bit Microcontrollers (up to 128 KB Flash and 32 KB SRAM) with Audio and Graphics Interfaces, USB, and Advanced Analog
11/29/11
PIC32MX150F128B-I MICROCHIP-PIC32MX150F128B-I Datasheet
6Mb / 320P
32-bit Microcontrollers (up to 128 KB Flash and 32 KB SRAM) with Audio and Graphics Interfaces, USB, and Advanced Analog
11/29/11
PIC32MX220F032B-ISS MICROCHIP-PIC32MX220F032B-ISS Datasheet
6Mb / 330P
32-bit Microcontrollers (up to 256 KB Flash and 64 KB SRAM) with Audio and Graphics Interfaces, USB, and Advanced Analog
10/28/13
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com