Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13640GRY Datasheet (PDF) - Multicomp Pro

13640GRY Datasheet PDF - Multicomp Pro
Part # 13640GRY
Download  13640GRY Download
File Size   148.94 Kbytes
Page   2 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Flexible, Halogen Free Polyolefin Heat Shrink Tubing

13640GRY Datasheet (PDF)

Go To PDF Page Download Datasheet
13640GRY Datasheet PDF - Multicomp Pro

Part # 13640GRY
Download  13640GRY Click to download

File Size   148.94 Kbytes
Page   2 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Flexible, Halogen Free Polyolefin Heat Shrink Tubing

13640GRY Datasheet (HTML) - Multicomp Pro


13640GRY Product details

Features
• Halogen Free
• Operating temperature : -55°C to +125°C
• Min. shrink temperature : 70°C
• Full recovery temperature : +125°C
• Shrink ratio 2:1
• Standard Colour : Grey
• Meets Sony-SS-00259

Applications
The heat shrink tubing is manufactured with modified radiation cross-linked polyolefin. The specially designed halogen free formulation makes the tubing very flexible and shrinks at lower temperature. Suitable for applications where temperature sensitive components protection, e.g. PVC jacketed wire and cable and quick shrinkage is required. It has good mechanical and electrical performances.




Similar Part No. - 13640GRY

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
13640 ETC1-13640 Datasheet
219Kb / 5P
Normal Wall Flame Retardant Heat Shrink Tubing
logo
Multicomp Pro
13640 MULTICOMP-13640 Datasheet
231Kb / 3P
Normal Wall, Flexible Halogen-Free Polyolefin Heat Shrink Tubing
23/06/22 V1.0
logo
Pro-Power
13640 PROPOWER-13640 Datasheet
311Kb / 5P
2:1 Normal Wall Heatshrink Tubing
V1.1 09/03/20
More results


Similar Description - 13640GRY

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CGAT MACOM-CGAT Datasheet
48Kb / 2P
Adhesive lined polyolefin heat-shrinkable tubing
logo
3M Electronics
SFTW-203 3M-SFTW-203 Datasheet
13Kb / 2P
Tubing Very Flexible Polyolefin
Mar-1997
logo
Qualtek Electronics Cor...
Q2-F4X QUALTEK-Q2-F4X_13 Datasheet
662Kb / 1P
HEAT SHRINK THIN WALL TUBING
logo
List of Unclassifed Man...
SH275-4 ETC2-SH275-4 Datasheet
85Kb / 3P
Heat Shrinkable Irradiated Polyolefin Tubing
PP2258 ETC2-PP2258 Datasheet
271Kb / 4P
Heat Shrink Tubing
logo
Tyco Electronics
DWP-125 MACOM-DWP-125 Datasheet
74Kb / 2P
Flexible, flame-retardant, adhesive-lined, polyolefin heat-shrinkable tubing
2005
logo
Adam Technologies, Inc.
HST-A-XXX-XX-X-SR31 ADAM-TECH-HST-A-XXX-XX-X-SR31 Datasheet
317Kb / 2P
DUAL WALL ADHESIVE LINED HEAT SHRINK TUBING, FLAME RETARDANT POLYOLEFIN
Rev C
HST-A-XXX-XX-X-SR41 ADAM-TECH-HST-A-XXX-XX-X-SR41 Datasheet
292Kb / 2P
DUAL WALL ADHESIVE LINED HEAT SHRINK TUBING, FLAME RETARDANT POLYOLEFIN
Rev. C
HST-XX-XX-X ADAM-TECH-HST-XX-XX-X Datasheet
867Kb / 2P
HEAT SHRINK TUBING, SINGLE WALL, FLAME RETARDANT POLYOLEFIN
Rev. B
logo
TE Connectivity Ltd
DWHF TEC-DWHF Datasheet
169Kb / 2P
DWHF – IRRADIATED MODIFIED POLYOLEFIN DUAL WALL HEAT SHRINK TUBING
Rev. A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com