Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC1282 Datasheet (PDF) - Texas Instruments

DAC1282 Datasheet PDF - Texas Instruments
Part # DAC1282
Download  DAC1282 Download
File Size   1054.62 Kbytes
Page   48 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DAC1282 Low Distortion Digital-to-Analog Converter for Seismic

DAC1282 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC1282 Datasheet PDF - Texas Instruments

Part # DAC1282
Download  DAC1282 Click to download

File Size   1054.62 Kbytes
Page   48 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DAC1282 Low Distortion Digital-to-Analog Converter for Seismic

DAC1282 Datasheet (HTML) - Texas Instruments


DAC1282 Product details

1 Features
1• Single-Chip Test Signal Generator
• Buffered Voltage Output
• High Performance:
– THD: –125 dB (G = 1/1 to 1/8)
– SNR: 120 dB (413 Hz BW, G = 1/1)
• Analog and Digital Gain Control
• Output Frequency: 0.488 Hz to 250 Hz
• Sine, Pulse, and DC Modes
• Digital Data Input Mode
• Low On-Resistance Signal Switch
• Sync Input
• Power-Down Mode
• Analog Supply: 5 V or ±2.5 V
• Digital Supply: 1.8 V to 3.3 V
• Power: 38 mW
• Package: TSSOP-24
• Operating Range: –50°C to +125°C

2 Applications
• Energy Exploration
• Seismic Monitoring Systems
• High-Accuracy Instrumentation

3 Description
The DAC1282 is a fully-integrated digital-to-analog
converter (DAC) providing low distortion, digital synthesized voltage output suitable for testing of
seismic equipment. The DAC1282 achieves very high
performance in a small package with low power.
Together, with the high-performance ADS1281 and ADS1282 analog-to-digital converters (ADCs), these
devices create a measurement system that meets the
exacting demands of seismic data acquisition
equipment.
The DAC1282 integrates a digital signal generator, a
DAC, and an output amplifier providing sine wave, dc,
and pulse output voltages.
The output frequency is programmable from 0.5 Hz to 250 Hz and the magnitude is scaled by both analog
and digital control. The analog gain is adjustable in 6-
dB steps and the digital gain in 0.5-dB steps. The
analog gain settings match those of the ADS1282 for
testing at all gains with high resolution.
The DAC1282 also provides pulse outputs. The pulse
amplitude is user-programmed and then selected by
the pin for precise timing. Custom output signals can be generated by applying an external bitstream
pattern.
A signal switch can be used to connect the DAC
output to sensors for THD and impulse testing. The
switch timing is controlled by pin and by command.
A SYNC pin synchronizes the DAC output to the
analog-to-digital converter (ADC) sample interval. A
power-down input disables the device, reducing
power consumption to microwatts.




Similar Part No. - DAC1282

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC1282 TI1-DAC1282 Datasheet
1Mb / 43P
LOW DISTORTION DIGITAL-TO-ANALOG CONVERTER FOR SEISMIC
DAC1282AIPW TI1-DAC1282AIPW Datasheet
1Mb / 46P
Low Distortion Digital-to-Analog Converter for Seismic
DAC1282AIPWR TI1-DAC1282AIPWR Datasheet
1Mb / 46P
Low Distortion Digital-to-Analog Converter for Seismic
DAC1282IPW TI1-DAC1282IPW Datasheet
1Mb / 43P
LOW DISTORTION DIGITAL-TO-ANALOG CONVERTER FOR SEISMIC
DAC1282IPW TI1-DAC1282IPW Datasheet
1Mb / 46P
Low Distortion Digital-to-Analog Converter for Seismic
More results


Similar Description - DAC1282

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
ANALOG-TO-DIGITAL CONVERTER
logo
California Eastern Labs
UPC3220GR CEL-UPC3220GR Datasheet
1Mb / 33P
LOW DISTORTION DOWN-CONVERTER IC FOR DIGITAL CATV
logo
Frequency Devices, Inc.
VM8DAC FREQUENCYDEVICES-VM8DAC Datasheet
117Kb / 2P
Low Noise Digital to Analog Converter
logo
Analog Devices
ADC1121 AD-ADC1121 Datasheet
2Mb / 6P
Low Power Analog to Digital Converter
logo
Texas Instruments
DAC1280 TI-DAC1280 Datasheet
618Kb / 24P
Very Low Distortion Digital-to-Analog Converter for Seismic Applications
DAC1282 TI1-DAC1282 Datasheet
1Mb / 43P
LOW DISTORTION DIGITAL-TO-ANALOG CONVERTER FOR SEISMIC
TL507 TI1-TL507 Datasheet
118Kb / 7P
ANALOG-TO-DIGITAL CONVERTER
DAC1282 TI1-DAC1282_15 Datasheet
1Mb / 46P
Low Distortion Digital-to-Analog Converter for Seismic
ADS7804 TI1-ADS7804 Datasheet
940Kb / 19P
ANALOG-to-DIGITAL CONVERTER
DAC1280 TI1-DAC1280_15 Datasheet
773Kb / 24P
Low Distortion Digital-to-Analog Converter for Seismic Monitoring
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com