Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC128S085 Datasheet (PDF) - Texas Instruments

DAC128S085 Datasheet PDF - Texas Instruments
Part # DAC128S085
Download  DAC128S085 Download
File Size   1009.68 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DAC128S085 12-Bit Micro-Power OCTAL Digital-to-Analog Converter With Rail-to-Rail Outputs

DAC128S085 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC128S085 Datasheet PDF - Texas Instruments

Part # DAC128S085
Download  DAC128S085 Click to download

File Size   1009.68 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DAC128S085 12-Bit Micro-Power OCTAL Digital-to-Analog Converter With Rail-to-Rail Outputs

DAC128S085 Datasheet (HTML) - Texas Instruments


DAC128S085 Product details

1 Features
1• Ensured Monotonicity
• Low Power Operation
• Rail-to-Rail Voltage Output
• Daisy-Chain Capability
• Power-on Reset to 0 V
• Simultaneous Output Updating
• Individual Channel Power-Down Capability
• Wide Power Supply Range (2.7 V to 5.5 V)
• Dual Reference Voltages With Range of 0.5 V to
VA
• Operating Temperature Range of −40°C to 125°C
• Smallest Package in the Industry
• Resolution 12 Bits
• INL ±8 LSB (Maximum)
• DNL 0.75 / −0.4 LSB (Maximum)
• Settling Time 8.5 μs (Maximum)
• Zero Code Error 15 mV (Maximum)
• Full-Scale Error −0.75 %FSR (Maximum)
• Supply Power
– 1.95 mW (3 V) / 4.85 mW (5 V) Typical
– Power Down 0.3 μW (3 V) / 1 μW (5 V) Typical

2 Applications
• Battery-Powered Instruments
• Digital Gain and Offset Adjustment
• Programmable Voltage and Current Sources
• Programmable Attenuators
• Voltage Reference for ADCs
• Sensor Supply Voltage
• Range Detectors

3 Description
The DAC128S085 is a full-featured, general-purpose
OCTAL 12-bit voltage-output digital-to-analog converter (DAC) that can operate from a single 2.7-V
to 5.5-V supply and consumes 1.95 mW at 3 V and
4.85 mW at 5 V. The DAC128S085 is packaged in a
16-lead WQFN package and a 16-lead TSSOP package. The WQFN package makes the
DAC128S085 the smallest OCTAL DAC in its class.
The on-chip output amplifiers allow rail-to-rail output
swing, and the 3-wire serial interface operates at
clock rates up to 40 MHz over the entire supply voltage range. Competitive devices are limited to 25-
MHz clock rates at supply voltages in the 2.7-V to
3.6-V range. The serial interface is compatible with
standard SPI™, QSPI, MICROWIRE, and DSP
interfaces. The DAC128S085 also offers daisy-chain operation, where an unlimited number of
DAC128S085s can be updated simultaneously using
a single serial interface.
There are two references for the DAC128S085. One
reference input serves channels A through D, while
the other reference serves channels E through H. Each reference can be set independently between
0.5 V and VA, providing the widest possible output
dynamic range. The DAC128S085 has a 16-bit input
shift register that controls the mode of operation, the
power-down condition, and the register/output value
of the DAC channels. All eight DAC outputs can be updated simultaneously or individually.




Similar Part No. - DAC128S085

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC128S085 NSC-DAC128S085 Datasheet
526Kb / 24P
12-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
DAC128S085CIMT NSC-DAC128S085CIMT Datasheet
526Kb / 24P
12-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
logo
Texas Instruments
DAC128S085CIMT TI1-DAC128S085CIMT Datasheet
1Mb / 35P
12-Bit Micro-Power OCTAL Digital-to-Analog Converter With Rail-to-Rail Outputs
DAC128S085CIMT/NOPB TI1-DAC128S085CIMT/NOPB Datasheet
1Mb / 35P
12-Bit Micro-Power OCTAL Digital-to-Analog Converter With Rail-to-Rail Outputs
logo
National Semiconductor ...
DAC128S085CIMTX NSC-DAC128S085CIMTX Datasheet
526Kb / 24P
12-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
More results


Similar Description - DAC128S085

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC121S101 NSC-DAC121S101 Datasheet
907Kb / 19P
12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC128S085 NSC-DAC128S085 Datasheet
526Kb / 24P
12-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
DAC088S085 NSC-DAC088S085 Datasheet
529Kb / 24P
8-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
DAC108S085 NSC-DAC108S085 Datasheet
521Kb / 24P
10-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
DAC121S101QML NSC-DAC121S101QML_10 Datasheet
520Kb / 24P
12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
11696 TI-11696 Datasheet
913Kb / 19P
12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC128S085 TI1-DAC128S085_15 Datasheet
1Mb / 35P
12-Bit Micro-Power OCTAL Digital-to-Analog Converter With Rail-to-Rail Outputs
DAC088S085 TI1-DAC088S085_16 Datasheet
1Mb / 41P
DAC088S085 8-Bit Micro Power OCTAL Digital-to-Analog Converter With Rail-to-Rail Outputs
DAC108S085 TI1-DAC108S085_15 Datasheet
1Mb / 36P
DAC108S085 10-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
DAC121S101QML TI1-DAC121S101QML_16 Datasheet
791Kb / 26P
DAC121S101QML 12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com