Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5672-EP Datasheet (PDF) - Texas Instruments

DAC5672-EP Datasheet PDF - Texas Instruments
Part # DAC5672-EP
Download  DAC5672-EP Download
File Size   1068.54 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL 14-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER

DAC5672-EP Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC5672-EP Datasheet PDF - Texas Instruments

Part # DAC5672-EP
Download  DAC5672-EP Click to download

File Size   1068.54 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL 14-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER

DAC5672-EP Datasheet (HTML) - Texas Instruments


DAC5672-EP Product details

FEATURES
· Controlled Baseline
– One Assembly
– One Test Site
– One Fabrication Site
· Extended Temperature Performance of
–55°C to 125°C
· Enhanced Diminishing Manufacturing
Sources (DMS) Support
· Enhanced Product-Change Notification
· Qualification Pedigree (1)
· 14-Bit Dual Transmit Digital-to-Analog
Converter (DAC)
· 200-MSPS Update Rate
· Single Supply: 3 V to 3.6 V
· High Spurious-Free Dynamic Range (SFDR):
84 dBc at 5 MHz
· High Third-Order Two-Tone Intermodulation (IMD3): 79 dBc at 15.1 MHz and 16.1 MHz
· WCDMA Adjacent Channel Leakage Ratio
(ACLR): 78 dB at Baseband
· WCDMA ACLR: 73 dB at 30.72 MHz
· Independent or Single Resistor Gain Control
· Dual or Interleaved Data
· On-Chip 1.2-V Reference
· Low Power: 330 mW
· Power-Down Mode: 9 mW
· Package: 48-Pin Thin-Quad Flat Pack (TQFP)

APPLICATIONS
· Cellular Base Transceiver Station Transmit
Channel
– CDMA: W-CDMA, CDMA2000, IS-95
– TDMA: GSM, IS-136, EDGE/UWC-136
· Medical/Test Instrumentation
· Arbitrary Waveform Generators (ARB)
· Direct Digital Synthesis (DDS)
· Cable Modem Termination System (CMTS)

DESCRIPTION
The DAC5672 is a monolithic, dual-channel, 14-bit, high-speed digital-to-analog converter (DAC) with on-chip
voltage reference.
Operating with update rates of up to 200 MSPS, the DAC5672 offers exceptional dynamic performance, tight
gain, and offset matching characteristics that make it suitable in either I/Q baseband or direct IF communication
applications.
Each DAC has a high-impedance, differential-current output, suitable for single-ended or differential
analog-output configurations. External resistors allow scaling the full-scale output current for each DAC
separately or together, typically between 2 mA and 20 mA. An accurate on-chip voltage reference is temperature
compensated and delivers a stable 1.2-V reference voltage. Optionally, an external reference may be used.
The DAC5672 has two 14-bit parallel input ports with separate clocks and data latches. For flexibility, the
DAC5672 also supports multiplexed data for each DAC on one port when operating in the interleaved mode.
The DAC5672 has been specifically designed for a differential transformer-coupled output with a 50-W
doubly-terminated load. For a 20-mA full-scale output current, both a 4:1 impedance ratio (resulting in an output
power of 4 dBm) and 1:1 impedance ratio transformer (–2 dBm output power) are supported.
The DAC5672 is available in a 48-pin thin quad flat pack (TQFP) package. Pin compatibility between family
members provides 12-bit (DAC5662) and 14-bit (DAC5672) resolution. Furthermore, the DAC5672 is pin
compatible to the DAC2904 and AD9767 dual DACs. The device is characterized for operation over the military
temperature range of –55°C to 125°C.




Similar Part No. - DAC5672-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5672-EP TI1-DAC5672-EP Datasheet
1Mb / 27P
DUAL 14-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5672-EP TI-DAC5672-EP_15 Datasheet
1Mb / 28P
DUAL 14-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
More results


Similar Description - DAC5672-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5553 TI-ADS5553 Datasheet
533Kb / 24P
Dual 14 BIT, 65 MSPS Analog-to-Digital Converter
DAC5662 TI-DAC5662 Datasheet
299Kb / 22P
DUAL, 12-BIT 200 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5672 TI-DAC5672 Datasheet
818Kb / 23P
DUAL, 14-BIT 200 MSPS DIGITAL - TO - ANALOG CONVERTER
DAC5672A TI-DAC5672A Datasheet
1Mb / 26P
DUAL,14-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5652-EP TI1-DAC5652-EP Datasheet
643Kb / 27P
DUAL 10-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5662-EP TI1-DAC5662-EP Datasheet
670Kb / 29P
DUAL 12-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5672-EP TI1-DAC5672-EP Datasheet
1Mb / 27P
DUAL 14-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
DAC3174 TI-DAC3174_15 Datasheet
723Kb / 41P
Dual 14-bit 500 MSPS Digital to Analog Converter
DAC5652-EP TI-DAC5652-EP_15 Datasheet
636Kb / 28P
DUAL 10-BIT, 200 MSPS, DIGITAL-TO-ANALOG CONVERTER
DAC5672-EP TI-DAC5672-EP_15 Datasheet
1Mb / 28P
DUAL 14-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com