Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7552 Datasheet (PDF) - Texas Instruments

DAC7552 Datasheet PDF - Texas Instruments
Part # DAC7552
Download  DAC7552 Download
File Size   1011.58 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER

DAC7552 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC7552 Datasheet PDF - Texas Instruments

Part # DAC7552
Download  DAC7552 Click to download

File Size   1011.58 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER

DAC7552 Datasheet (HTML) - Texas Instruments


DAC7552 Product details

1FEATURES
2• 2.7-V to 5.5-V Single Supply
• 12-Bit Linearity and Monotonicity
• Rail-to-Rail Voltage Output
• Settling Time: 5 μs (Max)
• Ultralow Glitch Energy: 0.1 nVs
• Ultralow Crosstalk: –100 dB
• Low Power: 440 μA (Max)
• Per-Channel Power Down: 2 μA (Max)
• Power-On Reset to Zero Scale
• SPI-Compatible Serial Interface: Up to 50 MHz
• Daisy-Chain Capability
• Asynchronous Hardware Clear
• Simultaneous or Sequential Update
• Specified Temperature Range: –40°C to 105°C
• Small 3-mm × 3-mm, 16-Lead QFN Package

APPLICATIONS
• Portable Battery-Powered Instruments
• Digital Gain and Offset Adjustment
• Programmable Voltage and Current Sources
• Programmable Attenuators
• Industrial Process Control

DESCRIPTION
The DAC7552 is a 12-bit, dual-channel,
voltage-output DAC with exceptional linearity and
monotonicity. Its proprietary architecture minimizes
undesired transients such as code-to-code glitch and
channel-to-channel crosstalk. The low-power
DAC7552 operates from a single 2.7-V to 5.5-V
supply. The DAC7552 output amplifiers can drive a
2-kΩ, 200-pF load rail-to-rail with 5-μs settling time; the output range is set using an external voltage
reference.
The 3-wire serial interface operates at clock rates up
to 50 MHz and is compatible with SPI, QSPI,
Microwire™, and DSP interface standards. The
outputs of all DACs may be updated simultaneously
or sequentially. The parts incorporate a
power-on-reset circuit to ensure that the DAC outputs
power up to zero volts and remain there until a valid
write cycle to the device takes place. The parts
contain a power-down feature that reduces the
current consumption of the device to under 2 μA.
The small size and low-power operation makes the
DAC7552 ideally suited for battery-operated portable
applications. The power consumption is typically
1.5 mW at 5 V, 0.75 mW at 3 V, and reduces to 1 μW
in power-down mode.
The DAC7552 is available in a 16-lead QFN package
and is specified over –40°C to 105°C.




Similar Part No. - DAC7552

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7552 TI-DAC7552 Datasheet
862Kb / 22P
12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7552IRGT TI-DAC7552IRGT Datasheet
862Kb / 22P
12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7552IRGTR TI-DAC7552IRGTR Datasheet
862Kb / 22P
12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7552IRGTR TI1-DAC7552IRGTR Datasheet
1Mb / 24P
12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7552IRGTRG4 TI1-DAC7552IRGTRG4 Datasheet
1Mb / 24P
12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results


Similar Description - DAC7552

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7554 TI-DAC7554 Datasheet
1Mb / 21P
12-BIT, QUAD, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7552 TI-DAC7552 Datasheet
862Kb / 22P
12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7553 TI-DAC7553 Datasheet
774Kb / 20P
12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7551 TI-DAC7551 Datasheet
539Kb / 18P
12-BIT, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7558 TI-DAC7558 Datasheet
1Mb / 25P
12-BIT, OCTAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8555 BURR-BROWN-DAC8555 Datasheet
1Mb / 27P
16-BIT, QUAD CHANNEL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7554IDGSRG4 TI1-DAC7554IDGSRG4 Datasheet
1Mb / 24P
12-BIT, QUAD, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7552 TI1-DAC7552_13 Datasheet
1Mb / 24P
12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7553 TI1-DAC7553_14 Datasheet
1Mb / 26P
12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7558 TI1-DAC7558_16 Datasheet
2Mb / 31P
12-BIT, OCTAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com