Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7301 Datasheet (PDF) - Texas Instruments

LM7301 Datasheet PDF - Texas Instruments
Part # LM7301
Download  LM7301 Download
File Size   1067.03 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DAC084S085 8-Bit Micropower QUAD Digital-to-Analog Converter With Rail-to-Rail Output

LM7301 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM7301 Datasheet PDF - Texas Instruments

Part # LM7301
Download  LM7301 Click to download

File Size   1067.03 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DAC084S085 8-Bit Micropower QUAD Digital-to-Analog Converter With Rail-to-Rail Output

LM7301 Datasheet (HTML) - Texas Instruments


LM7301 Product details

1 Features
1• Ensured Monotonicity
• Low-Power Operation
• Rail-to-Rail Voltage Output
• Power-On Reset to 0 V
• Simultaneous Output Updating
• Wide Power Supply Range (2.7 V to 5.5 V)
• Industry's Smallest Package
• Power Down Modes
• Key Specifications
– Resolution: 8 Bits
– INL: ±0.5 LSB (Maximum)
– DNL: +0.18 / −0.13 LSB (Maximum)
– Setting Time: 4.5 μs (Maximum)
– Zero Code Error: +15 mV (Maximum)
– Full-Scale Error: −0.75 %FS (Maximum)
– Supply Power:
– Normal: 1.1 mW (3 V) / 2.5 mW (5 V)
Typical
– Power Down: 0.3 μW (3 V) / 0.8 μW (5 V)
Typical

2 Applications
• Battery-Powered Instruments
• Digital Gain and Offset Adjustment
• Programmable Voltage and Current Sources
• Programmable Attenuators

3 Description
The DAC084S085 is a full-featured, general-purpose
QUAD 8-bit voltage-output digital-to-analog converter
(DAC) that can operate from a single 2.7-V to 5.5-V
supply and consumes 1.1 mW at 3 V and 2.5 mW at
5 V. The DAC084S085 is packaged in 10-pin SON
and VSSOP packages. The 10-pin SON package
makes the DAC084S085 the smallest QUAD DAC in
its class. The on-chip output amplifier allows rail-torail
output swing and the three wire serial interface
operates at clock rates up to 40 MHz over the entire
supply voltage range. Competitive devices are limited
to 25-MHz clock rates at supply voltages in the 2.7-V
to 3.6-V range. The serial interface is compatible with
standard SPI, QSPI, MICROWIRE, and DSP
interfaces.
The reference for the DAC084S085 serves all four
channels and can vary in voltage between 1 V and
VA, providing the widest possible output dynamic
range. The DAC084S085 has a 16-bit input shift
register that controls the outputs to be updated, the
mode of operation, the power-down condition, and
the binary input data. All four outputs can be updated
simultaneously or individually depending on the
setting of the two mode of operation bits.




Similar Part No. - LM7301

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM7301 NSC-LM7301 Datasheet
263Kb / 11P
Low Power, 4 MHz GBW, Rail-to-Rail Input-Output Operational Amplifier in TinyPak??Package
logo
Texas Instruments
LM7301 TI-LM7301 Datasheet
1Mb / 22P
At VS = 5V (Typ Unless Otherwise Noted), Tiny 5-Pin SOT-23 Package Saves Space
LM7301 TI-LM7301 Datasheet
1Mb / 28P
DAC081S101 8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
ON Semiconductor
LM7301 ONSEMI-LM7301 Datasheet
380Kb / 12P
Low Power 4 MHz GBW Rail-to-Rail Input-Output Operational Amplifier
July, 2014 ??Rev. 4
logo
Texas Instruments
LM7301 TI1-LM7301 Datasheet
1Mb / 28P
LM7301 Low Power, 4-MHz GBW, Rail-to-Rail Input-Output Operational Amplifier in SOT-23 Package
More results


Similar Description - LM7301

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC081S101 NSC-DAC081S101 Datasheet
899Kb / 19P
8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC082S085 NSC-DAC082S085 Datasheet
870Kb / 19P
8-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
DAC124S085 NSC-DAC124S085 Datasheet
831Kb / 18P
12-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC084S085 NSC-DAC084S085 Datasheet
832Kb / 18P
8-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC104S085 NSC-DAC104S085 Datasheet
832Kb / 18P
10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC104S085 TI-DAC104S085 Datasheet
1Mb / 29P
10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC081S101 TI-DAC081S101 Datasheet
1Mb / 28P
DAC081S101 8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC081S101 TI1-DAC081S101_15 Datasheet
1Mb / 29P
DAC081S101 8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC084S085 TI1-DAC084S085_16 Datasheet
1Mb / 33P
DAC084S085 8-Bit Micropower QUAD Digital-to-Analog Converter With Rail-to-Rail Output
DAC124S085 TI1-DAC124S085_16 Datasheet
1Mb / 32P
DAC124S085 12-Bit Micro Power Quad Digital-to-Analog Converter With Rail-to-Rail Output
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com