Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM9211 Datasheet (PDF) - Texas Instruments

PCM9211 Datasheet PDF - Texas Instruments
Part # PCM9211
Download  PCM9211 Download
File Size   1023.6 Kbytes
Page   70 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DIX4192-Q1 Integrated Digital Audio Interface Receiver and Transmitter

PCM9211 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCM9211 Datasheet PDF - Texas Instruments

Part # PCM9211
Download  PCM9211 Click to download

File Size   1023.6 Kbytes
Page   70 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DIX4192-Q1 Integrated Digital Audio Interface Receiver and Transmitter

PCM9211 Datasheet (HTML) - Texas Instruments


PCM9211 Product details

1 Features
1• Qualified for Automotive Applications
• AEC-Q100 Qualified With the Following Results:
– Device Temperature Grade:
– DIX4192I-Q1: Grade 3 (–40°C to +85°C)
– DIX4192T-Q1: Grade 2 (–40°C to +105°C)
– Device HBM ESD Classification Level 2
– Device CDM ESD Classification Level C4B
• Digital Audio Interface Transmitter (DIT)
– PCM/Encoded data to S/PDIF Conversion
– Supports Sampling Rates Up to 216 kHz
– Includes Differential Line Driver and
CMOS-Buffered Outputs
• Digital Audio Interface Receiver (DIR)
– S/PDIF to Stereo PCM Conversion / Encoded
data
– PLL Lock Range Includes Sampling Rates
from 20 kHz to 216 kHz
– Four Differential-Input Line Receivers and an
Input Multiplexer
– Bypass Multiplexer Routes Line Receiver
Outputs to Line Driver and Buffer Outputs
– Automatic Detection of Non-PCM Audio
Streams (DTS CD/LD and IEC 61937 formats)
– Audio CD Q-Channel Sub-Code Decoding and
Data Buffer
– Low Jitter Recovered Clock Output
• User-Selectable Serial Host Interface: SPI™ or
I2C
– Provides Access to On-Chip Registers and
Data Buffers
– Status Registers and Interrupt Generation for
Flag and Error Conditions
– Block-Sized Data Buffers for Both Channel
Status and User Data
• Two Audio Serial Ports (Ports A and B)
– Synchronous Serial Interface to External
Signal Processors, Data Converters, and Logic
– Slave or Master Mode Operation With
Sampling Rates Up to 216 kHz
– Supports Left-Justified, Right-Justified, and
Philips I2S™ Data Formats
– Supports Audio Data Word Lengths Up to
24 Bits
• Four General-Purpose Digital Outputs
– Multifunction Programmable Through Control
Registers
• Extensive Power-Down Support
– Functional Blocks May Be Disabled
Individually When Not In Use
• Operates From 1.8-V Core and 3.3-V I/O Power
Supplies
• Small TQFP-48 Package, Compatible With the
SRC4382 and SRC4392

2 Applications
• Automotive Infotainment Systems

3 Description
The DIX4192-Q1 device is a highly-integrated CMOS
device designed for use in professional and
broadcast digital audio systems. The DIX4192-Q1
combines a digital audio interface receiver (DIR) and
transmitter (DIT), two audio serial ports, and flexible
distribution logic for interconnection of the function
block data and clocks.
The DIR and DIT are compatible with the AES3,
S/PDIF, IEC 60958, and EIAJ CP-1201 interface
standards. The audio serial ports and DIT may be
operated at sampling rates up to 216 kHz. The DIR
lock range includes sampling rates from 20 kHz to
216 kHz.




Similar Part No. - PCM9211

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM9211 TI1-PCM9211 Datasheet
1Mb / 121P
216-kHz Digital Audio Interface Transceiver (DIX) with Stereo ADC and Routing
PCM9211 TI-PCM9211 Datasheet
1Mb / 121P
Integrated DIX, ADC, and Signal Routing: ??Asynchronous Operation (DIR, DIT, ADC) ??Mux and Routing of PCM Data: ??I2S?? Left-Justified, Right-Justified
PCM9211 TI2-PCM9211 Datasheet
1Mb / 71P
DIX4192 Integrated Digital Audio Interface Receiver and Transmitter
REVISED SEPTEMBER 2016
PCM9211PT TI1-PCM9211PT Datasheet
1Mb / 121P
216-kHz Digital Audio Interface Transceiver (DIX) with Stereo ADC and Routing
PCM9211PT TI1-PCM9211PT Datasheet
1Mb / 125P
Digital Audio Interface Transceiver
More results


Similar Description - PCM9211

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS8401 ETC-CS8401 Datasheet
365Kb / 34P
Digital Audio Interface Transmitter
logo
Burr-Brown (TI)
SRC4392 BURR-BROWN-SRC4392 Datasheet
6Mb / 79P
Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
DIX4192 BURR-BROWN-DIX4192 Datasheet
806Kb / 60P
Integrated Digital Audio Interface Receiver and Transmitter
SRC4382 BURR-BROWN-SRC4382 Datasheet
7Mb / 81P
Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
logo
Texas Instruments
DIX4192IPFBG4 TI1-DIX4192IPFBG4 Datasheet
1Mb / 64P
Integrated Digital Audio Interface Receiver and Transmitter
SRC4382 TI1-SRC4382_14 Datasheet
1Mb / 84P
Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
SRC4392 TI1-SRC4392_14 Datasheet
1Mb / 94P
Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
DIX4192 TI1-DIX4192_16 Datasheet
1Mb / 69P
Integrated Digital Audio Interface Receiver and Transmitter
DIX4192-Q1 TI1-DIX4192-Q1 Datasheet
790Kb / 65P
Integrated Digital Audio Interface Receiver and Transmitter
DIX4192-Q1 TI1-DIX4192-Q1_17 Datasheet
1Mb / 69P
Integrated Digital Audio Interface Receiver and Transmitter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com