Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8704 Datasheet (PDF) - Texas Instruments

DRV8704 Datasheet PDF - Texas Instruments
Part # DRV8704
Download  DRV8704 Download
File Size   1004.99 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV8704 52-V Dual H-Bridge PWM Gate Driver

DRV8704 Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV8704 Datasheet PDF - Texas Instruments

Part # DRV8704
Download  DRV8704 Click to download

File Size   1004.99 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV8704 52-V Dual H-Bridge PWM Gate Driver

DRV8704 Datasheet (HTML) - Texas Instruments


DRV8704 Product details

1 Features
1• Pulse Width Modulation (PWM) Motor Driver
– Drives External N-Channel MOSFETs
– PWM Control Interface for Dual DC Motors
– Supports 100% PWM Duty Cycle
• 8-V to 52-V Operating Supply Voltage Range
• Adjustable Gate Drive (4 Levels)
– 50-mA to 200-mA Source Current
– 100-mA to 400-mA Sink Current
• Integrated PWM Current Regulation
• Flexible Decay Modes
– Automatic Mixed Decay Mode
– Slow Decay
– Fast Decay
– Mixed Decay (Adjustable Percent Fast)
• Highly Configurable SPI
• Torque DAC to Digitally Scale Current
• Low-Current Sleep Mode (65 μA)
• 5-V, 10-mA LDO Regulator
• Thermally-Enhanced Surface-Mount Package
– 38-Pin HTSSOP (PowerPAD)
SPACER
• Protection Features
– VM Undervoltage Lockout (UVLO)
– Gate Driver Fault (PDF)
– Overcurrent Protection (OCP)
– Thermal Shutdown (TSD)
– Fault Condition Indication Pin (nFAULT)
– Fault Diagnostics through SPI

2 Applications
• Automatic Teller and Money Handling Machines
• Office Automation Machines
• Factory Automation and Robotics
• Textile Machines

3 Description
The DRV8704 is a dual-brushed motor controller for
industrial equipment applications. The device controls
external N-channel MOSFETs configured as two Hbridges.
Motor current can be accurately controlled using
adaptive blanking time and various current decay
modes, including an automatic mixed decay mode.
A simple PWM interface allows easy interfacing to
controller circuits. A SPI serial interface is used to
program the device operation. Output current
(torque), gate drive settings, and decay mode are all
programmable through a SPI serial interface.
Internal shutdown functions are provided for
overcurrent protection, short-circuit protection, gate
driver faults, undervoltage lockout (UVLO), and
overtemperature. Fault conditions are indicated by a
FAULTn pin, and each fault condition is reported by a
dedicated bit through SPI.
The DRV8704 is packaged in a PowerPAD™ 38-pin
HTSSOP package with thermal pad (Eco-friendly:
RoHS & no Sb/Br).




Similar Part No. - DRV8704

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8704 TI1-DRV8704 Datasheet
1Mb / 38P
Dual H-Bridge PWM Gate Driver
DRV8704 TI2-DRV8704 Datasheet
1,005Kb / 38P
DRV8704 52-V Dual H-Bridge PWM Gate Driver
OCTOBER 2015
DRV8704DCP TI1-DRV8704DCP Datasheet
1Mb / 38P
Dual H-Bridge PWM Gate Driver
DRV8704DCP TI2-DRV8704DCP Datasheet
1,005Kb / 38P
DRV8704 52-V Dual H-Bridge PWM Gate Driver
OCTOBER 2015
DRV8704DCPR TI1-DRV8704DCPR Datasheet
1Mb / 38P
Dual H-Bridge PWM Gate Driver
More results


Similar Description - DRV8704

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33883 MOTOROLA-MC33883 Datasheet
556Kb / 20P
H-Bridge Gate Driver IC
logo
Freescale Semiconductor...
33883 FREESCALE-33883 Datasheet
536Kb / 21P
H-Bridge Gate Driver IC
logo
Sanyo Semicon Device
LV8018W SANYO-LV8018W Datasheet
114Kb / 7P
4ch PWM H-bridge Driver
logo
Freescale Semiconductor...
MC33883 FREESCALE-MC33883_12 Datasheet
617Kb / 21P
H-Bridge Gate Driver IC
logo
Texas Instruments
DRV8704 TI1-DRV8704 Datasheet
1Mb / 38P
Dual H-Bridge PWM Gate Driver
logo
Allegro MicroSystems
A4955 ALLEGRO-A4955 Datasheet
378Kb / 11P
Full-Bridge PWM Gate Driver
A4956 ALLEGRO-A4956 Datasheet
376Kb / 11P
Full-Bridge PWM Gate Driver
A5957 ALLEGRO-A5957 Datasheet
335Kb / 10P
Full-Bridge PWM Gate Driver
logo
Texas Instruments
DRV8702-Q1 TI1-DRV8702-Q1 Datasheet
127Kb / 6P
Automotive H-Bridge Gate Driver
logo
Toshiba Semiconductor
TC78H653FTG TOSHIBA-TC78H653FTG Datasheet
488Kb / 14P
1.8-V Dual H-bridge driver IC
2019-04-04
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com