Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8829 Datasheet (PDF) - Texas Instruments

DRV8829 Datasheet PDF - Texas Instruments
Part # DRV8829
Download  DRV8829 Download
File Size   1072.72 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV8829 5-A 45-V Single H-Bridge Motor Driver

DRV8829 Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV8829 Datasheet PDF - Texas Instruments

Part # DRV8829
Download  DRV8829 Click to download

File Size   1072.72 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV8829 5-A 45-V Single H-Bridge Motor Driver

DRV8829 Datasheet (HTML) - Texas Instruments


DRV8829 Product details

1 Features
1• Single H-Bridge PWM Motor Driver
– Single Brushed-DC Motor Driver
– 1/2 Bipolar Stepper Motor Driver
• 5-A peak or 3.5-A rms Output Current
• 6.5- to 45-V Operating Supply Voltage Range
• Simple PH/EN Control Interface
• Multiple Decay Modes
– Mixed Decay
– Slow Decay
– Fast Decay
• Low-Current Sleep Mode (10 μA)
• Small Package and Footprint
– 28 HTSSOP (PowerPAD)
SPACE
• Protection Features
– VM Undervoltage Lockout (UVLO)
– Overcurrent Protection (OCP)
– Thermal Shutdown (TSD)
– Fault Condition Indication Pin (nFAULT)

2 Applications
• Automatic Teller and Money Handling Machines
• Video Security Cameras
• Multi-Function Printers and Scanners
• Office Automation Machines
• Gaming Machines
• Factory Automation and Robotics
• Stage Lighting Equipment

3 Description
The DRV8829 is a brushed-DC motor or 1/2 bipolar
stepper driver for industrial applications. The device output stage consists of an N-channel power
MOSFET H-bridge driver. The DRV8829 is capable of
driving up to 5-A peak current or 3.5-A rms current
(with proper printed-circuit-board ground plane for thermal dissipation and at 24 V and TA = 25°C).
The PH/EN pins provide a simple control interface. An internal sense amplifier allows for adjustable
current control. A low-power sleep mode is provided
for very low quiescent current standby using a
dedicated nSLEEP pin. Current regulation decay mode can be set to slow, fast, or mixed decay.
Internal protection functions are provided for undervoltage, overcurrent, short-circuits, and
overtemperature. Fault conditions are indicated by a
nFAULT pin.




Similar Part No. - DRV8829

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8829 TI1-DRV8829 Datasheet
712Kb / 17P
H-BRIDGE MOTOR DRIVER IC
DRV8829PWP TI1-DRV8829PWP Datasheet
712Kb / 17P
H-BRIDGE MOTOR DRIVER IC
DRV8829PWPR TI1-DRV8829PWPR Datasheet
712Kb / 17P
H-BRIDGE MOTOR DRIVER IC
DRV8829 TI-DRV8829_15 Datasheet
1,016Kb / 27P
DRV8829 5-A 45-V Single H-Bridge Motor Driver
More results


Similar Description - DRV8829

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC17510EJ MOTOROLA-MPC17510EJ Datasheet
490Kb / 12P
1.2 A 15 V H-Bridge Motor Driver IC
logo
Freescale Semiconductor...
17510 FREESCALE-17510 Datasheet
407Kb / 14P
1.2 A 15 V H-Bridge Motor Driver IC
17511A FREESCALE-17511A Datasheet
222Kb / 16P
1.0 A 6.8 V H-Bridge Motor Driver IC
17533 FREESCALE-17533 Datasheet
372Kb / 12P
0.7 A 6.8 V Dual H-Bridge Motor Driver
MPC17510 FREESCALE-MPC17510 Datasheet
407Kb / 14P
1.2 A 15 V H-Bridge Motor Driver IC
MPC17511A FREESCALE-MPC17511A Datasheet
852Kb / 17P
1.0 A 6.8 V H-Bridge Motor Driver IC
logo
Renesas Technology Corp
HD74LV2GT04A RENESAS-HD74LV2GT04A Datasheet
83Kb / 8P
1.0 A 6.8 V H-Bridge Motor Driver IC
logo
Texas Instruments
DRV8829 TI-DRV8829_15 Datasheet
1,016Kb / 27P
DRV8829 5-A 45-V Single H-Bridge Motor Driver
logo
Vishay Siliconix
SIP2100 VISHAY-SIP2100 Datasheet
172Kb / 7P
5 V, 1 A H-Bridge Motor Driver
10-Dec-12
SIP2100 VISHAY-SIP2100_V01 Datasheet
173Kb / 7P
5 V, 1 A H-Bridge Motor Driver
10-Dec-12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com