Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDC1008 Datasheet (PDF) - Texas Instruments

HDC1008 Datasheet PDF - Texas Instruments
Part # HDC1008
Download  HDC1008 Download
File Size   1012.03 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HDC1008 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor

HDC1008 Datasheet (PDF)

Go To PDF Page Download Datasheet
HDC1008 Datasheet PDF - Texas Instruments

Part # HDC1008
Download  HDC1008 Click to download

File Size   1012.03 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HDC1008 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor

HDC1008 Datasheet (HTML) - Texas Instruments


HDC1008 Product details

1 Features
1• Relative Humidity (RH) Operating Range 0% to
100%
• 14 Bit Measurement Resolution
• Relative Humidity Accuracy ±4%
• Temperature Accuracy ±0.2 °C
• 200 nA Sleep Mode Current
• Average Supply Current:
– 820 nA @ 1sps, 11 bit RH Measurement
– 1.2 μA @ 1sps, 11 bit RH and Temperature
Measurement
• Supply Voltage 3 V to 5 V
• Tiny 2 mm x 1.6 mm Device Footprint
• I2C Interface

2 Applications
• HVAC
• Smart Thermostats and Room Monitors
• White Goods
• Printers
• Handheld Meters
• Medical Devices
• Cargo Shipping
• Automotive Windshield Defog
• Wearable Devices
• Mobile Devices

3 Description
The HDC1008 is a digital humidity sensor with
integrated temperature sensor that provides excellent
measurement accuracy at very low power. The
device measures humidity based on a novel
capacitive sensor. The humidity and temperature
sensors are factory calibrated. The innovative
WLCSP (Wafer Level Chip Scale Package) simplifies board design with the use of an ultra-compact
package. The sensing element of the HDC1008 is
placed on the bottom part of the device, which makes
the HDC1008 more robust against dirt, dust, and
other environmental contaminants. The HDC1008 is functional within the full -40°C to +125°C temperature
range.




Similar Part No. - HDC1008

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HDC1008 TI1-HDC1008 Datasheet
1Mb / 30P
Low Power, High Accuracy Digital Humidity Sensor
HDC1008YPAR TI1-HDC1008YPAR Datasheet
1Mb / 30P
Low Power, High Accuracy Digital Humidity Sensor
HDC1008YPAT TI1-HDC1008YPAT Datasheet
1Mb / 30P
Low Power, High Accuracy Digital Humidity Sensor
HDC1008 TI-HDC1008_15 Datasheet
1Mb / 30P
HDC1008 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
More results


Similar Description - HDC1008

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HDC1000 TI-HDC1000_15 Datasheet
1Mb / 31P
HDC1000 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1008 TI-HDC1008_15 Datasheet
1Mb / 30P
HDC1008 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1050 TI-HDC1050_15 Datasheet
818Kb / 25P
HDC1050 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1000 TI1-HDC1000_16 Datasheet
1Mb / 31P
Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1010 TI1-HDC1010 Datasheet
253Kb / 7P
Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1080 TI1-HDC1080 Datasheet
467Kb / 26P
Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1050 TI1-HDC1050_15 Datasheet
871Kb / 25P
Low Power, High Accuracy Digital Humidity Sensor
HDC1008 TI1-HDC1008 Datasheet
1Mb / 30P
Low Power, High Accuracy Digital Humidity Sensor
HDC1010 TI1-HDC1010_16 Datasheet
254Kb / 8P
Low Power, High Accuracy Digital Humidity Sensor
HDC1050 TI1-HDC1050 Datasheet
1Mb / 27P
Low Power High Accuracy Digital Humidity Sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com