Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDC1010 Datasheet (PDF) - Texas Instruments

HDC1010 Datasheet PDF - Texas Instruments
Part # HDC1010
Download  HDC1010 Download
File Size   1002.43 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HDC1010 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor

HDC1010 Datasheet (PDF)

Go To PDF Page Download Datasheet
HDC1010 Datasheet PDF - Texas Instruments

Part # HDC1010
Download  HDC1010 Click to download

File Size   1002.43 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HDC1010 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor

HDC1010 Datasheet (HTML) - Texas Instruments


HDC1010 Product details

1 Features
1• Relative Humidity Accuracy ±2% (typical)
• Temperature Accuracy ±0.2°C (typical)
• Excellent Stability at High Humidity
• 14 Bit Measurement Resolution
• 100 nA Sleep Mode Current
• Average Supply Current:
– 710 nA @ 1 sps, 11 bit RH Measurement
– 1.3 μA @ 1 sps, 11 bit RH and Temperature
Measurement
• Supply Voltage 2.7 V to 5.5 V
• Tiny 2 mm x 1.6 mm Device Footprint
• I2C Interface

2 Applications
• HVAC
• IoT Smart Thermostats and Room Monitors
• Refrigerators
• Printers
• White Goods
• Medical Devices
• Wireless Sensor (TIDA: 00374, 00484, 00524)

3 Description
The HDC1010 is a digital humidity sensor with
integrated temperature sensor that provides excellent
measurement accuracy at very low power. The
HDC1010 operates over a wide supply range, and is
a low cost, low power alternative to competitive
solutions in a wide range of common applications.
The innovative WLCSP (Wafer Level Chip Scale
Package) simplifies board design with the use of an
ultra-compact package. The sensing element of the
HDC1010 is placed on the bottom part of the device,
which makes the HDC1010 more robust against dirt,
dust, and other environmental contaminants. The
humidity and temperature sensors are factory
calibrated and the calibration data is stored in the onchip
non-volatile memory.




Similar Part No. - HDC1010

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HDC1010 TI1-HDC1010 Datasheet
253Kb / 7P
Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1010 TI1-HDC1010 Datasheet
254Kb / 8P
Low Power, High Accuracy Digital Humidity Sensor
HDC1010YPAR TI1-HDC1010YPAR Datasheet
253Kb / 7P
Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1010YPAR TI1-HDC1010YPAR Datasheet
254Kb / 8P
Low Power, High Accuracy Digital Humidity Sensor
HDC1010YPAT TI1-HDC1010YPAT Datasheet
254Kb / 8P
Low Power, High Accuracy Digital Humidity Sensor
More results


Similar Description - HDC1010

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HDC1000 TI-HDC1000_15 Datasheet
1Mb / 31P
HDC1000 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1008 TI-HDC1008_15 Datasheet
1Mb / 30P
HDC1008 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1050 TI-HDC1050_15 Datasheet
818Kb / 25P
HDC1050 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1000 TI1-HDC1000_16 Datasheet
1Mb / 31P
Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1010 TI1-HDC1010 Datasheet
253Kb / 7P
Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1080 TI1-HDC1080 Datasheet
467Kb / 26P
Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1050 TI1-HDC1050_15 Datasheet
871Kb / 25P
Low Power, High Accuracy Digital Humidity Sensor
HDC1008 TI1-HDC1008 Datasheet
1Mb / 30P
Low Power, High Accuracy Digital Humidity Sensor
HDC1010 TI1-HDC1010_16 Datasheet
254Kb / 8P
Low Power, High Accuracy Digital Humidity Sensor
HDC1050 TI1-HDC1050 Datasheet
1Mb / 27P
Low Power High Accuracy Digital Humidity Sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com