Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA129-HT Datasheet (PDF) - Texas Instruments

INA129-HT Datasheet PDF - Texas Instruments
Part # INA129-HT
Download  INA129-HT Download
File Size   1046.84 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA12x-HT Precision, Low-Power Instrumentation Amplifiers

INA129-HT Datasheet (PDF)

Go To PDF Page Download Datasheet
INA129-HT Datasheet PDF - Texas Instruments

Part # INA129-HT
Download  INA129-HT Click to download

File Size   1046.84 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA12x-HT Precision, Low-Power Instrumentation Amplifiers

INA129-HT Datasheet (HTML) - Texas Instruments


INA129-HT Product details

1 Features
1• Low Offset Voltage: 25 uV Typical
• Low Input Bias Current: 50 nA Typical (1)
• High CMR: 95 dB Typical(1)
• Inputs Protected to ±40 V
• Wide Supply Range: ±2.25 V to ±18 V
• Low Quiescent Current: 2 mA Typical(1)

2 Applications
• Bridge Amplifiers
• Thermocouple Amplifiers
• RTD Sensor Amplifiers
• Medical Instrumentation
• Data Acquisition
• Supports Extreme Temperature Applications:
– Controlled Baseline
– One Assembly/Test Site
– One Fabrication Site
– Available in Extreme Temperature Ranges
(–55°C to 210°C) (2)
– Extended Product Life Cycle
– Extended Product-Change Notification
– Product Traceability

3 Description
The INA128-HT and INA129-HT are low-power,
general-purpose instrumentation amplifiers offering excellent accuracy. The versatile three-operational-
amplifier design and small size make them ideal for a
wide range of applications. Current-feedback input
circuitry provides wide bandwidth even at high gain. A single external resistor sets any gain from 1 to 10000.
The INA128-HT provides an industry-standard gain
equation; the INA129-HT gain equation is compatible
with the AD620.
The INA128-HT and INA129-HT are laser trimmed for
very low offset voltage (25 μV Typ) and high
common-mode rejection (93 dB at G ≥ 100). These devices operate with power supplies as low as ±2.25
V, and quiescent current of 2 mA, typically. Internal
input protection can withstand up to ±40 V without
damage.
Texas Instruments' high-temperature products use
highly optimized silicon (die) solutions with design
and process enhancements to maximize performance
over extended temperatures.
The INA129-HT is available in 8-pin ceramic DIP and
8-pin ceramic surface-mount packages, specified for
the –55°C to 210°C temperature range. The INA128-
HT is available in an 8-pin SOIC-8 surface-mount
package, specified for the –55°C to 175°C temperature range.




Similar Part No. - INA129-HT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA129-HT TI-INA129-HT Datasheet
750Kb / 30P
INA12x-HT Precision, Low-Power Instrumentation Amplifiers
More results


Similar Description - INA129-HT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA128 BURR-BROWN-INA128 Datasheet
245Kb / 10P
Precision, Low Power INSTRUMENTATION AMPLIFIERS
logo
Texas Instruments
INA128 TI-INA128 Datasheet
1Mb / 20P
Precision, Low Power INSTRUMENTATION AMPLIFIERS
INA128-HT TI1-INA128-HT Datasheet
1Mb / 29P
PRECISION, LOW POWER INSTRUMENTATION AMPLIFIERS
INA129-EP TI1-INA129-EP Datasheet
1Mb / 22P
PRECISION, LOW POWER INSTRUMENTATION AMPLIFIERS
INA129UA TI1-INA129UA Datasheet
1Mb / 20P
Precision, Low Power INSTRUMENTATION AMPLIFIERS
logo
API Technologies Corp
MN2310 APITECH-MN2310 Datasheet
1Mb / 7P
Precision, Low-Noise JFET Instrumentation Amplifiers
logo
Texas Instruments
INA128-HT TI-INA128-HT_15 Datasheet
750Kb / 30P
INA12x-HT Precision, Low-Power Instrumentation Amplifiers
INA128-HT TI1-INA128-HT_15 Datasheet
834Kb / 30P
Precision, Low-Power Instrumentation Amplifiers
INA129-EP TI1-INA129-EP_15 Datasheet
1Mb / 26P
Precision, Low Power Instrumentation Amplifiers
INA128 TI1-INA128_15 Datasheet
1Mb / 29P
INA12x Precision, Low Power Instrumentation Amplifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com