Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA217AIDWT Datasheet (PDF) - Texas Instruments

INA217AIDWT Datasheet PDF - Texas Instruments
Part # INA217AIDWT
Download  INA217AIDWT Download
File Size   1032.51 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA217 Low-Noise, Low-Distortion Instrumentation Amplifier Replacement for SSM2017

INA217AIDWT Datasheet (PDF)

Go To PDF Page Download Datasheet
INA217AIDWT Datasheet PDF - Texas Instruments

Part # INA217AIDWT
Download  INA217AIDWT Click to download

File Size   1032.51 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA217 Low-Noise, Low-Distortion Instrumentation Amplifier Replacement for SSM2017

INA217AIDWT Datasheet (HTML) - Texas Instruments


INA217AIDWT Product details

1 Features
1• Low Noise: 1.3 nV/M√Hz at 1 kHz
• Low THD+N: 0.004% at 1 kHz, G = 100
• Wide Bandwidth: 800 kHz at G = 100
• Wide Supply Range: ±4.5 V to ±18 V
• High CMR: > 100 dB
• Gain Set With External Resistor
• DIP-8 and SOL-16 Widebody Packages

2 Applications
• Professional Microphone Preamps
• Moving-coil Transducer Amplifiers
• Differential Receivers
• Bridge Transducer Amplifiers

3 Description
The INA217 device is a low-noise, low-distortion,
monolithic instrumentation amplifier. Current- feedback circuitry allows the INA217 device to
achieve wide bandwidth and excellent dynamic
response over a wide range of gain. The INA217
device is ideal for low-level audio signals such as balanced low-impedance microphones. Many
industrial, instrumentation, and medical applications
also benefit from its low noise and wide bandwidth.
Unique distortion cancellation circuitry reduces
distortion to extremely low levels, even in high gain.
The INA217 device provides near-theoretical noise
performance for 200-Ω source impedance. The INA217 device features differential input, low noise,
and low distortion that provides superior performance
in professional microphone amplifier applications.
The INA217device features wide supply voltage,
excellent output voltage swing, and high output
current drive, making it an optimal candidate for use
in high-level audio stages.
The INA217 device is available in the same DIP-8
and SOL-16 wide body packages and pinouts as the
SSM2017. For a smaller package, see the INA163
device in SO-14 narrow. The INA217 device is
specified over the temperature range of –40°C to
85°C.




Similar Part No. - INA217AIDWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA217AIDWT TI-INA217AIDWT Datasheet
219Kb / 11P
Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER Replacement for SSM2017
INA217AIDWT TI-INA217AIDWT Datasheet
342Kb / 11P
Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER Replacement for SSM2017
INA217AIDWT TI1-INA217AIDWT Datasheet
966Kb / 25P
Low-Noise, Low-Distortion Instrumentation Amplifier Replacement
INA217AIDWTE4 TI-INA217AIDWTE4 Datasheet
342Kb / 11P
Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER Replacement for SSM2017
INA217AIDWTE4 TI1-INA217AIDWTE4 Datasheet
966Kb / 25P
Low-Noise, Low-Distortion Instrumentation Amplifier Replacement
More results


Similar Description - INA217AIDWT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA103 BURR-BROWN-INA103 Datasheet
297Kb / 12P
Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA217 TI-INA217 Datasheet
219Kb / 11P
Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER Replacement for SSM2017
logo
Burr-Brown (TI)
INA163 BURR-BROWN-INA163 Datasheet
250Kb / 11P
Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER
INA103 BURR-BROWN-INA103_07 Datasheet
282Kb / 14P
Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
INA163 BURR-BROWN-INA163_06 Datasheet
249Kb / 11P
Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA217 TI-INA217_07 Datasheet
342Kb / 11P
Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER Replacement for SSM2017
INA103AG TI1-INA103AG Datasheet
785Kb / 17P
Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
INA217 TI-INA217_15 Datasheet
912Kb / 25P
INA217 Low-Noise, Low-Distortion Instrumentation Amplifier Replacement for SSM2017
INA217 TI1-INA217 Datasheet
966Kb / 25P
Low-Noise, Low-Distortion Instrumentation Amplifier Replacement
INA166 TI1-INA166_08 Datasheet
333Kb / 11P
Low-Noise, Low-Distortion, G = 2000 INSTRUMENTATION AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com