Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO5851 Datasheet (PDF) - Texas Instruments

ISO5851 Datasheet PDF - Texas Instruments
Part # ISO5851
Download  ISO5851 Download
File Size   1036.45 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ISO5851-Q1 High-CMTI 2.5-A and 5-A Isolated IGBT, MOSFET Gate Driver With Active Protection Features

ISO5851 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISO5851 Datasheet PDF - Texas Instruments

Part # ISO5851
Download  ISO5851 Click to download

File Size   1036.45 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ISO5851-Q1 High-CMTI 2.5-A and 5-A Isolated IGBT, MOSFET Gate Driver With Active Protection Features

ISO5851 Datasheet (HTML) - Texas Instruments


ISO5851 Product details

1 Features
1• Qualified for Automotive Applications
• AEC-Q100 Qualified With the Following Results:
– Device Temperature Grade 1: –40°C to
+125°C Ambient Operating Temperature
Range
– Device HBM Classification Level 3A
– Device CDM Classification Level C6
• 100-kV/μs Minimum Common-Mode Transient
Immunity (CMTI) at VCM = 1500 V
• 2.5-A Peak Source and 5-A Peak Sink Currents
• Short Propagation Delay: 76 ns (Typ),
110 ns (Max)
• 2-A Active Miller Clamp
• Output Short-Circuit Clamp
• Fault Alarm upon Desaturation Detection is
Signaled on FLT and Reset Through RST
• Input and Output Undervoltage Lockout (UVLO)
with Ready (RDY) Pin Indication
• Active Output Pull-down and Default Low Outputs
with Low Supply or Floating Inputs
• 3-V to 5.5-V Input Supply Voltage
• 15-V to 30-V Output Driver Supply Voltage
• CMOS Compatible Inputs
• Rejects Input Pulses and Noise Transients
Shorter Than 20 ns
• Isolation Surge Withstand Voltage 12800-VPK
• Safety-Related Certifications:
– 8000-VPK VIOTM and 2121-VPK VIORM
Reinforced Isolation per DIN V VDE V 0884-10
(VDE V 0884-10):2006-12
– 5700-VRMS Isolation for 1 Minute per UL 1577
– CSA Component Acceptance Notice 5A, IEC
60950–1 and IEC 60601–1 End Equipment
Standards
– TUV Certification per EN 61010-1 and EN
60950-1
– GB4943.1-2011 CQC Certification
– All Certifications Complete

2 Applications
• Isolated IGBT and MOSFET Drives in:
– HEV and EV Power Modules
– Industrial Motor Control Drives
– Industrial Power Supplies
– Solar Inverters
– Induction Heating

3 Description
The ISO5851-Q1 is a 5.7-kVRMS, reinforced isolated
gate driver for IGBTs and MOSFETs with 2.5-A
source and 5-A sink current. The input side operates
from a single 3-V to 5.5-V supply. The output side
allows for a supply range from minimum 15 V to
maximum 30 V. Two complementary CMOS inputs
control the output state of the gate driver. The short
propagation time of 76 ns assures accurate control of
the output stage.
An internal desaturation (DESAT) fault detection
recognizes when the IGBT is in an overload
condition. Upon a DESAT detect, the gate driver
output is driven low to VEE2 potential, turning the
IGBT immediately off.
When desaturation is active, a fault signal is sent
across the isolation barrier, pulling the FLT output at
the input side low and blocking the isolator input. The
FLT output condition is latched and can be reset
through a low-active pulse at the RST input.




Similar Part No. - ISO5851

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO5851 TI-ISO5851 Datasheet
1Mb / 34P
High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver with Active Safety Features
ISO5851-Q1 TI1-ISO5851-Q1 Datasheet
1Mb / 40P
High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver
ISO5851DW TI-ISO5851DW Datasheet
1Mb / 34P
High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver with Active Safety Features
ISO5851DWR TI-ISO5851DWR Datasheet
1Mb / 34P
High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver with Active Safety Features
ISO5851QDWQ1 TI1-ISO5851QDWQ1 Datasheet
1Mb / 40P
High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver
More results


Similar Description - ISO5851

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO5451 TI-ISO5451 Datasheet
1Mb / 38P
High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver with Active Safety Features
ISO5452 TI-ISO5452 Datasheet
1Mb / 37P
High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver with Split Outputs and Active Safety Features
ISO5851 TI-ISO5851 Datasheet
1Mb / 34P
High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver with Active Safety Features
ISO5852S TI-ISO5852S_15 Datasheet
1Mb / 37P
High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver with Split Outputs and Active Safety Features
ISO5451-Q1 TI1-ISO5451-Q1 Datasheet
1Mb / 39P
High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver
ISO5452-Q1 TI1-ISO5452-Q1 Datasheet
1Mb / 41P
High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver
ISO5851-Q1 TI1-ISO5851-Q1 Datasheet
1Mb / 40P
High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver
ISO5852S-Q1 TI1-ISO5852S-Q1 Datasheet
1Mb / 42P
High-CMTI 2.5-A and 5-A Reinforced Isolated IGBT, MOSFET Gate Driver
ISO5852S-EP TI1-ISO5852S-EP Datasheet
1Mb / 43P
High-CMTI 2.5-A and 5-A Reinforced Isolated IGBT, MOSFET Gate Driver With Split Outputs and Active Protection Features
ISO5852S-EP TI1-ISO5852S-EP_17 Datasheet
1Mb / 43P
High-CMTI 2.5-A and 5-A Reinforced Isolated IGBT, MOSFET Gate Driver With Split Outputs and Active Protection Features
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com