Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM82 Datasheet (PDF) - Texas Instruments

LM82 Datasheet PDF - Texas Instruments
Part # LM82
Download  LM82 Download
File Size   1055.36 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM82 Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface

LM82 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM82 Datasheet PDF - Texas Instruments

Part # LM82
Download  LM82 Click to download

File Size   1055.36 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM82 Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface

LM82 Datasheet (HTML) - Texas Instruments


LM82 Product details

1FEATURES
2• Accurately Senses Die Temperature of Remote
ICs, or Diode Junctions
• On-board Local Temperature Sensing
• SMBus and I2C Compatible Interface, Supports
SMBus 1.1 TIMEOUT
• Two Interrupt Outputs: INT and T_CRIT_A
• Register Readback Capability
• 7 bit Plus Sign Temperature Data Format, 1°C
Resolution
• 2 Address Select Pins Allow Connection of 9
LM82s on a Single Bus

APPLICATIONS
• System Thermal Management
• Computers
• Electronic Test Equipment
• Office Electronics
• HVAC

KEY SPECIFICATIONS
• Supply Voltage: 3.0 to 3.6V
• Supply Current: 0.8mA (max)
• Local Temp Accuracy (includes quantization
error):
– 0 to +85 ±3.0°C (max)
• Remote Diode Temp Accuracy (includes
quantization error):
– +25°C to +100°C ±3°C (max)
– 0°C to +125°C ±4°C (max)

DESCRIPTION
The LM82 is a digital temperature sensor with a 2
wire serial interface that senses the voltage and thus
the temperature of a remote diode using a Delta-
Sigma analog-to-digital converter with a digital over-
temperature detector. The LM82 accurately senses
its own temperature as well as the temperature of
external devices, such as Pentium II Processors or
diode connected 2N3904s. The temperature of any
ASIC can be detected using the LM82 as long as a
dedicated diode (semiconductor junction) is available
on the die. Using the SMBus interface a host can
access the LM82's registers at any time. Activation of
a T_CRIT_A output occurs when any temperature is greater than a programmable comparator limit,
T_CRIT. Activation of an INT output occurs when any
temperature is greater than its corresponding
programmable comparator HIGH limit.
The host can program as well as read back the state
of the T_CRIT register and the 2 T_HIGH registers.
Three state logic inputs allow two pins (ADD0, ADD1) to select up to 9 SMBus address locations for the
LM82. The sensor powers up with default thresholds
of 127°C for T_CRIT and all T_HIGHs. The LM82 is
pin for pin and register compatible with the LM84,
Maxim MAX1617 and Analog Devices ADM1021.




Similar Part No. - LM82

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM82 NSC-LM82 Datasheet
341Kb / 17P
Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM82 NSC-LM82 Datasheet
358Kb / 17P
Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
LM82 TI-LM82 Datasheet
713Kb / 25P
Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
logo
Shanghai Leiditech Elec...
LM8205D LEIDITECH-LM8205D Datasheet
853Kb / 4P
Dual N-Channel 20V,SOT-26 M0SFET
logo
National Semiconductor ...
LM8207 NSC-LM8207 Datasheet
1Mb / 22P
TFT 18 Gamma Buffer VCOM Driver Voltage Reference
More results


Similar Description - LM82

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM82 NSC-LM82 Datasheet
341Kb / 17P
Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM86 NSC-LM86 Datasheet
414Kb / 21P
짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM89 NSC-LM89 Datasheet
745Kb / 20P
짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM90 NSC-LM90 Datasheet
384Kb / 20P
3 Degree Celcious Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM82 NSC-LM82_04 Datasheet
358Kb / 17P
Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
LM86 TI1-LM86 Datasheet
1Mb / 33P
짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor With Two-Wire Interface
LM82 TI-LM82_15 Datasheet
713Kb / 25P
Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM86 TI-LM86_15 Datasheet
1Mb / 34P
짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor With Two-Wire Interface
LM89 TI-LM89 Datasheet
1Mb / 37P
Accurate, Remote Diode And Local Digital Temperature Sensor With Two-Wire Interface
LM90 TI-LM90_15 Datasheet
1Mb / 32P
Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com