Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM86 Datasheet (PDF) - Texas Instruments

LM86 Datasheet PDF - Texas Instruments
Part # LM86
Download  LM86 Download
File Size   1012.43 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ±0.75°C Accurate, Remote Diode and Local Digital Temperature Sensor With Two-Wire Interface

LM86 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM86 Datasheet PDF - Texas Instruments

Part # LM86
Download  LM86 Click to download

File Size   1012.43 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ±0.75°C Accurate, Remote Diode and Local Digital Temperature Sensor With Two-Wire Interface

LM86 Datasheet (HTML) - Texas Instruments


LM86 Product details

1FEATURES
23• Accurately Senses Die Temperature of Remote
ICs or Diode Junctions
• Offset Register Allows Sensing a Variety of
Thermal Diodes Accurately
• On-Board Local Temperature Sensing
• 10-Bit Plus Sign Remote Diode Temperature
Data Format, 0.125°C Resolution
• T_CRIT_A Output Useful for System Shutdown
• ALERT Output Supports SMBus 2.0 Protocol
• SMBus 2.0 Compatible Interface, Supports
TIMEOUT
• 8-Pin VSSOP and SOIC Packages

APPLICATIONS
• Computer System Thermal Management
(For Example, Laptop, Desktop, Workstations,
Server)
• Electronic Test Equipment
• Office Electronics

KEY SPECIFICATIONS
• Supply Voltage 3.0V to 3.6V
• Supply Current 0.8mA (typ)
• Local Temp Accuracy (includes quantization
error)
– TA=25°C to 125°C, ±3.0°C (max)
• Remote Diode Temp Accuracy (includes
quantization error)
– TA=30°C, TD=80°C, ±0.75°C (max)
– TA=30°C to 50°C, TD=60°C to 100°C, ±1.0°C
(max)
– TA=0°C to 85°C, TD=25°C to 125°C, ±3.0°C
(max)

DESCRIPTION
The LM86 is an 11-bit digital temperature sensor with
a 2-wire System Management Bus (SMBus) serial
interface. The LM86 accurately measures its own
temperature as well as the temperature of an external
device, such as processor thermal diode or diode
connected transistor such as the 2N3904. The
temperature of any ASIC can be accurately
determined using the LM86 as long as a dedicated
diode (semiconductor junction) is available on the
target die. The LM86 remote sensor accuracy of
±0.75°C is factory trimmed for the 1.008 typical
nonideality factor of the mobile Pentium™ III thermal
diode. The LM86 has an Offset register to allow measuring other diodes without requiring continuous
software management. Contact
hardware.monitor.team@nsc.com to obtain the latest
data for new processors.
Activation of the ALERT output occurs when any
temperature goes outside a preprogrammed window
set by the HIGH and LOW temperature limit registers
or exceeds the T_CRIT temperature limit. Activation
of the T_CRIT_A occurs when any temperature
exceeds the T_CRIT programmed limit. The LM86 is
pin and register compatible with the the Analog
Devices ADM1032 and Maxim MAX6657/8.




Similar Part No. - LM86

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM86 NSC-LM86 Datasheet
414Kb / 21P
짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
LM86 TI1-LM86 Datasheet
1Mb / 33P
짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor With Two-Wire Interface
logo
National Semiconductor ...
LM86CIM NSC-LM86CIM Datasheet
414Kb / 21P
짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
LM86CIM TI1-LM86CIM Datasheet
1Mb / 33P
짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor With Two-Wire Interface
LM86CIM/NOPB TI1-LM86CIM/NOPB Datasheet
1Mb / 33P
짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor With Two-Wire Interface
More results


Similar Description - LM86

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM82 NSC-LM82 Datasheet
341Kb / 17P
Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM86 NSC-LM86 Datasheet
414Kb / 21P
짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM89 NSC-LM89 Datasheet
745Kb / 20P
짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM90 NSC-LM90 Datasheet
384Kb / 20P
3 Degree Celcious Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM82 NSC-LM82_04 Datasheet
358Kb / 17P
Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
LM86 TI1-LM86 Datasheet
1Mb / 33P
짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor With Two-Wire Interface
LM82 TI-LM82_15 Datasheet
713Kb / 25P
Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM86 TI-LM86_15 Datasheet
1Mb / 34P
짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor With Two-Wire Interface
LM89 TI-LM89 Datasheet
1Mb / 37P
Accurate, Remote Diode And Local Digital Temperature Sensor With Two-Wire Interface
LM90 TI-LM90_15 Datasheet
1Mb / 32P
Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com