Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2778 Datasheet (PDF) - Adafruit Industries

2778 Datasheet PDF - Adafruit Industries
Part # 2778
Download  2778 Download
File Size   678.21 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description USB to 2.1mm DC Booster Cable - 12V

2778 Datasheet (PDF)

Go To PDF Page Download Datasheet
2778 Datasheet PDF - Adafruit Industries

Part # 2778
Download  2778 Click to download

File Size   678.21 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description USB to 2.1mm DC Booster Cable - 12V

2778 Datasheet (HTML) - Adafruit Industries




Similar Part No. - 2778

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2778 KR-2778 Datasheet
50Kb / 2P
Sharp Transition to Stopband
logo
Multicomp Pro
2778 MULTICOMP-2778 Datasheet
275Kb / 1P
Heat Shrink Tubing Kit
06/05/21 V1.0
logo
Kemet Corporation
2778 KEMET-2778 Datasheet
739Kb / 4P
For voltage balancing and/or discharge of electrolytic capacitors
logo
PHOENIX CONTACT
2778013 PHOENIX-2778013 Datasheet
164Kb / 13P
Feed-through terminal block - UKK 3-LOER
2778097 PHOENIX-2778097 Datasheet
165Kb / 13P
Feed-through terminal block - UKK 3-LOER BU
More results


Similar Description - 2778

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSB817 FAIRCHILD-KSB817 Datasheet
56Kb / 5P
Audio Power Amplifier Car Booster Output Amplifier DC to DC Converter
logo
List of Unclassifed Man...
C4074 ETC1-C4074 Datasheet
162Kb / 1P
DC Power Adaptor, 2.5mm DC Socket to 2.1mm DC Plug
logo
Gennum Corporation
1255P GENNUM-1255P Datasheet
267Kb / 10P
Protects USB VBus operating up to 12V
logo
List of Unclassifed Man...
JR8306-1.5M ETC2-JR8306-1.5M Datasheet
232Kb / 1P
2.1mm DC Plug to 2.1mm DC Jack
MC000996 ETC2-MC000996 Datasheet
219Kb / 1P
USB C to USB C Cable
PPW00024 ETC2-PPW00024 Datasheet
157Kb / 1P
2.1mm DC Plug to Plug
logo
SHOUDING Shouding Semic...
SD2350D SHOUDING-SD2350D Datasheet
1Mb / 9P
DC/DC Booster chip
logo
IOGEAR
G2LUB16 IOGEAR-G2LUB16 Datasheet
125Kb / 2P
USB 1.1 A-A Booster Extension Cable - 16ft
GUE2118 IOGEAR-GUE2118 Datasheet
137Kb / 3P
USB 2.0 Booster Extension Cable - 39ft (TAA Compliant)
GUE216 IOGEAR-GUE216 Datasheet
124Kb / 2P
USB 2.0 Booster Extension Cable - 16ft
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com