Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2897 Datasheet (PDF) - Adafruit Industries

2897 Datasheet PDF - Adafruit Industries
Part # 2897
Download  2897 Download
File Size   219.3 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description 2.1mm to 2.5mm DC Barrel Plug Adapter

2897 Datasheet (PDF)

Go To PDF Page Download Datasheet
2897 Datasheet PDF - Adafruit Industries

Part # 2897
Download  2897 Click to download

File Size   219.3 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description 2.1mm to 2.5mm DC Barrel Plug Adapter

2897 Datasheet (HTML) - Adafruit Industries




Similar Part No. - 2897

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2897 KR-2897 Datasheet
59Kb / 3P
300 MHz Center Frequency
2897-SMA KR-2897-SMA Datasheet
75Kb / 3P
300 MHz Center Frequency
logo
M/A-COM Technology Solu...
28970-BRF-001-A MA-COM-28970-BRF-001-A Datasheet
308Kb / 2P
AutoBaud Technology
28970-BRF-001-A MA-COM-28970-BRF-001-A_15 Datasheet
308Kb / 2P
AutoBaud?줥echnology
logo
PHOENIX CONTACT
2897020 PHOENIX-2897020 Datasheet
470Kb / 11P
Digital module - IB IL DI 8/S0-PAC
Dec 9, 2022
More results


Similar Description - 2897

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C4074 ETC1-C4074 Datasheet
162Kb / 1P
DC Power Adaptor, 2.5mm DC Socket to 2.1mm DC Plug
JR8306-1.5M ETC2-JR8306-1.5M Datasheet
232Kb / 1P
2.1mm DC Plug to 2.1mm DC Jack
JR8307-1.5M ETC2-JR8307-1.5M Datasheet
211Kb / 1P
2.5mm DC Plug to 2.5mm DC Jack
PPW00024 ETC2-PPW00024 Datasheet
157Kb / 1P
2.1mm DC Plug to Plug
PPW00029 ETC2-PPW00029 Datasheet
161Kb / 1P
2.5mm DC Plug to Plug
76000934 ETC2-76000934 Datasheet
41Kb / 1P
AC Power Supply - 5VDC. U.S. 2-pin to 2.5mm locking barrel plug. Compatibility
logo
SparkFun Electronics
PRT-09518 SPARKFUN-PRT-09518 Datasheet
90Kb / 1P
9V to Barrel Jack Adapter
11/16/2015
PRT-10287 SPARKFUN-PRT-10287 Datasheet
90Kb / 1P
DC Barrel Jack Adapter - Male
8/5/2016
PRT-10288 SPARKFUN-PRT-10288 Datasheet
88Kb / 1P
DC Barrel Jack Adapter - Female
8/5/2016
logo
Electronic Components L...
FC681465ST CLIFF-FC681465ST Datasheet
139Kb / 1P
DC10LS SMD DUAL DC SOCKET Accepts 2.1mm & 2.5mm Plugs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com