Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2914 Datasheet (PDF) - Adafruit Industries

2914 Datasheet PDF - Adafruit Industries
Part # 2914
Download  2914 Download
File Size   154.78 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description 3.5mm (1/8") 4-Pole (TRRS) Audio Plug Terminal Block

2914 Datasheet (PDF)

Go To PDF Page Download Datasheet
2914 Datasheet PDF - Adafruit Industries

Part # 2914
Download  2914 Click to download

File Size   154.78 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description 3.5mm (1/8") 4-Pole (TRRS) Audio Plug Terminal Block

2914 Datasheet (HTML) - Adafruit Industries




Similar Part No. - 2914

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
2914 INTEL-2914 Datasheet
1Mb / 21P
COMBINED SINGLE-CHIP PCM CODEC AND FILTER
logo
KR Electronics, Inc.
2914 KR-2914 Datasheet
62Kb / 2P
450 MHz elliptic type lowpass filter
logo
Heyco.
2914 HEYCO-2914 Datasheet
128Kb / 1P
Open/Closed Bushings
logo
PHOENIX CONTACT
2914071 PHOENIX-2914071 Datasheet
146Kb / 8P
Lower part of housing, with vents, fully assembled, with metal foot catch, with integrated bus connector (5-pos.)
2914084 PHOENIX-2914084 Datasheet
98Kb / 4P
Plug-in connection with screw, spring-cage or fast connection technology
More results


Similar Description - 2914

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
C-284506 MACOM-C-284506 Datasheet
199Kb / 1P
TERMINAL BLOCK PLUG STACKING 3.5mm PITCH
C-284510 MACOM-C-284510 Datasheet
49Kb / 1P
TERMINAL BLOCK, PLUG WITH SCREW FLANGE 3.5mm PITCH
logo
Tripp Lite. All Rights ...
P318006MF TRIPPLITE-P318006MF Datasheet
486Kb / 2P
3.5mm Mini Stereo Audio 4 Position TRRS Headset Extension Cable (M-F) 6-ft
P318-006-MF TRIPPLITE-P318-006-MF Datasheet
161Kb / 2P
3.5mm Mini Stereo Audio 4 Position TRRS Headset Extension Cable (M/F) 6-ft.
logo
Kycon, Inc.
STX-35061 KYCON-STX-35061 Datasheet
403Kb / 1P
3.5mm Audio Jack, Through Hole, 4 Pole
logo
List of Unclassifed Man...
MJ-064H ETC1-MJ-064H Datasheet
488Kb / 2P
3.5mm Jack - Socket, 4 pole
logo
SparkFun Electronics
CAB-14163 SPARKFUN-CAB-14163 Datasheet
64Kb / 1P
Audio Cable TRRS - 1ft
6??2??7
CAB-14164 SPARKFUN-CAB-14164 Datasheet
67Kb / 1P
Audio Cable TRRS - 3ft
6??2??7
COM-15337 SPARKFUN-COM-15337 Datasheet
112Kb / 2P
TRRS Audio Plug - 3.5mm (Metal)
7??2??9
COM-15438 SPARKFUN-COM-15438 Datasheet
99Kb / 2P
TRS Audio Plug - 3.5mm (Metal)
7??2??9
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com