Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0804019 Datasheet (PDF) - PHOENIX CONTACT

0804019 Datasheet PDF - PHOENIX CONTACT
Part # 0804019
Download  0804019 Download
File Size   271.74 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description EO-E/UT/SH/LED/GN - Socket

0804019 Datasheet (PDF)

Go To PDF Page Download Datasheet
0804019 Datasheet PDF - PHOENIX CONTACT

Part # 0804019
Download  0804019 Click to download

File Size   271.74 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description EO-E/UT/SH/LED/GN - Socket

0804019 Datasheet (HTML) - PHOENIX CONTACT


0804019 Product details

Socket, with extended touch protection/shutter, LED display, Pin connector pattern type E,
connection method: Screw connection, color: green, nom. voltage: 250 V AC (50 Hz), nominal
current: 16 A, for mounting on a DIN rail in the service interface or direct mounting,
standards/specifications: NF C61-314, IEC 60884-1, Country marking: France




Similar Part No. - 0804019

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804010 PHOENIX-0804010 Datasheet
266Kb / 8P
EO-D/PT/GN - Socket
0804011 PHOENIX-0804011 Datasheet
268Kb / 8P
EO-D/PT/LED - Socket
0804012 PHOENIX-0804012 Datasheet
269Kb / 8P
EO-D/PT/LED/GN - Socket
0804013 PHOENIX-0804013 Datasheet
273Kb / 8P
EO-D/PT/LED/DUO - Double socket
0804014 PHOENIX-0804014 Datasheet
274Kb / 8P
EO-D/PT/LED/DUO/GN - Double socket
More results


Similar Description - 0804019

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3045091 PHOENIX-3045091 Datasheet
161Kb / 6P
UT 2,5 GN
3045156 PHOENIX-3045156 Datasheet
145Kb / 6P
UT 4 GN
3045211 PHOENIX-3045211 Datasheet
144Kb / 6P
UT 6 GN
3046333 PHOENIX-3046333 Datasheet
143Kb / 6P
UT 10 GN
1068038 PHOENIX-1068038 Datasheet
90Kb / 5P
Socket - EO-CF/UT/YE
09/12/2020
0804165 PHOENIX-0804165 Datasheet
180Kb / 5P
Socket - EO-AB/PT/15
01/21/2022
0804168 PHOENIX-0804168 Datasheet
171Kb / 5P
Socket - EO-AB/PT/LED/15
01/21/2022
0804174 PHOENIX-0804174 Datasheet
181Kb / 5P
Socket - EO-AB/PT/LED/S/15
01/21/2022
1263627 PHOENIX-1263627 Datasheet
316Kb / 8P
Double socket - EO-AB/UT/LED/DUO/V/GFI/20
Nov 16, 2022
1263628 PHOENIX-1263628 Datasheet
316Kb / 8P
Double socket - EO-AB/UT/LED/DUO/V/GFI/15
Nov 16, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com