Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0804024 Datasheet (PDF) - PHOENIX CONTACT

0804024 Datasheet PDF - PHOENIX CONTACT
Part # 0804024
Download  0804024 Download
File Size   289.66 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description EO-CF/UT - Socket

0804024 Datasheet (PDF)

Go To PDF Page Download Datasheet
0804024 Datasheet PDF - PHOENIX CONTACT

Part # 0804024
Download  0804024 Click to download

File Size   289.66 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description EO-CF/UT - Socket

0804024 Datasheet (HTML) - PHOENIX CONTACT


0804024 Product details

Socket, Pin connector pattern type CF, connection method: Screw connection, color: gray, nom.
voltage: 250 V AC (50 Hz), nominal current: 16 A, for mounting on a DIN rail in the service
interface or direct mounting, standards/specifications: VDE 0620-1, IEC 60884-1, Country
marking: Germany




Similar Part No. - 0804024

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804020 PHOENIX-0804020 Datasheet
290Kb / 8P
EO-E/PT/SH - Socket
0804021 PHOENIX-0804021 Datasheet
268Kb / 8P
EO-E/PT/SH/GN - Socket
0804022 PHOENIX-0804022 Datasheet
271Kb / 8P
EO-E/PT/SH/LED - Socket
0804023 PHOENIX-0804023 Datasheet
271Kb / 8P
EO-E/PT/SH/LED/GN - Socket
0804025 PHOENIX-0804025 Datasheet
269Kb / 8P
EO-CF/UT/GN - Socket
More results


Similar Description - 0804024

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
CF2A-50-SG-R ADAM-TECH-CF2A-50-SG-R Datasheet
128Kb / 1P
CF TYPE SOCKET
CFE-50-LXX ADAM-TECH-CFE-50-LXX Datasheet
70Kb / 1P
CF SOCKET EJECTOR
CFR-50-A-SG-2 ADAM-TECH-CFR-50-A-SG-2 Datasheet
146Kb / 1P
CF TYPE SOCKET
logo
PHOENIX CONTACT
1068038 PHOENIX-1068038 Datasheet
90Kb / 5P
Socket - EO-CF/UT/YE
09/12/2020
0804165 PHOENIX-0804165 Datasheet
180Kb / 5P
Socket - EO-AB/PT/15
01/21/2022
0804168 PHOENIX-0804168 Datasheet
171Kb / 5P
Socket - EO-AB/PT/LED/15
01/21/2022
0804173 PHOENIX-0804173 Datasheet
178Kb / 4P
Socket - EO-AB/PT/S/15
01/21/2022
0804174 PHOENIX-0804174 Datasheet
181Kb / 5P
Socket - EO-AB/PT/LED/S/15
01/21/2022
1263627 PHOENIX-1263627 Datasheet
316Kb / 8P
Double socket - EO-AB/UT/LED/DUO/V/GFI/20
Nov 16, 2022
1263628 PHOENIX-1263628 Datasheet
316Kb / 8P
Double socket - EO-AB/UT/LED/DUO/V/GFI/15
Nov 16, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com