Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDH2D09 Datasheet (PDF) - Sumida Corporation

CDH2D09 Datasheet PDF - Sumida Corporation
Part # CDH2D09
Download  CDH2D09 Download
File Size   162.15 Kbytes
Page   2 Pages
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation
Description POWER INDUCTORS

CDH2D09 Datasheet (PDF)

Go To PDF Page Download Datasheet
CDH2D09 Datasheet PDF - Sumida Corporation

Part # CDH2D09
Download  CDH2D09 Click to download

File Size   162.15 Kbytes
Page   2 Pages
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation
Description POWER INDUCTORS

CDH2D09 Datasheet (HTML) - Sumida Corporation


CDH2D09 Product details

◆ Product Description
 • 2.55× 2.50mm Max.(L× W),1.0mm Max. Height.(CDH2D09/S)
 • 3.0× 2.8mm Max.(L× W),1.0mm Max. Height.(CDH2D09B)
 • Inductance range:1.0~10μ H(CDH2D09/S); 2.4~22μ H(CDH2D09B).
 • Rated current range:0.28~0.88A(CDH2D09/S); 0.31~1.0A(CDH2D09B).
 • In addition to the standards versions shown here, custom inductors are also available to meet your exact requirements.

◆ Feature
 • Magnetically unshielded construction.
 • Ideally used in Mobilephone,PDA,MP3,HDD,DSC/DVC,etc as DC-DC inverter inductors.
 • RoHS Compliance.




Similar Part No. - CDH2D09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
CDH2D09 MAXIM-CDH2D09 Datasheet
829Kb / 44P
PMIC with Integrated Charger and Smart Power Selector for Handheld Devices
Rev 0; 8/07
logo
Sumida Corporation
CDH2D09BNP-100MC SUMIDA-CDH2D09BNP-100MC Datasheet
159Kb / 3P
SMD Power Inductor
CDH2D09BNP-150MC SUMIDA-CDH2D09BNP-150MC Datasheet
159Kb / 3P
SMD Power Inductor
CDH2D09BNP-220MC SUMIDA-CDH2D09BNP-220MC Datasheet
159Kb / 3P
SMD Power Inductor
CDH2D09BNP-2R4MC SUMIDA-CDH2D09BNP-2R4MC Datasheet
159Kb / 3P
SMD Power Inductor
More results


Similar Description - CDH2D09

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
Inductors SMT Power Inductors
logo
Sumida Corporation
CDEPI1010 SUMIDA-CDEPI1010 Datasheet
159Kb / 2P
Power Inductors
CDEP105 SUMIDA-CDEP105_06 Datasheet
150Kb / 3P
POWER INDUCTORS
CDBM128 SUMIDA-CDBM128 Datasheet
235Kb / 1P
POWER INDUCTORS
CDBM73MN SUMIDA-CDBM73MN Datasheet
177Kb / 1P
POWER INDUCTORS
CDBM7D28 SUMIDA-CDBM7D28 Datasheet
189Kb / 1P
POWER INDUCTORS
CDBH38D18 SUMIDA-CDBH38D18 Datasheet
62Kb / 1P
POWER INDUCTORS
CDR7D28MN SUMIDA-CDR7D28MN_06 Datasheet
220Kb / 2P
POWER INDUCTORS
CDR6D28MN SUMIDA-CDR6D28MN_07 Datasheet
142Kb / 2P
Power Inductors
CDR6D23MN SUMIDA-CDR6D23MN_06 Datasheet
164Kb / 2P
POWER INDUCTORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com