Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM20134 Datasheet (PDF) - Texas Instruments

LM20134 Datasheet PDF - Texas Instruments
Part # LM20134
Download  LM20134 Download
File Size   1038.43 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM20134/LM20134Q 4A, PowerWise® Synchronous Buck Regulator with Input Synchronization

LM20134 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM20134 Datasheet PDF - Texas Instruments

Part # LM20134
Download  LM20134 Click to download

File Size   1038.43 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM20134/LM20134Q 4A, PowerWise® Synchronous Buck Regulator with Input Synchronization

LM20134 Datasheet (HTML) - Texas Instruments


LM20134 Product details

1FEATURES
2• LM20134Q is AEC-Q100 Qualified and
Manufactured on an Automotive Grade Flow
• Input Voltage Range 2.95V to 5.5V
• Accurate Current Limit Minimizes Inductor
Size
• 97% Peak Efficiency
• Frequency Synchronization Pin
• 32 mΩ Integrated FET Switches
• Starts up into Pre-Biased Loads
• Output Voltage Tracking
• Peak Current Mode Control
• Adjustable Output Voltage Down to 0.8V
• Adjustable Soft-Start with External Capacitor
• Precision Enable Pin with Hysteresis
• Integrated OVP, UVLO, Power Good and
Thermal Shutdown
• HTSSOP 16-Pin Exposed Pad Package

APPLICATIONS
• Simple to Design, High Efficiency Point of
Load Regulation from a 5V or 3.3V Bus
• High Performance DSPs, FPGAs, ASICs and
Microprocessors
• Broadband, Networking and Optical
Communications Infrastructure

DESCRIPTION
The LM20134 is a full featured synchronous buck
regulator capable of delivering up to 4A of continuous
output current. The current mode control loop can be
compensated to be stable with virtually any type of
output capacitor. For most cases, compensating the
device only requires two external components,
providing maximum flexibility and ease of use. The
device is optimized to work over the input voltage
range of 2.95V to 5.5V making it suited for a wide
variety of low voltage systems.
The device features internal over voltage protection
(OVP) and over current protection (OCP) circuits for
increased system reliability. A precision enable pin
and integrated UVLO allows the turn on of the device
to be tightly controlled and sequenced. Start-up
inrush currents are limited by both an internally fixed
and externally adjustable Soft-Start circuit. Fault
detection and supply sequencing is possible with the
integrated power good circuit.
The switching frequency of the LM20134 can be
synchronized to an external clock by use of the
SYNC pin. The SYNC pin is capable of synchronizing
to input signals ranging from 500 kHz to 1.5 MHz
The LM20134 is designed to work well in multi-rail
power supply architectures. The output voltage of the
device can be configured to track a higher voltage rail
using the SS/TRK pin. If the output of the LM20134 is
pre-biased at startup it will not sink current to pull the
output low until the internal soft-start ramp exceeds
the voltage at the feedback pin.




Similar Part No. - LM20134

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM20134 NSC-LM20134 Datasheet
699Kb / 22P
4A, PowerWise짰 Synchronous Buck Regulator with Input Synchronization
LM20134 NSC-LM20134 Datasheet
699Kb / 22P
4A, PowerWise짰 Synchronous Buck Regulator with Input Synchronization
logo
Texas Instruments
LM20134 TI-LM20134 Datasheet
1Mb / 31P
LM20134/LM20134Q 4A, PowerWise Synchronous Buck Regulator with Input
logo
National Semiconductor ...
LM20134MH NSC-LM20134MH Datasheet
699Kb / 22P
4A, PowerWise짰 Synchronous Buck Regulator with Input Synchronization
LM20134MH NSC-LM20134MH Datasheet
699Kb / 22P
4A, PowerWise짰 Synchronous Buck Regulator with Input Synchronization
More results


Similar Description - LM20134

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM20134 NSC-LM20134 Datasheet
699Kb / 22P
4A, PowerWise짰 Synchronous Buck Regulator with Input Synchronization
LM20133 NSC-LM20133 Datasheet
710Kb / 22P
3A, PowerWise짰 Synchronous Buck Regulator with Input Synchronization
LM20133 NSC-LM20133_08 Datasheet
710Kb / 22P
3A, PowerWise짰 Synchronous Buck Regulator with Input Synchronization
LM20134 NSC-LM20134_08 Datasheet
699Kb / 22P
4A, PowerWise짰 Synchronous Buck Regulator with Input Synchronization
LM20136 NSC-LM20136 Datasheet
543Kb / 22P
6A, Synchronous Buck Regulator with Input Synchronization
logo
Texas Instruments
LM20144QMHX TI1-LM20144QMHX Datasheet
1Mb / 30P
LM20144/LM20144Q 4A, PowerWise Adjustable Frequency Synchronous Buck Regulator
LM20134MHE TI-LM20134MHE Datasheet
1Mb / 31P
LM20134/LM20134Q 4A, PowerWise Synchronous Buck Regulator with Input
LM20134MH TI1-LM20134MH Datasheet
1Mb / 31P
LM20134/LM20134Q 4A, PowerWise Synchronous Buck Regulator with Input Synchronization
LM20133 TI-LM20133_15 Datasheet
1Mb / 29P
3A, PowerWise Synchronous Buck Regulator with Input Synchronization
LM20144 TI-LM20144_15 Datasheet
1Mb / 30P
4A PowerWise Adjustable Frequency Synchronous Buck Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com