Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM20144 Datasheet (PDF) - Texas Instruments

LM20144 Datasheet PDF - Texas Instruments
Part # LM20144
Download  LM20144 Download
File Size   1032.53 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM20144/LM20144Q 4A, PowerWise® Adjustable Frequency Synchronous Buck Regulator

LM20144 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM20144 Datasheet PDF - Texas Instruments

Part # LM20144
Download  LM20144 Click to download

File Size   1032.53 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM20144/LM20144Q 4A, PowerWise® Adjustable Frequency Synchronous Buck Regulator

LM20144 Datasheet (HTML) - Texas Instruments


LM20144 Product details

1FEATURES
2• Available in AEC-Q100 Temperature Grade 1
• Input Voltage Range 2.95V to 5.5V
• Accurate Current Limit Minimizes Inductor
Size
• 97% Peak Efficiency
• Adjustable Switching Frequency (500 kHz - 1.5
MHz)
• 32 mΩ Integrated FET Switches
• Starts up into Pre-Biased Loads
• Output Voltage Tracking
• Peak Current Mode Control
• Adjustable Output Voltage Down to 0.8V
• Adjustable Soft-Start with External Capacitor
• Precision Enable Pin with Hysteresis
• Integrated OVP, UVLO, Power Good and
Thermal Shutdown
• HTSSOP 16-Pin Exposed Pad Package

APPLICATIONS
• Simple to Design, High Efficiency Point of
Load Regulation from a 5V or 3.3V Bus
• High Performance DSPs, FPGAs, ASICs and
Microprocessors
• Broadband, Networking and Optical
Communications Infrastructure

DESCRIPTION
The LM20144 is a full featured adjustable frequency
synchronous buck regulator capable of delivering up
to 4A of continuous output current. The current mode
control loop can be compensated to be stable with
virtually any type of output capacitor. For most cases,
compensating the device only requires two external
components, providing maximum flexibility and ease
of use. The device is optimized to work over the input
voltage range of 2.95V to 5.5V making it suited for a
wide variety of low voltage systems.
The device features internal over voltage protection
(OVP) and over current protection (OCP) circuits for
increased system reliability. A precision enable pin
and integrated UVLO allows the turn-on of the device
to be tightly controlled and sequenced. Start-up
inrush currents are limited by both an internally fixed
and externally adjustable Soft-Start circuit. Fault
detection and supply sequencing is possible with the
integrated power good circuit.
The LM20144 is designed to work well in multi-rail
power supply architectures. The output voltage of the
device can be configured to track a higher voltage rail
using the SS/TRK pin. If the output of the LM20144 is
pre-biased at startup it will not sink current to pull the
output low until the internal soft-start ramp exceeds
the voltage at the feedback pin.
The frequency of this device can be adjusted from
500 kHz to 1.5 MHz by connecting an external
resistor from the RT pin to ground.
The LM20144 is offered in a 16-pin HTSSOP
package with an exposed pad that can be soldered to
the PCB, eliminating the need for bulky heatsinks.




Similar Part No. - LM20144

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM20144 NSC-LM20144 Datasheet
835Kb / 20P
4A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20144 NSC-LM20144 Datasheet
835Kb / 20P
4A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
logo
Texas Instruments
LM20144 TI1-LM20144 Datasheet
1Mb / 29P
4A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20144 TI-LM20144 Datasheet
1Mb / 30P
4A PowerWise Adjustable Frequency Synchronous Buck Regulator
LM20144-Q1 TI-LM20144-Q1 Datasheet
1Mb / 30P
4A PowerWise Adjustable Frequency Synchronous Buck Regulator
More results


Similar Description - LM20144

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM20144 NSC-LM20144 Datasheet
835Kb / 20P
4A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20144 NSC-LM20144_08 Datasheet
835Kb / 20P
4A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
logo
Texas Instruments
LM20144QMHX TI1-LM20144QMHX Datasheet
1Mb / 30P
LM20144/LM20144Q 4A, PowerWise Adjustable Frequency Synchronous Buck Regulator
LM20134MHE TI-LM20134MHE Datasheet
1Mb / 31P
LM20134/LM20134Q 4A, PowerWise Synchronous Buck Regulator with Input
LM20134MH TI1-LM20134MH Datasheet
1Mb / 31P
LM20134/LM20134Q 4A, PowerWise Synchronous Buck Regulator with Input Synchronization
LM20144 TI1-LM20144_14 Datasheet
1Mb / 29P
4A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20144 TI-LM20144_15 Datasheet
1Mb / 30P
4A PowerWise Adjustable Frequency Synchronous Buck Regulator
LM20145 TI-LM20145_15 Datasheet
1Mb / 29P
5A PowerWise Adjustable Frequency Synchronous Buck Regulator
LM20143 TI1-LM20143_16 Datasheet
1Mb / 36P
3-A PowerWise Adjustable Frequency Synchronous Buck Regulator
LM20146 TI1-LM20146_15 Datasheet
1Mb / 29P
Adjustable Frequency Synchronous Buck Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com