Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM20333 Datasheet (PDF) - Texas Instruments

LM20333 Datasheet PDF - Texas Instruments
Part # LM20333
Download  LM20333 Download
File Size   1027.58 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM20333 36V, 3A Synchronous Buck Regulator with Frequency Synchronization

LM20333 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM20333 Datasheet PDF - Texas Instruments

Part # LM20333
Download  LM20333 Click to download

File Size   1027.58 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM20333 36V, 3A Synchronous Buck Regulator with Frequency Synchronization

LM20333 Datasheet (HTML) - Texas Instruments


LM20333 Product details

FEATURES
• 4.5V to 36V Input Voltage Range
• 3A Output Current, 5.2A Peak Current
• 130 mΩ/110 mΩ Integrated Power MOSFETs
• 94% Peak Efficiency with Synchronous
Rectification
• 1.5% Feedback Voltage Accuracy
• Current Mode Control, Selectable
Compensation
• Oscillator Synchronization from 250kHz to
1.5MHz
• Adjustable Output Voltage Down to 0.8V
• Compatible with Pre-biased Loads
• Programmable Soft-start with External
Capacitor
• Precision Enable Pin with Hysteresis
• OVP, UVLO Inputs and PGOOD Output
• Internally Protected with Peak Current Limit,
Thermal Shutdown and Restart
• Accurate Current Limit Minimizes Inductor
Size
• Non-linear Current Mode Slope Compensation
• 20-Pin HTSSOP Exposed Pad Package

APPLICATIONS
• Simple to Design, High Efficiency Point of
Load Regulation from a 4.5V to 36V Bus
• High Performance DSPs, FPGAs, ASICs and
Microprocessors
• Communications Infrastructure, Automotive

DESCRIPTION
The LM20333 is a full featured synchronous buck
regulator capable of delivering up to 3A of load
current. The current mode control loop is externally
compensated with only two components, offering both
high performance and ease of use. The device is
optimized to work over the input voltage range of
4.5V to 36V making it well suited for high voltage
systems.
The device features internal Over Voltage Protection
(OVP) and Over Current Protection (OCP) circuits for
increased system reliability. A precision Enable pin
and integrated UVLO allows the turn on of the device
to be tightly controlled and sequenced. Startup inrush
currents are limited by both an internally fixed and
externally adjustable soft-start circuit. Fault detection
and supply sequencing are possible with the
integrated power good (PGOOD) circuit.
The LM20333 is designed to work well in multi-rail
power supply architectures. The output voltage of the
device can be configured to track a higher voltage rail
using the SS/TRK pin. If the output of the LM20333 is
pre-biased at startup it will not sink current to pull the
output low until the internal soft-start ramp exceeds
the voltage at the feedback pin.
The switching frequency of the LM20333 can be
synchronized to an external clock by use of the
SYNC pin. The SYNC pin is capable of synchronizing
to input signals ranging from 250 kHz to 1.5 MHz.
The LM20333 is offered in an exposed pad 20-pin
HTSSOP package that can be soldered to the PCB,
eliminating the need for bulky heatsinks.




Similar Part No. - LM20333

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM20333 NSC-LM20333 Datasheet
520Kb / 20P
36V, 3A PowerWise짰 Synchronous Buck Regulator with Frequency Synchronization
logo
Texas Instruments
LM20333 TI1-LM20333 Datasheet
1Mb / 30P
3A Synchronous Buck Regulator with Frequency Synchronization
LM20333 TI-LM20333 Datasheet
1Mb / 29P
LM20333 36V, 3A Synchronous Buck Regulator with Frequency Synchronization
logo
National Semiconductor ...
LM20333A NSC-LM20333A Datasheet
541Kb / 22P
36V, 3A Synchronous Buck Regulator with Frequency Synchronization
LM20333AMH NSC-LM20333AMH Datasheet
541Kb / 22P
36V, 3A Synchronous Buck Regulator with Frequency Synchronization
More results


Similar Description - LM20333

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM20133 NSC-LM20133 Datasheet
710Kb / 22P
3A, PowerWise짰 Synchronous Buck Regulator with Input Synchronization
LM20133 NSC-LM20133_08 Datasheet
710Kb / 22P
3A, PowerWise짰 Synchronous Buck Regulator with Input Synchronization
LM20333 NSC-LM20333 Datasheet
520Kb / 20P
36V, 3A PowerWise짰 Synchronous Buck Regulator with Frequency Synchronization
LM20343 NSC-LM20343 Datasheet
546Kb / 20P
36V, 3A Adjustable Frequency Synchronous Buck Regulator
LM20333A NSC-LM20333A Datasheet
541Kb / 22P
36V, 3A Synchronous Buck Regulator with Frequency Synchronization
logo
Texas Instruments
LM20343 TI1-LM20343_14 Datasheet
1Mb / 30P
36V, 3A Adjustable Frequency Synchronous Buck Regulator
LM20333 TI1-LM20333_14 Datasheet
1Mb / 30P
3A Synchronous Buck Regulator with Frequency Synchronization
LM20133 TI-LM20133_15 Datasheet
1Mb / 29P
3A, PowerWise Synchronous Buck Regulator with Input Synchronization
LM20333 TI-LM20333_15 Datasheet
1Mb / 29P
LM20333 36V, 3A Synchronous Buck Regulator with Frequency Synchronization
LM20343 TI-LM20343_15 Datasheet
1Mb / 29P
LM20343 36V, 3A Adjustable Frequency Synchronous Buck Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com