Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM20343 Datasheet (PDF) - Texas Instruments

LM20343 Datasheet PDF - Texas Instruments
Part # LM20343
Download  LM20343 Download
File Size   1014.66 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM20343 36V, 3A Adjustable Frequency Synchronous Buck Regulator

LM20343 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM20343 Datasheet PDF - Texas Instruments

Part # LM20343
Download  LM20343 Click to download

File Size   1014.66 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM20343 36V, 3A Adjustable Frequency Synchronous Buck Regulator

LM20343 Datasheet (HTML) - Texas Instruments


LM20343 Product details

1FEATURES
2• 4.5V to 36V Input Voltage Range
• 3A Output Current, 5.2A Peak Current
• 130 mΩ/110 mΩ Integrated Power MOSFETs
• 94% Peak Efficiency with Synchronous
Rectification
• 1.5% Feedback Voltage Accuracy
• Current Mode Control, Selectable
Compensation
• Resistor Programmed, 1MHz Capable
Oscillator
• Adjustable Output Voltage Down to 0.8V
• Compatible with Pre-biased Loads
• Programmable Soft-start with External
Capacitor
• Precision Enable Pin with Hysteresis
• OVP, UVLO Inputs and PGOOD Output
• Internally Protected with Peak Current Limit,
Thermal Shutdown and Restart
• Accurate Current Limit Minimizes Inductor
Size
• Non-linear Current Mode Slope Compensation
• 20-Pin HTSSOP Exposed Pad Package

APPLICATIONS
• Simple to Design, High Efficiency Point of
Load Tegulation from a 4.5V to 36V Bus
• High Performance DSPs, FPGAs, ASICs and
Microprocessors
• Communications Infrastructure, Automotive

DESCRIPTION
The LM20343 is a full featured synchronous buck
regulator capable of delivering up to 3A of load
current. The current mode control loop is externally
compensated with only two components, offering both
high performance and ease of use. The device is
optimized to work over the input voltage range of
4.5V to 36V making it well suited for high voltage
systems.
The device features internal Over Voltage Protection
(OVP) and Over Current Protection (OCP) circuits for
increased system reliability. A precision Enable pin
and integrated UVLO allows the turn on of the device
to be tightly controlled and sequenced. Startup inrush
currents are limited by both an internally fixed and
externally adjustable soft-start circuit. Fault detection
and supply sequencing are possible with the
integrated power good (PGOOD) circuit.
The frequency of this device can be adjusted from
250 kHz to 1.0 MHz by connecting an external
resistor from the RT pin to ground.
The LM20343 is designed to work well in multi-rail
power supply architectures. The output voltage of the
device can be configured to track a higher voltage rail
using the SS/TRK pin. If the output of the LM20343 is pre-biased at startup it will not sink current to pull the
output low until the internal soft-start ramp exceeds
the voltage at the feedback pin.
The LM20343 is offered in an exposed pad 20-pin
HTSSOP package that can be soldered to the PCB,
eliminating the need for bulky heatsinks.




Similar Part No. - LM20343

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM20343 NSC-LM20343 Datasheet
546Kb / 20P
36V, 3A Adjustable Frequency Synchronous Buck Regulator
logo
Texas Instruments
LM20343 TI1-LM20343 Datasheet
1Mb / 30P
36V, 3A Adjustable Frequency Synchronous Buck Regulator
LM20343 TI-LM20343 Datasheet
1Mb / 29P
LM20343 36V, 3A Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20343MH NSC-LM20343MH Datasheet
546Kb / 20P
36V, 3A Adjustable Frequency Synchronous Buck Regulator
logo
Texas Instruments
LM20343MH/NOPB TI-LM20343MH/NOPB Datasheet
1Mb / 29P
LM20343 36V, 3A Adjustable Frequency Synchronous Buck Regulator
More results


Similar Description - LM20343

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM20242 NSC-LM20242 Datasheet
465Kb / 20P
36V, 2A PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20143 NSC-LM20143 Datasheet
703Kb / 20P
3A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20242 NSC-LM20242_08 Datasheet
466Kb / 20P
36V, 2A PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20343 NSC-LM20343 Datasheet
546Kb / 20P
36V, 3A Adjustable Frequency Synchronous Buck Regulator
LM20333A NSC-LM20333A Datasheet
541Kb / 22P
36V, 3A Synchronous Buck Regulator with Frequency Synchronization
logo
Texas Instruments
LM20143 TI1-LM20143_14 Datasheet
1Mb / 30P
3A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20343 TI1-LM20343_14 Datasheet
1Mb / 30P
36V, 3A Adjustable Frequency Synchronous Buck Regulator
LM20242 TI1-LM20242_14 Datasheet
1Mb / 28P
36V, 2A PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20333 TI-LM20333_15 Datasheet
1Mb / 29P
LM20333 36V, 3A Synchronous Buck Regulator with Frequency Synchronization
LM20343 TI-LM20343_15 Datasheet
1Mb / 29P
LM20343 36V, 3A Adjustable Frequency Synchronous Buck Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com