Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2733 Datasheet (PDF) - Texas Instruments

LM2733 Datasheet PDF - Texas Instruments
Part # LM2733
Download  LM2733 Download
File Size   1004.05 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2733 0.6- and 1.6-MHz Boost Converters With 40-V Internal FET Switch in SOT-23

LM2733 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2733 Datasheet PDF - Texas Instruments

Part # LM2733
Download  LM2733 Click to download

File Size   1004.05 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2733 0.6- and 1.6-MHz Boost Converters With 40-V Internal FET Switch in SOT-23

LM2733 Datasheet (HTML) - Texas Instruments


LM2733 Product details

1 Features
1• 40-V DMOS FET switch
• 1.6-MHz (“X”), 0.6 MHz (“Y”) Switching frequency
• Low RDS(ON) DMOS FET
• Switch current up to 1 A
• Wide input voltage 2.7 V to 14 V
• Low shutdown current (< 1 μA)
• 5-Pin SOT-23 package
• Uses tiny capacitors and inductors
• Cycle-by-cycle current limiting
• Internally compensated

2 Applications
• White LED current source
• PDAs and palm-top computers
• Digital cameras
• Portable phones and games
• Local boost regulator

3 Description
The LM2733 switching regulators are current-mode
boost converters operating fixed frequency of 1.6
MHz (“X” option) and 600 kHz (“Y” option).
The use of SOT-23 package, made possible by the
minimal power loss of the internal 1-A switch and use
of small inductors and capacitors, results in the
industry's highest power density. The 40-V internal
switch makes these solutions perfect for boosting to
voltages of 16 V or greater.
These parts have a logic-level shutdown pin that can
be used to reduce quiescent current and extend
battery life.
Protection is provided through cycle-by-cycle current
limiting and thermal shutdown. Internal compensation
simplifies design and reduces component count.




Similar Part No. - LM2733

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2733 NSC-LM2733 Datasheet
507Kb / 13P
0.6/1.6 MHz Boost Converters With 40V Internal FET
LM2733 NSC-LM2733 Datasheet
406Kb / 16P
0.6/1.6 MHz Boost Converters With 40V Internal FET Switch in SOT-23
logo
Texas Instruments
LM2733 TI-LM2733 Datasheet
1Mb / 22P
40V DMOS FET Switch, 1.6 MHz (?쏼??, 0.6 MHz (?쏽?? Switching Frequency
LM2733 TI-LM2733 Datasheet
1Mb / 22P
LM2733 0.6/1.6 MHz Boost Converters With 40V Internal FET Switch in SOT-23
LM2733 TI-LM2733 Datasheet
1Mb / 26P
0.6 and 1.6-MHz Boost Converters With 40-V Internal FET Switch in SOT-23
More results


Similar Description - LM2733

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2731 NSC-LM2731 Datasheet
528Kb / 16P
0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2731 NSC-LM2731_07 Datasheet
432Kb / 16P
0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2733 NSC-LM2733_07 Datasheet
406Kb / 16P
0.6/1.6 MHz Boost Converters With 40V Internal FET Switch in SOT-23
LM27313 NSC-LM27313_07 Datasheet
337Kb / 12P
1.6 MHz Boost Converter With 30V Internal FET Switch in SOT-23
logo
Texas Instruments
LM2731XMF_NOPB TI1-LM2731XMF_NOPB Datasheet
667Kb / 16P
LM2731 0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2733YMF-NOPB TI-LM2733YMF-NOPB Datasheet
1Mb / 22P
LM2733 0.6/1.6 MHz Boost Converters With 40V Internal FET Switch in SOT-23
LM2731YMFX TI-LM2731YMFX Datasheet
629Kb / 16P
LM2731 0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2731 TI1-LM2731_14 Datasheet
1Mb / 22P
0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2731 TI-LM2731_15 Datasheet
1Mb / 29P
0.6/1.6-MHz Boost Converters With 22-V Internal FET Switch in SOT-23
LM2733 TI-LM2733_15 Datasheet
1Mb / 26P
0.6 and 1.6-MHz Boost Converters With 40-V Internal FET Switch in SOT-23
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com