Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2742 Datasheet (PDF) - Texas Instruments

LM2742 Datasheet PDF - Texas Instruments
Part # LM2742
Download  LM2742 Download
File Size   1035.09 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2742 N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages

LM2742 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2742 Datasheet PDF - Texas Instruments

Part # LM2742
Download  LM2742 Click to download

File Size   1035.09 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2742 N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages

LM2742 Datasheet (HTML) - Texas Instruments


LM2742 Product details

1FEATURES
2• Input Power from 1V to 16V
• Output Voltage Adjustable down to 0.6V
• Power Good Flag, Adjustable Soft-start and
Output Enable for Easy Power Sequencing
• Reference Accuracy: 1.5% (0°C–125°C)
• Current Limit Without Sense Resistor
• Soft Start
• Switching Frequency from 50 kHz to 2 MHz
• 40ns Typical Minimum On-time
• TSSOP-14 Package

APPLICATIONS
• POL Power Supply Modules
• Cable Modems non•
Set-Top Boxes/ Home Gateways
• DDR Core Power
• High-Efficiency Distributed Power
• Local Regulation of Core Power

DESCRIPTION
The LM2742 is a high-speed, synchronous, switching
regulator controller. It is intended to control currents
of 0.7A to 20A with up to 95% conversion efficiencies.
Power up and down sequencing is achieved with the
power-good flag, adjustable soft-start and output
enable features. The LM2742 operates from a lowcurrent
5V bias and can convert from a 1V to 16V
power rail. The part utilizes a fixed-frequency,
voltage-mode, PWM control architecture and the
switching frequency is adjustable from 50kHz to
2MHz by setting the value of an external resistor. Current limit is achieved by monitoring the voltage
drop across the on-resistance of the low-side
MOSFET, which enables on-times on the order of
40ns, one of the best in the industry. The wide range
of operating frequencies gives the power supply designer the flexibility to fine-tune component size,
cost, noise and efficiency. The adaptive, non•
overlapping MOSFET gate-drivers and high-side
bootstrap structure helps to further maximize
efficiency. The high-side power FET drain voltage can
be from 1V to 16V and the output voltage is
adjustable down to 0.6V.




Similar Part No. - LM2742

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2742 NSC-LM2742 Datasheet
619Kb / 22P
N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
logo
Texas Instruments
LM2742 TI-LM2742 Datasheet
1Mb / 33P
N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
LM2742MTC/NOPB TI-LM2742MTC/NOPB Datasheet
1Mb / 33P
N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
LM2742MTCX/NOPB TI-LM2742MTCX/NOPB Datasheet
1Mb / 33P
N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
LM2742 TI-LM2742_15 Datasheet
1Mb / 33P
N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
More results


Similar Description - LM2742

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2727 NSC-LM2727 Datasheet
602Kb / 22P
N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
LM2742 NSC-LM2742 Datasheet
619Kb / 22P
N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
LM3743 NSC-LM3743 Datasheet
1Mb / 23P
N-Channel FET Synchronous Buck Controller for Low Output Voltages
logo
Winbond
W83320S WINBOND-W83320S Datasheet
506Kb / 18P
N-Channel FET Synchronous Buck Regulator Controller
W83321S WINBOND-W83321S Datasheet
795Kb / 18P
N-Channel FET Synchronous Buck Regulator Controller
logo
Texas Instruments
LM2737MTCX TI-LM2737MTCX Datasheet
1Mb / 31P
LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output
LM2727 TI-LM2727_15 Datasheet
1Mb / 32P
LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
LM2742 TI-LM2742_15 Datasheet
1Mb / 33P
N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
LM2727 TI1-LM2727_16 Datasheet
1Mb / 32P
LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
logo
Nuvoton Technology Corp...
W83321S NUVOTON-W83321S Datasheet
571Kb / 18P
N-Channel FET Synchronous Buck Regulator Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com