Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3631 Datasheet (PDF) - Texas Instruments

LM3631 Datasheet PDF - Texas Instruments
Part # LM3631
Download  LM3631 Download
File Size   1012.52 Kbytes
Page   56 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3631 Complete LCD Backlight and Bias Power

LM3631 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM3631 Datasheet PDF - Texas Instruments

Part # LM3631
Download  LM3631 Click to download

File Size   1012.52 Kbytes
Page   56 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3631 Complete LCD Backlight and Bias Power

LM3631 Datasheet (HTML) - Texas Instruments


LM3631 Product details

1 Features
1• Drives up to Two Strings with Maximum of Eight
LEDs in Series
– Integrated Backlight Boost with 29-V Maximum
Output Voltage
– Two Low-Side Constant-Current LED Drivers
with 25-mA Maximum Output Current
• Backlight Efficiency Up to 90%
• 11-Bit Linear or Exponential Dimming with up to
17-Bit Output Resolution
• External PWM Input for CABC Backlight
Operation
• LCD Bias Efficiency > 85%
• Programmable Positive LCD bias, 4-V to 6-V,
100-mA Maximum Output Current
• Programmable Negative LCD bias, –4-V to –6-V,
80-mA Maximum Output Current
• Two Positive Programmable LDO Reference
Outputs
– 4-V to 6-V, 50-mA Maximum Output Current
– 1.8-V to 3.3-V, 80-mA Maximum Output
Current
• 2.7-V to 5-V Input Voltage Range

2 Applications
Mobile Device LCD Backlighting and Bias

3 Description
The LM3631 is a complete LCD backlight and bias
power solution for mobile devices. This one-chip
solution has an integrated high-efficiency backlight
LED driver and positive/negative bias supplies for
LCD drivers addressing the power requirements of
high-definition LCDs. Integrated solution allows small
solution size while still maintaining high performance.
Capable of driving up to 16 LEDs, the LM3631 is
ideal for small- to medium-size displays. Two
additional programmable LDO regulator outputs can be used to power display controller, LCD gamma
reference, or any additional peripherals.
A high level of integration and programmability allows
the LM3631 to address a variety of applications
without the need for hardware changes. Voltage
levels, backlight configuration, and power sequences
are all configurable through I2C interface.




Similar Part No. - LM3631

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3631 TI1-LM3631 Datasheet
1Mb / 57P
Complete LCD Backlight and Bias Power
LM3631YFFR TI1-LM3631YFFR Datasheet
1Mb / 57P
Complete LCD Backlight and Bias Power
More results


Similar Description - LM3631

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7680 SIPEX-SP7680 Datasheet
450Kb / 16P
Complete Backlight Solution
logo
Diodes Incorporated
ZXNB4202 DIODES-ZXNB4202 Datasheet
48Kb / 3P
SINGLE LNB - COMPLETE BIAS, CONTROL AND POWER MANAGEMENT SOLUTION
DS32071 Rev. 2 - 5
ZXNB4204 DIODES-ZXNB4204 Datasheet
52Kb / 3P
SINGLE LNB - COMPLETE BIAS, CONTROL AND POWER MANAGEMENT SOLUTION
Rev 2
logo
Texas Instruments
TPS65142 TI1-TPS65142 Datasheet
2Mb / 32P
LCD Bias Power Integrated with WLED Backlight Drivers
logo
Diodes Incorporated
ZXNB4204WV DIODES-ZXNB4204WV Datasheet
52Kb / 3P
SINGLE LNB - COMPLETE BIAS, CONTROL AND POWER MANAGEMENT SOLUTION
Rev 2
ZXNB4202WV DIODES-ZXNB4202WV Datasheet
48Kb / 3P
SINGLE LNB - COMPLETE BIAS, CONTROL AND POWER MANAGEMENT SOLUTION
Rev 2
logo
Texas Instruments
LM36272 TI1-LM36272 Datasheet
695Kb / 9P
Integrated Backlight Driver With Integrated LCD Bias
LM36273 TI1-LM36273 Datasheet
695Kb / 9P
Integrated Backlight Driver With Integrated LCD Bias
LM36274 TI1-LM36274 Datasheet
696Kb / 9P
Integrated Backlight Driver With Integrated LCD Bias
LM3631 TI1-LM3631 Datasheet
1Mb / 57P
Complete LCD Backlight and Bias Power
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com