Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3633 Datasheet (PDF) - Texas Instruments

LM3633 Datasheet PDF - Texas Instruments
Part # LM3633
Download  LM3633 Download
File Size   1076.53 Kbytes
Page   58 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3633 Complete Lighting Power Solution for Smartphone Handsets

LM3633 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM3633 Datasheet PDF - Texas Instruments

Part # LM3633
Download  LM3633 Click to download

File Size   1076.53 Kbytes
Page   58 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3633 Complete Lighting Power Solution for Smartphone Handsets

LM3633 Datasheet (HTML) - Texas Instruments


LM3633 Product details

1 Features
1• Drives Three Parallel High-Voltage LED Strings
for Display and Keypad Lighting
• High-Voltage Strings Capable of up to 40-V
Output Voltage and up to 90% Efficiency
• Up to 30-mA per Current Sink (Both Backlight and
Indicator)
• 11-Bit High-Voltage LED Dimming
• PWM Input for Content Adjustable Brightness
Control (CABC)
• Integrated 1-A/40-V MOSFET
• Adaptive Boost Output to LED Voltages
• Six Low-Voltage Current Sinks for Indicator LEDs
• Integrated Charge Pump for Improved Efficiency
and V IN Operating Range
• Internal Pattern Generation Engine for Each
Indicator LED
• Fully Configurable LED Grouping and Control
• Four Programmable Overvoltage Protection
Thresholds (16 V, 24 V, 32 V, and 40 V)
• Programmable 500-kHz and 1-MHz Switching
Frequency
• Overcurrent Protection
• Thermal Shutdown Protection
• 27 mm2 Total Solution Size

2 Applications
• Power Source for Smart Phone Illumination
• Display, Keypad and Indicator Illumination
• RGB Indicator Driver

3 Description
The LM3633 11-bit LED driver provides high-
performance backlight dimming for 1, 2, or 3 parallel
high-voltage LED strings while delivering up to 90%
efficiency. The boost converter with integrated 1-A,
40-V MOSFET automatically adjusts to LED forward
voltage to minimize headroom voltage and effectively
improve LED efficiency.
The LM3633 is a complete power source for
backlight, keypad, and indicator LEDs in smartphone
handsets. The high-voltage inductive boost converter
provides the power for three parallel LED strings (HVLED1, HVLED2 and HVLED3). The integrated
charge pump provides the bias for the six low-voltage
indicator LEDs (LVLED1-LVLED6). All low-voltage
current sinks can have a programmable pattern
modulated onto their output current for a wide variety
of blinking patterns.
An additional feature is a Pulse Width Modulation
(PWM) control input for content adjustable backlight
control, which can be used to control any high-
voltage current sink.
The LM3633 is fully programmable via an I2C-
compatible interface. The device operates over a 2.7-
V to 5.5-V input voltage range and a −40°C to 85°C
temperature range.




Similar Part No. - LM3633

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3633 TI1-LM3633 Datasheet
1Mb / 59P
Complete Lighting Power Solution for Smartphone Handsets
LM3633YFQR TI1-LM3633YFQR Datasheet
1Mb / 59P
Complete Lighting Power Solution for Smartphone Handsets
LM3633YFQT TI1-LM3633YFQT Datasheet
1Mb / 59P
Complete Lighting Power Solution for Smartphone Handsets
More results


Similar Description - LM3633

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SC14402 NSC-SC14402 Datasheet
78Kb / 7P
Complete Baseband Processor for DECT Handsets
SC14404 NSC-SC14404 Datasheet
175Kb / 6P
Complete Baseband Processor for DECT Handsets
SC14408 NSC-SC14408 Datasheet
95Kb / 5P
Complete Baseband Processor for DECT Handsets
logo
Semtech Corporation
SC2616 SEMTECH-SC2616 Datasheet
414Kb / 17P
Complete DDR Power Solution
SC2615 SEMTECH-SC2615 Datasheet
216Kb / 13P
Complete DDR Power Solution
SC2616 SEMTECH-SC2616_03 Datasheet
325Kb / 16P
Complete DDR Power Solution
logo
Texas Instruments
LM3533 TI1-LM3533 Datasheet
2Mb / 53P
Complete Lighting Power Solution for Smartphone Handsets
LM3533 TI1-LM3533_15 Datasheet
1Mb / 63P
Complete Lighting Power Solution for Smartphone Handsets
LM3633 TI1-LM3633 Datasheet
1Mb / 59P
Complete Lighting Power Solution for Smartphone Handsets
TPS65295 TI1-TPS65295 Datasheet
1Mb / 39P
complete DDR4 memory power solution
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com