Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3697YFQR Datasheet (PDF) - Texas Instruments

LM3697YFQR Datasheet PDF - Texas Instruments
Part # LM3697YFQR
Download  LM3697YFQR Download
File Size   1060.81 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3697 High-efficiency three-string white LED driver

LM3697YFQR Datasheet (PDF)

Go To PDF Page Download Datasheet
LM3697YFQR Datasheet PDF - Texas Instruments

Part # LM3697YFQR
Download  LM3697YFQR Click to download

File Size   1060.81 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3697 High-efficiency three-string white LED driver

LM3697YFQR Datasheet (HTML) - Texas Instruments


LM3697YFQR Product details

1 Features
1• Drives three parallel high-voltage led strings for
display and keypad lighting
• High-voltage strings capable of up to 40-V output
voltage and up to 90% efficiency
• Up to 30 mA per current sink
• 11-Bit configurable dimming resolution
• PWM input for content adjustable brightness
control (CABC)
• Fully configurable LED grouping and control
• Integrated 1-A/40-V MOSFET
• Adaptive boost output to LED voltages
• Selectable 500-kHz and 1-MHz switching
frequency
• Four configurable overvoltage protection
thresholds (16 V, 24 V, 32 V, and 40 V)
• Overcurrent protection
• Thermal shutdown protection
• 29-mm2 Total solution size

2 Applications
• Power source for smart phone illumination
• Display, keypad, and indicator illumination

3 Description
The LM3697 11-bit LED driver provides highperformance
backlight dimming for 1, 2, or 3 series
LED strings while delivering up to 90% efficiency. The
boost converter with integrated 1-A, 40-V MOSFET
automatically adjusts to LED forward voltage to
minimize headroom voltage and effectively improve
LED efficiency.
The LM3697 is a high-efficiency three-string power
source for backlight or keypad LEDs in smart-phone
handsets. The high-voltage inductive boost converter
provides the power for three-series LED strings for
display backlight and keypad functions (HVLED1,
HVLED2, and HVLED3).
An additional feature is a pulse width modulation
(PWM) control input for content adjustable backlight
control, which can be used to control any highvoltage
current sink.
The LM3697 is fully configurable via an I2Ccompatible
interface. The device operates over a
2.7-V to 5.5-V input voltage range and a −40°C to
+85°C temperature range.




Similar Part No. - LM3697YFQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3697YFQR TI1-LM3697YFQR Datasheet
1Mb / 36P
High-Efficiency Three-String White LED Driver
LM3697YFQR TI1-LM3697YFQR Datasheet
1Mb / 43P
High-Efficiency Three-String White LED Driver
More results


Similar Description - LM3697YFQR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADD5205 AD-ADD5205 Datasheet
441Kb / 16P
Four-String White LED Driver
REV. 0
ADD5207 AD-ADD5207 Datasheet
428Kb / 16P
Four-String, White LED Driver
REV. A
logo
Texas Instruments
LM3630A TI-LM3630A Datasheet
520Kb / 45P
LM3630A High-Efficiency Dual-String White LED Driver
LM3697 TI1-LM3697 Datasheet
1Mb / 36P
High-Efficiency Three-String White LED Driver
LM3697 TI1-LM3697 Datasheet
1Mb / 36P
High-Efficiency Three-String White LED Driver
LM3630A TI1-LM3630A_15 Datasheet
1Mb / 51P
High-Efficiency Dual-String White LED Driver
LM3697 TI1-LM3697_15 Datasheet
1Mb / 43P
High-Efficiency Three-String White LED Driver
logo
Eutech Microelectronics...
EUP2990 EUTECH-EUP2990 Datasheet
681Kb / 1P
6 String White LED Driver
logo
Silicon Mitus, Inc.
SM5306 SILICONMITUS-SM5306 Datasheet
293Kb / 1P
High-Efficiency Dual-String with up to 10-WLED White LED Driver
August 2018 Rev. 0.0.0
SM5350 SILICONMITUS-SM5350 Datasheet
215Kb / 1P
High-Efficiency Three-String with up to 10-WLED White LED Driver
August 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com