Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4121 Datasheet (PDF) - Texas Instruments

LM4121 Datasheet PDF - Texas Instruments
Part # LM4121
Download  LM4121 Download
File Size   1059.35 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4121 Precision Micropower Low Dropout Voltage Reference

LM4121 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM4121 Datasheet PDF - Texas Instruments

Part # LM4121
Download  LM4121 Click to download

File Size   1059.35 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4121 Precision Micropower Low Dropout Voltage Reference

LM4121 Datasheet (HTML) - Texas Instruments


LM4121 Product details

1FEATURES (LM4121-1.2)
2• Small SOT23-5 Package
• Low Voltage Operation
• High Output Voltage Accuracy: 0.2%
• Source and Sink Current Output: ±5 mA
• Supply current: 160 μA Typ.
• Low Temperature Coefficient: 50 ppm/°C
• Enable Pin
• Output Voltages: 1.25V and Adjustable
• Industrial Temperature Range: −40°C to +85°C
• (For Extended Temperature Range, −40°C to
125°C, Contact Texas Instruments)

APPLICATIONS
• Portable, Battery Powered Equipment
• Instrumentation and Process Control
• Automotive & Industrial
• Test Equipment
• Data Acquisition Systems
• Precision Regulators
• Battery Chargers
• Base Stations
• Communications
• Medical Equipment

DESCRIPTION
The LM4121 is a precision bandgap voltage reference available in a fixed 1.25V and adjustable
version with up to 5 mA current source and sink
capability.
This series reference operates with input voltages as
low as 1.8V and up to 12V consuming 160 μA (Typ.)
supply current. In power down mode, device current drops to less than 2 μA.
The LM4121 comes in two grades A and Standard.
The best grade devices (A) have an initial accuracy of
0.2%, while the standard have an initial accuracy of
0.5%, both with a tempco of 50ppm/°C ensured from
−40°C to +125°C.
The very low operating voltage, low supply current
and power-down capability of the LM4121 makes this
product an ideal choice for battery powered and
portable applications.
The device performance is ensured over the industrial
temperature range (−40°C to +85°C), while certain
specs are ensured over the extended temperature
range (−40°C to +125°C). Please contact Texas
Instruments for full specifications over the extended
temperature range. The LM4121 is available in a
standard 5-pin SOT-23 package.




Similar Part No. - LM4121

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4121 NSC-LM4121 Datasheet
436Kb / 16P
Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4121 TI-LM4121 Datasheet
1Mb / 22P
LM4121 Precision Micropower Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4121AI-4.1 NSC-LM4121AI-4.1 Datasheet
1Mb / 41P
Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
LM4121AIM5-1.2 NSC-LM4121AIM5-1.2 Datasheet
436Kb / 16P
Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4121AIM5-1.2/NOPB TI-LM4121AIM5-1.2/NOPB Datasheet
1Mb / 22P
LM4121 Precision Micropower Low Dropout Voltage Reference
More results


Similar Description - LM4121

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4120 NSC-LM4120 Datasheet
289Kb / 11P
Precision Micropower Low Dropout Voltage Reference
LM4121 NSC-LM4121 Datasheet
436Kb / 16P
Precision Micropower Low Dropout Voltage Reference
LM4130 NSC-LM4130 Datasheet
264Kb / 12P
Precision Micropower Low Dropout Voltage Reference
logo
Maxim Integrated Produc...
MAX6034 MAXIM-MAX6034 Datasheet
322Kb / 13P
Precision, Micropower, Low-Dropout, SC70 Series Voltage Reference
Rev 0; 4/02
logo
National Semiconductor ...
LM4125 NSC-LM4125 Datasheet
300Kb / 12P
Precision Micropower Low Dropout Voltage Reference
LM4120 NSC-LM4120_05 Datasheet
721Kb / 12P
Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4120 TI-LM4120_15 Datasheet
1Mb / 26P
LM4120 Precision Micropower Low Dropout Voltage Reference
LM4121 TI-LM4121_15 Datasheet
1Mb / 22P
LM4121 Precision Micropower Low Dropout Voltage Reference
LM4125 TI-LM4125_15 Datasheet
988Kb / 18P
Precision Micropower Low Dropout Voltage Reference
LM4120 TI1-LM4120 Datasheet
1Mb / 26P
Precision Micropower Low Dropout Voltage Reference
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com