Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4132 Datasheet (PDF) - Texas Instruments

LM4132 Datasheet PDF - Texas Instruments
Part # LM4132
Download  LM4132 Download
File Size   1049.96 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4132, LM4132-Q1 SOT-23 Precision Low Dropout Voltage Reference

LM4132 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM4132 Datasheet PDF - Texas Instruments

Part # LM4132
Download  LM4132 Click to download

File Size   1049.96 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4132, LM4132-Q1 SOT-23 Precision Low Dropout Voltage Reference

LM4132 Datasheet (HTML) - Texas Instruments


LM4132 Product details

1 Features
1• Qualified for Automotive Applications
• AEC-Q100 Qualified With the Following Results:
– Device Temperature Grade 1: –40ºC to
+125ºC Ambient Operating Temperature
Range
– Device HBM ESD Classification Level 2
• Output Initial Voltage Accuracy: 0.05%
• Low Temperature Coefficient: 10 ppm/°C
• Low Supply Current: 60 μA
• Enable Pin Allowing a 3-μA Shutdown Mode
• 20-mA Output Current
• Voltage Options: 1.8 V, 2.048 V, 2.5 V, 3 V,
3.3 V, 4.096 V
• Custom Voltage Options Available
(1.8 V to 4.096 V)
• VIN Range of VREF + 400 mV to 5.5 V at 10 mA
• Stable With Low-ESR Ceramic Capacitors

2 Applications
• Instrumentation and Process Control
• Test Equipment
• Data Acquisition Systems
• Base Stations
• Servo Systems
• Portable, Battery-Powered Equipment
• Automotive and Industrial
• Precision Regulators
• Battery Chargers
• Communications
• Medical Equipment

3 Description
The LM4132 family of precision voltage references
performs comparable to the best laser-trimmed
bipolar references, but in cost-effective CMOS
technology. The key to this breakthrough is the use of
EEPROM registers for correction of curvature,
temperature coefficient (tempco), and accuracy on a
CMOS band-gap architecture allowing package-level
programming to overcome assembly shift. The shifts
in voltage accuracy and tempco during assembly of
die into plastic packages limit the accuracy of
references trimmed with laser techniques.
Unlike other LDO references, the LM4132 can deliver
up to 20 mA and does not require an output capacitor
or buffer amplifier. These advantages along with the
SOT-23 packaging are important for space-critical
applications.
Series references provide lower power consumption
than shunt references, because they do not have to
idle the maximum possible load current under no-load
conditions. This advantage, the low quiescent current
(60 μA), and the low dropout voltage (400 mV) make
the LM4132 ideal for battery-powered solutions.
The LM4132 is available in five grades (A, B, C, D
and E) for greater flexibility. The best grade devices
(A) have an initial accuracy of 0.05% with a specified
temperature coefficient of 10 ppm/°C or less, while
the lowest grade devices (E) have an initial accuracy
of 0.5% and a tempco of 30 ppm/°C.




Similar Part No. - LM4132

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4132 NSC-LM4132 Datasheet
863Kb / 15P
SOT-23 Precision Low Dropout Voltage Reference
LM4132 NSC-LM4132 Datasheet
1Mb / 20P
SOT-23 Precision Low Dropout Voltage Reference
logo
Texas Instruments
LM4132 TI-LM4132 Datasheet
1Mb / 38P
LM4132 SOT-23 Precision Low Dropout Voltage Reference
LM4132 TI1-LM4132 Datasheet
1Mb / 41P
Precision Low Dropout Voltage Reference
LM4132 TI1-LM4132 Datasheet
1Mb / 40P
LM4132, LM4132-Q1 SOT-23 Precision Low Dropout Voltage Reference
More results


Similar Description - LM4132

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4132 NSC-LM4132 Datasheet
863Kb / 15P
SOT-23 Precision Low Dropout Voltage Reference
LM4132 NSC-LM4132_06 Datasheet
1Mb / 20P
SOT-23 Precision Low Dropout Voltage Reference
logo
Linear Technology
LT1790 LINER-LT1790 Datasheet
297Kb / 24P
Micropower SOT-23 Low Dropout Reference Family
logo
Texas Instruments
LM4132 TI-LM4132 Datasheet
1Mb / 38P
LM4132 SOT-23 Precision Low Dropout Voltage Reference
logo
Linear Technology
LT1790BIS6-2.5TRPBF LINER-LT1790BIS6-2.5TRPBF Datasheet
325Kb / 26P
Micropower SOT-23 Low Dropout Reference Family
LT1790BCS6 LINER-LT1790BCS6 Datasheet
325Kb / 26P
Micropower SOT-23 Low Dropout Reference Family
LT1790 LINER-LT1790_15 Datasheet
325Kb / 26P
Micropower SOT-23 Low Dropout Reference Family
logo
Texas Instruments
LM4132 TI-LM4132_15 Datasheet
1Mb / 37P
LM4132/LM4132-Q1 SOT-23 Precision Low Dropout Voltage Reference
LM4132 TI1-LM4132_16 Datasheet
1Mb / 40P
LM4132, LM4132-Q1 SOT-23 Precision Low Dropout Voltage Reference
LM4132_016 TI1-LM4132_016 Datasheet
784Kb / 36P
SOT-23 Precision Low Dropout Voltage Reference
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com