Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5025A Datasheet (PDF) - Texas Instruments

LM5025A Datasheet PDF - Texas Instruments
Part # LM5025A
Download  LM5025A Download
File Size   1047.16 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5025A Active Clamp Voltage Mode PWM Controller

LM5025A Datasheet (PDF)

Go To PDF Page Download Datasheet
LM5025A Datasheet PDF - Texas Instruments

Part # LM5025A
Download  LM5025A Click to download

File Size   1047.16 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5025A Active Clamp Voltage Mode PWM Controller

LM5025A Datasheet (HTML) - Texas Instruments


LM5025A Product details

1 Features
1• Internal Start-Up Bias Regulator
• 3-A Compound Main Gate Driver
• Programmable Line Undervoltage Lockout (UVLO)
With Adjustable Hysteresis
• Voltage Mode Control With Feedforward
• Adjustable Dual Mode Overcurrent Protection
• Programmable Overlap or Dead Time Between
the Main and Active Clamp Outputs
• Volt × Second Clamp
• Programmable Soft Start
• Leading Edge Blanking
• Single Resistor Programmable Oscillator
• Oscillator UP and DOWN Sync Capability
• Precision 5-V Reference
• Thermal Shutdown
• Packages:
– 16-Pin TSSOP
– Thermally Enhanced 16-Pin WSON
(5 mm × 5 mm)

2 Applications
• Server Power Supplies
• 48-V Telecom Power Supplies
• 42-V Automotive Applications
• High-Efficiency DC-to-DC Power Supplies

3 Description
The LM5025A is a functional variant of the LM5025
active clamp PWM controller. The functional
differences of the LM5025A are that the CS1 and
CS2 current limit thresholds have been increased to
0.5 V, the internal CS2 filter discharge device has
been disabled and no longer operates each clock
cycle, and the internal VCC and VREF regulators
continue to operate when the line UVLO pin is below
threshold.
The LM5025A PWM controller contains all of the
features necessary to implement power converters
using the Active Clamp / Reset technique. With the
active clamp technique, higher efficiencies and
greater power densities can be realized compared to
conventional catch winding or RDC clamp / reset
techniques. Two control outputs are provided: the
main power switch control (OUT_A) and the active
clamp switch control (OUT_B). The two internal
compound gate drivers parallel both MOS and bipolar
devices, providing superior gate drive characteristics.
This controller is designed for high-speed operation
including an oscillator frequency range up to 1 MHz
and total PWM and current sense propagation delays
less than 100 ns. The LM5025A includes a highvoltage
start-up regulator that operates over a wide
input range of 13 V to 90 V. Additional features
include: line undervoltage lockout (UVLO), soft start,
oscillator UP and DOWN sync capability, precision
reference, and thermal shutdown.




Similar Part No. - LM5025A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5025A NSC-LM5025A Datasheet
698Kb / 16P
Active Clamp Voltage Mode PWM Controller
logo
Texas Instruments
LM5025A TI1-LM5025A Datasheet
1Mb / 22P
Active Clamp Voltage Mode PWM Controller
LM5025A TI1-LM5025A Datasheet
1Mb / 23P
Active Clamp Voltage Mode PWM Controller
logo
National Semiconductor ...
LM5025AMTC NSC-LM5025AMTC Datasheet
698Kb / 16P
Active Clamp Voltage Mode PWM Controller
logo
Texas Instruments
LM5025AMTC/NOPB TI1-LM5025AMTC/NOPB Datasheet
1Mb / 23P
Active Clamp Voltage Mode PWM Controller
More results


Similar Description - LM5025A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5025 NSC-LM5025 Datasheet
316Kb / 16P
Active Clamp Voltage Mode PWM Controller
LM5025A NSC-LM5025A Datasheet
698Kb / 16P
Active Clamp Voltage Mode PWM Controller
LM5025B NSC-LM5025B Datasheet
708Kb / 16P
Active Clamp Voltage Mode PWM Controller
LM5025C NSC-LM5025C Datasheet
378Kb / 16P
Active Clamp Voltage Mode PWM Controller
logo
Texas Instruments
LM5025D TI-LM5025D_15 Datasheet
709Kb / 31P
Active Clamp Voltage Mode PWM Controller
LM5025 TI-LM5025_15 Datasheet
1Mb / 23P
Active Clamp Voltage Mode PWM Controller
LM5025A TI-LM5025A_15 Datasheet
1Mb / 23P
Active Clamp Voltage Mode PWM Controller
LM5025 TI1-LM5025_16 Datasheet
1Mb / 32P
Active Clamp Voltage Mode PWM Controller
LM5025A TI1-LM5025A Datasheet
1Mb / 23P
Active Clamp Voltage Mode PWM Controller
LM5025B TI1-LM5025B Datasheet
1Mb / 24P
Active Clamp Voltage Mode PWM Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com