Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7712 Datasheet (PDF) - Texas Instruments

LMP7712 Datasheet PDF - Texas Instruments
Part # LMP7712
Download  LMP7712 Download
File Size   1025.45 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers

LMP7712 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMP7712 Datasheet PDF - Texas Instruments

Part # LMP7712
Download  LMP7712 Click to download

File Size   1025.45 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers

LMP7712 Datasheet (HTML) - Texas Instruments


LMP7712 Product details

1FEATURES
23• Unless Otherwise Noted, Typical Values at VS = 5V.
• Input Offset Voltage ±150 μV (Max)
• Input Bias Current 100 fA
• Input Voltage Noise 5.8 nV/√Hz
• Gain Bandwidth Product 17 MHz
• Supply Current (LMP7711) 1.15 mA
• Supply Current (LMP7712) 1.30 mA
• Supply Voltage Range 1.8V to 5.5V
• THD+N @ f = 1 kHz 0.001%
• Operating Temperature Range −40°C to 125°C
• Rail-to-rail Output Swing
• Space Saving SOT Package (LMP7711)
• 10-pin VSSOP Package (LMP7712)

APPLICATIONS
• Active Filters and Buffers
• Sensor Interface Applications
• Transimpedance Amplifiers

DESCRIPTION
The LMP7711/LMP7712 are single and dual low
noise, low offset, CMOS input, rail-to-rail output
precision amplifiers with a high gain bandwidth
product and an enable pin. The LMP7711/LMP7712
are part of the LMP™ precision amplifier family and
are ideal for a variety of instrumentation applications.
Utilizing a CMOS input stage, the LMP7711/LMP7712
achieve an input bias current of 100 fA, an input
referred voltage noise of 5.8 nV/√Hz, and an input
offset voltage of less than ±150 μV. These features
make the LMP7711/LMP7712 superior choices for
precision applications.
Consuming only 1.15 mA of supply current, the
LMP7711 offers a high gain bandwidth product of 17
MHz, enabling accurate amplification at high closed
loop gains.
The LMP7711/LMP7712 have a supply voltage range
of 1.8V to 5.5V, which makes these ideal choices for portable low power applications with low supply
voltage requirements. In order to reduce the already
low power consumption the LMP7711/LMP7712 have
an enable function. Once in shutdown, the
LMP7711/LMP7712 draw only 140 nA of supply
current.
The LMP7711/LMP7712 are built with TI's advanced
VIP50 process technology. The LMP7711 is offered
in a 6-pin SOT package and the LMP7712 is offered
in a 10-pin VSSOP.




Similar Part No. - LMP7712

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP7712 NSC-LMP7712 Datasheet
1Mb / 18P
Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
LMP7712MM NSC-LMP7712MM Datasheet
1Mb / 18P
Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
logo
Texas Instruments
LMP7712MM/NOPB TI1-LMP7712MM/NOPB Datasheet
968Kb / 26P
Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
LMP7712MME/NOPB TI1-LMP7712MME/NOPB Datasheet
968Kb / 26P
Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
logo
National Semiconductor ...
LMP7712MMX NSC-LMP7712MMX Datasheet
1Mb / 18P
Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
More results


Similar Description - LMP7712

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP7711 NSC-LMP7711 Datasheet
532Kb / 5P
Precision, 17 MHz, Low Noise, CMOS Input Amplifier
LMP7712 NSC-LMP7712 Datasheet
1Mb / 18P
Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
LMP7715 NSC-LMP7715 Datasheet
1Mb / 18P
Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
logo
Texas Instruments
SM73304 TI1-SM73304 Datasheet
1Mb / 22P
Dual and Single Precision, 17 MHz, Low Noise, CMOS Input Amplifiers with Enable
SM73307 TI1-SM73307 Datasheet
970Kb / 20P
SM73307 Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifier
LMP7712 TI-LMP7712_15 Datasheet
918Kb / 26P
Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
LMP7715 TI-LMP7715_15 Datasheet
1Mb / 27P
Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
LMP7716 TI-LMP7716_15 Datasheet
1Mb / 27P
Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
SM73307 TI-SM73307_15 Datasheet
961Kb / 25P
Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifier
LMP7711 TI1-LMP7711 Datasheet
968Kb / 26P
Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com